データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CXA2590-0000-000R00AD40F データシート(PDF) 8 Page - Cree, Inc

部品番号 CXA2590-0000-000R00AD40F
部品情報  Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CREE [Cree, Inc]
ホームページ  http://www.cree.com/
Logo CREE - Cree, Inc

CXA2590-0000-000R00AD40F データシート(HTML) 8 Page - Cree, Inc

Back Button CXA2590-0000-000R00AD40F Datasheet HTML 4Page - Cree, Inc CXA2590-0000-000R00AD40F Datasheet HTML 5Page - Cree, Inc CXA2590-0000-000R00AD40F Datasheet HTML 6Page - Cree, Inc CXA2590-0000-000R00AD40F Datasheet HTML 7Page - Cree, Inc CXA2590-0000-000R00AD40F Datasheet HTML 8Page - Cree, Inc CXA2590-0000-000R00AD40F Datasheet HTML 9Page - Cree, Inc CXA2590-0000-000R00AD40F Datasheet HTML 10Page - Cree, Inc CXA2590-0000-000R00AD40F Datasheet HTML 11Page - Cree, Inc CXA2590-0000-000R00AD40F Datasheet HTML 12Page - Cree, Inc Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 16 page
background image
Copyright © 2014 Cree, Inc. All rights reserved. The information in this document is subject to change without notice. Cree®, the Cree logo, XLamp® and EasyWhite® are registered
trademarks of Cree, Inc.
8
XLamp CXa2590 LED
tyPical sPatial distribution
Performance grouPs - brightness (i
f = 1200 ma, tJ = 85 °c)
XLampCXA2590LEDsaretestedforluminousfluxandplacedintooneofthefollowingbins.
group code
min. luminous flux
@ 1200 ma
max. luminous flux
@ 1200 ma
X2
5,590
6,010
X4
6,010
6,430
Y2
6,430
6,910
Y4
6,910
7,390
Z2
7,390
7,945
Z4
7,945
8,500
AB
8,500
9,000
AD
9,000
9,500
BB
9,500
10,000
BD
10,000
11,000
CB
11,000
12,000
Far Field
0%
20%
40%
60%
80%
100%
-90
-70
-50
-30
-10
10
30
50
70
90
Angle (º)


同様の部品番号 - CXA2590-0000-000R00AD40F

メーカー部品番号データシート部品情報
logo
Sony Corporation
CXA2596 SONY-CXA2596 Datasheet
278Kb / 17P
   RF Amplifier for CD Players
CXA2596M SONY-CXA2596M Datasheet
278Kb / 17P
   RF Amplifier for CD Players
CXA2598M SONY-CXA2598M Datasheet
71Kb / 8P
   PDIC for CD-R/RW
More results

同様の説明 - CXA2590-0000-000R00AD40F

メーカー部品番号データシート部品情報
logo
Cree, Inc
CXA1850 CREE-CXA1850 Datasheet
1Mb / 15P
   Available in 4-step and 2-step EasyWhite짰 bins at 2700 K
MK-R CREE-MK-R Datasheet
1Mb / 33P
   Available in ANSI white bins as well as 4-step and 2-step EasyWhite bins at 2700 K
CXB1310 CREE-CXB1310 Datasheet
2Mb / 20P
   Available in 5-step EasyWhite
CXB1520 CREE-CXB1520 Datasheet
2Mb / 15P
   Available in 5-step EasyWhite
logo
Shenzhen Huazhimei Semi...
HM3345 HMSEMI-HM3345 Datasheet
1Mb / 8P
   Step-up, step-down, step-up and step-down LED driver chip
logo
Mallory Sonalert Produc...
MSE28MTT3S MSPI-MSE28MTT3S Datasheet
48Kb / 1P
   Step Volume at 15 sec
logo
Mallory performance clu...
PN8732 MALLORY-PN8732 Datasheet
241Kb / 4P
   Digital 2-Step
8732 MALLORY-8732 Datasheet
241Kb / 4P
   Digital 2-Step
logo
Mallory Sonalert Produc...
MSE28LDT8S MSPI-MSE28LDT8S Datasheet
48Kb / 1P
   Step Volume at 15 sec
logo
Hammond Manufacturing L...
1457K1602 HAMMOND-1457K1602 Datasheet
994Kb / 1P
   Solid models of this enclosure available in STEP or IGES.
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com