データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LM1815MX データシート(PDF) 8 Page - Texas Instruments

部品番号 LM1815MX
部品情報  LM1815 Adaptive Variable Reluctance Sensor Amplifier
Download  17 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  TI1 [Texas Instruments]
ホームページ  http://www.ti.com
Logo TI1 - Texas Instruments

LM1815MX データシート(HTML) 8 Page - Texas Instruments

Back Button LM1815MX Datasheet HTML 4Page - Texas Instruments LM1815MX Datasheet HTML 5Page - Texas Instruments LM1815MX Datasheet HTML 6Page - Texas Instruments LM1815MX Datasheet HTML 7Page - Texas Instruments LM1815MX Datasheet HTML 8Page - Texas Instruments LM1815MX Datasheet HTML 9Page - Texas Instruments LM1815MX Datasheet HTML 10Page - Texas Instruments LM1815MX Datasheet HTML 11Page - Texas Instruments LM1815MX Datasheet HTML 12Page - Texas Instruments Next Button
Zoom Inzoom in Zoom Outzoom out
 8 / 17 page
background image
LM1815
SNOSBU8F – SEPTEMBER 2000 – REVISED MARCH 2013
www.ti.com
APPLICATION HINTS
Figure 18. LM1815 Oscillograms
INPUT VOLTAGE CLAMP
The signal input voltage at pin 3 is internally clamped. Current limit for the Input pin is provided by an external
resistor which should be selected to allow a peak current of ±3 mA in normal operation. Positive inputs are
clamped by a 1k
Ω resistor and series diode (see R4 and Q12 in the internal schematic diagram), while an active
clamp limits pin 3 to typically 350mV below Ground for negative inputs (see R2, R3, Q10, and Q11 in the internal
schematic diagram). Thus for input signal transitions that are more than 350mV below Ground, the input pin
current (up to 3mA) will be pulled from the V+ supply. If the V+ pin is not adequately bypassed the resulting
voltage ripple at the V+ pin will disrupt normal device operation. Likewise, for input signal transitions that are
more than 500mV above Ground, the input pin current will be dumped to Ground through device pin 2. Slight
shifts in the Ground potential at device pin 2, due to poor grounding techniques relative to the input signal
ground, can cause unreliable operation. As always, adequate device grounding, and V+ bypassing, needs to be
considered across the entire input voltage and frequency range for the intended application.
INPUT CURRENT LIMITING
As stated earlier, current limiting for the Input pin is provided by a user supplied external resistor. For purposes of
selecting the appropriate resistor value the Input pin should be considered to be a zero ohm connection to
ground. For applications where the input voltage signal is not symmetrical with relationship to Ground the worst
case voltage peak should be used.
Minimum Rext = [(Vin peak)/3mA]
In the application example shown in Figure 17 (Rext = 18k
Ω) the recommended maximum input signal voltage is
±54V (i.e. 108Vp-p).
OPERATION OF ZERO CROSSING DETECTOR
The LM1815 is designed to operate as a zero crossing detector, triggering an internal one shot on the negative-
going edge of the input signal. Unlike other zero crossing detectors, the LM1815 cannot be triggered until the
input signal has crossed an "arming" threshold on the positive-going portion of the waveform. The arming circuit
is reset when the chip is triggered, and subsequent zero crossings are ignored until the arming threshold is
exceeded again. This threshold varies depending on the connection at pin 5. Three different modes of operation
are possible:
8
Submit Documentation Feedback
Copyright © 2000–2013, Texas Instruments Incorporated
Product Folder Links: LM1815


同様の部品番号 - LM1815MX

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM1815MX/NOPB TI-LM1815MX/NOPB Datasheet
1Mb / 17P
[Old version datasheet]   LM1815 Adaptive Variable Reluctance Sensor Amplifier
logo
National Semiconductor ...
LM1815MXEP NSC-LM1815MXEP Datasheet
441Kb / 12P
   Enhanced Plastic Adaptive Variable Reluctance Sensor Amplifier
More results

同様の説明 - LM1815MX

メーカー部品番号データシート部品情報
logo
Texas Instruments
LM1815 TI-LM1815_15 Datasheet
1Mb / 17P
[Old version datasheet]   LM1815 Adaptive Variable Reluctance Sensor Amplifier
logo
National Semiconductor ...
LM1815 NSC-LM1815 Datasheet
133Kb / 6P
   Adaptive Variable Reluctance Sensor Amplifier
logo
ARTSCHIP ELECTRONICS CO...
LM1815 ARTSCHIP-LM1815 Datasheet
366Kb / 7P
   Adaptive Variable Reluctance Sensor Amplifier
logo
National Semiconductor ...
LM1815EP NSC-LM1815EP Datasheet
441Kb / 12P
   Enhanced Plastic Adaptive Variable Reluctance Sensor Amplifier
logo
Maxim Integrated Produc...
MAX9924 MAXIM-MAX9924_09 Datasheet
527Kb / 23P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 2; 3/09
MAX9924 MAXIM-MAX9924_11 Datasheet
399Kb / 23P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 3; 3/11
MAX9924 MAXIM-MAX9924_V01 Datasheet
1Mb / 23P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
19-4283; Rev 5; 8/18
MAX9924 MAXIM-MAX9924 Datasheet
317Kb / 22P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 0; 10/08
MAX9924 MAXIM-MAX9924_12 Datasheet
348Kb / 23P
   Variable Reluctance Sensor Interfaces with Differential Input and Adaptive Peak Threshold
Rev 4; 3/12
logo
ON Semiconductor
NCV7001 ONSEMI-NCV7001 Datasheet
74Kb / 8P
   Quad Variable Reluctance Sensor Interface IC
October, 2003 ??Rev. 2
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com