データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

E-L5973AD データシート(PDF) 11 Page - STMicroelectronics

部品番号 E-L5973AD
部品情報  2 A switch step down switching regulator
Download  22 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  STMICROELECTRONICS [STMicroelectronics]
ホームページ  http://www.st.com
Logo STMICROELECTRONICS - STMicroelectronics

E-L5973AD データシート(HTML) 11 Page - STMicroelectronics

Back Button E-L5973AD Datasheet HTML 7Page - STMicroelectronics E-L5973AD Datasheet HTML 8Page - STMicroelectronics E-L5973AD Datasheet HTML 9Page - STMicroelectronics E-L5973AD Datasheet HTML 10Page - STMicroelectronics E-L5973AD Datasheet HTML 11Page - STMicroelectronics E-L5973AD Datasheet HTML 12Page - STMicroelectronics E-L5973AD Datasheet HTML 13Page - STMicroelectronics E-L5973AD Datasheet HTML 14Page - STMicroelectronics E-L5973AD Datasheet HTML 15Page - STMicroelectronics Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 22 page
background image
L5973AD
Functional description
Doc ID 9552 Rev 9
11/22
4.6
PWM comparator and power stage
This block compares the oscillator sawtooth and the error amplifier output signals
generating the PWM signal for the driving stage. The power stage is a very critical block
cause it has to guarantee a correct turn on and turn OFF of the PDMOS. The turn ON of the
power element, or better, the rise time of the current at turn on, is a very critical parameter to
compromise.
At a first approach, it looks like the faster it is the rise time, the lower are the turn on losses.
But there is a limit introduced by the recovery time of the recirculation diode. In fact when the
current of the power element equals the inductor current, the diode turns off and the drain of
the power is free to go high. But during its recovery time, the diode can be considered as an
high value capacitor and this produces a very high peak current, responsible of many
problems:
Spikes on the device supply voltage that cause oscillations (and thus noise) due to the
board parasitic.
Turn ON overcurrent causing a decrease of the efficiency and system reliability.
Big EMI problems.
Shorter freewheeling diode life.
The fall time of the current during the turn off is also critical. In fact it produces voltage
spikes (due to the parasites elements of the board) that increase the voltage drop across the
PDMOS.
In order to minimize all these problems, a new topology of driving circuit has been used and
its block diagram is shown in Figure 7.
The basic idea is to change the current levels used to turn on and off the power switch,
according with the PDMOS status and with the gate clamp status.
This circuitry allow to turn off and on quickly the power switch and to manage the above
question related to the freewheeling diode recovery time problem.
The gate clamp is necessary to avoid that Vgs of the internal switch goes higher than
Vgsmax. The ON/OFF Control block avoids any cross conduction between the supply line
and ground.


同様の部品番号 - E-L5973AD

メーカー部品番号データシート部品情報
logo
STMicroelectronics
E-L5970D STMICROELECTRONICS-E-L5970D Datasheet
285Kb / 16P
   Up to 1A step down switching regulator
More results

同様の説明 - E-L5973AD

メーカー部品番号データシート部品情報
logo
STMicroelectronics
L5973AD STMICROELECTRONICS-L5973AD_08 Datasheet
491Kb / 21P
   2 A switch step down switching regulator
L7980 STMICROELECTRONICS-L7980 Datasheet
1Mb / 44P
   2 A step-down switching regulator
L5985 STMICROELECTRONICS-L5985_08 Datasheet
971Kb / 37P
   2 A step-down switching regulator
L5973D STMICROELECTRONICS-L5973D_08 Datasheet
299Kb / 17P
   2.5 A switch step down switching regulator
E-L293DD STMICROELECTRONICS-E-L293DD Datasheet
298Kb / 17P
   2.5 A switch step down switching regulator
logo
Anpec Electronics Corop...
APW1172 ANPEC-APW1172 Datasheet
444Kb / 21P
   2.5A SWITCH STEP DOWN SWITCHING REGULATOR
logo
STMicroelectronics
L5972D_0710 STMICROELECTRONICS-L5972D_0710 Datasheet
237Kb / 15P
   2A switch step down switching regulator
L5972D STMICROELECTRONICS-L5972D Datasheet
173Kb / 10P
   2A SWITCH STEP DOWN SWITCHING REGULATOR
L5973AD STMICROELECTRONICS-L5973AD_07 Datasheet
488Kb / 21P
   2A switch step down switching regulator
L5970AD STMICROELECTRONICS-L5970AD Datasheet
135Kb / 11P
   1.5A SWITCH STEP DOWN SWITCHING REGULATOR
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com