データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3-1546657-0 データシート(PDF) 9 Page - Tyco Electronics

部品番号 3-1546657-0
部品情報  Engineering Notes
Download  69 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1546657-0 データシート(HTML) 9 Page - Tyco Electronics

Back Button 3-1546657-0 Datasheet HTML 5Page - Tyco Electronics 3-1546657-0 Datasheet HTML 6Page - Tyco Electronics 3-1546657-0 Datasheet HTML 7Page - Tyco Electronics 3-1546657-0 Datasheet HTML 8Page - Tyco Electronics 3-1546657-0 Datasheet HTML 9Page - Tyco Electronics 3-1546657-0 Datasheet HTML 10Page - Tyco Electronics 3-1546657-0 Datasheet HTML 11Page - Tyco Electronics 3-1546657-0 Datasheet HTML 12Page - Tyco Electronics 3-1546657-0 Datasheet HTML 13Page - Tyco Electronics Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 69 page
background image
120
Catalog 1308389
Dimensions are in millimeters
Dimensions are shown for
USA: 1-800-522-6752
South America: 55-11-2103-6000
Revised 6-07
and inches unless otherwise
reference purposes only.
Canada: 1-905-470-4425
Hong Kong: 852-2735-1628
specified.
Specifications subject
Mexico: 01-800-733-8926
Japan: 81-44-844-8013
www.tycoelectronics.com
to change.
C. America: 52-55-1106-0803
UK: 8706-080-208
Note: All part numbers
are RoHS Compliant.
BUCHANAN Terminal Blocks
.250” [6.35] Pitch, Series #3
Material & Finish
Housing Material—Polypropylene
Flammability—UL94V-0
Color—Black
Terminals—Bright acid tin over
copper alloy
Screws—Steel, zinc plating with clear
chromate coating. Wire clamping screws
standard.
Mechanical Properties
Pitch (Terminal Spacing)—
0.250” [6.35]
Recommended PCB Hole Dia.—
1.8mm [.073”] Recommended
Tightening Torque: 5.5 in.-lbs.
Electrical Properties
Ratings—UL Class C 10 Amps, 150V
UL Class D 10 Amps, 300V
CSA Type C 10 Amps, 150V
CSA Type D 10 Amps, 300V
Wire Range—18-22 AWG
Environmental Properties
Operating Temperature Range—
105°C [221°F] max.
Circuit Identification—See page 179
Hardware Options
TC3—Safety cover, see page 174
J3—Jumper, see page 177
LR30811
E54800
VERTICAL
RIGHT ANGLE
Right
Angle
Mount
14.0
(.55)
6
7.6
(.30)
(
6.1
(.24)
4.1
(.16)
1.8
(.073)
Dia.
6.3
(.250)
5.8
(.23)
3.2/(.125) Dia.
Optional
End Mounting
3.15
(.125)
Dia.
4.1
(.16)
7.9
(.31)
1.9
(.075)
2.8
(.11)
4.1
(.16)
4.6
(.18)
8.4
(.33)
4.8
(.19)
RIGHT ANGLE
VERTICAL
MOUNTING PANEL LAYOUT
RIGHT ANGLE
CENTER
PRINTED CIRCUIT LAYOUT
3PCV-03-006 & 3PCV-10-006


同様の部品番号 - 3-1546657-0

メーカー部品番号データシート部品情報
logo
Tyco Electronics
3-1546670-0 MACOM-3-1546670-0 Datasheet
456Kb / 3P
   DOUBLE ROW BARRIER STRIP W/ BINDING HD SCREW, 437 SPACING
3-1546670-1 MACOM-3-1546670-1 Datasheet
456Kb / 3P
   DOUBLE ROW BARRIER STRIP W/ BINDING HD SCREW, 437 SPACING
3-1546670-2 MACOM-3-1546670-2 Datasheet
456Kb / 3P
   DOUBLE ROW BARRIER STRIP W/ BINDING HD SCREW, 437 SPACING
3-1546670-3 MACOM-3-1546670-3 Datasheet
456Kb / 3P
   DOUBLE ROW BARRIER STRIP W/ BINDING HD SCREW, 437 SPACING
3-1546670-4 MACOM-3-1546670-4 Datasheet
456Kb / 3P
   DOUBLE ROW BARRIER STRIP W/ BINDING HD SCREW, 437 SPACING
More results

同様の説明 - 3-1546657-0

メーカー部品番号データシート部品情報
logo
Tyco Electronics
2-1437404-1 MACOM-2-1437404-1 Datasheet
17Mb / 69P
   Engineering Notes
2-1437402-5 MACOM-2-1437402-5 Datasheet
17Mb / 69P
   Engineering Notes
logo
List of Unclassifed Man...
20.101M ETC2-20.101M Datasheet
131Kb / 1P
   notes
logo
Murata Manufacturing Co...
MPAN-03 MURATA-MPAN-03 Datasheet
155Kb / 2P
   Application Notes
logo
IC-Haus GmbH
IC-WJZ ICHAUS-IC-WJZ Datasheet
114Kb / 3P
   APPLICATION NOTES
logo
Mitsubishi Electric Sem...
NF30-SP MITSUBISHI-NF30-SP Datasheet
1Mb / 105P
   TECHNICAL NOTES
logo
Astec America, Inc
ALQ07 ASTEC-ALQ07 Datasheet
493Kb / 28P
   Technical Reference Notes
logo
Tyco Electronics
C-1513247 MACOM-C-1513247 Datasheet
82Kb / 1P
   revised notes and te logo
logo
List of Unclassifed Man...
M995B ETC-M995B Datasheet
123Kb / 2P
   256 NOTES DUAL TONE
logo
Tyco Electronics
C-1513157 MACOM-C-1513157 Datasheet
95Kb / 1P
   rev notes and layout
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34 35 36 37 38 39 40 41 42 43 44 45 46 47 48 49 50 51 52 53 54 55 56 57 58 59 60 61 62 63 64 65 66 67 68 69


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com