データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB02N03H8 データシート(PDF) 9 Page - Cystech Electonics Corp.

部品番号 MTB02N03H8
部品情報  N-Channel Logic Level Enhancement Mode Power MOSFET
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB02N03H8 データシート(HTML) 9 Page - Cystech Electonics Corp.

Back Button MTB02N03H8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB02N03H8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB02N03H8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB02N03H8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB02N03H8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB02N03H8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB02N03H8 Datasheet HTML 9Page - Cystech Electonics Corp. MTB02N03H8 Datasheet HTML 10Page - Cystech Electonics Corp. MTB02N03H8 Datasheet HTML 11Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 9 / 11 page
background image
CYStech Electronics Corp.
Spec. No. : C575H8
Issued Date : 2012.05.09
Revised Date :2012.11.12
Page No. : 9/11
MTB02N03H8
CYStek Product Specification
DFN5×6 Dimension (C Forming)
Marking :
8-Lead DFN5×6 Plastic Package
CYS Package Code : H8
Device
Name
B02
N03
Date Code
Millimeters
Inches
Millimeters
Inches
DIM
Min.
Max.
Min.
Max.
DIM
Min.
Max.
Min.
Max.
A
0.900
1.000
0.035
0.039
k
1.190
1.390
0.047
0.055
A3
0.254 REF
0.010 REF
b
0.350
0.450
0.014
0.018
D
4.944
5.096
0.195
0.201
e
1.270 TYP.
0.050 TYP.
E
5.974
6.126
0.235
0.241
L
0.559
0.711
0.022
0.028
D1
3.910
4.110
0.154
0.162
L1
0.424
0.576
0.017
0.023
E1
3.375
3.575
0.133
0.141
H
0.574
0.726
0.023
0.029
D2
4.824
4.976
0.190
0.196
θ
10°
12°
10°
12°
E2
5.674
5.826
0.223
0.229
Notes: 1.Controlling dimension: millimeters.
2.Maximum lead thickness includes lead finish thickness, and minimum lead thickness is the minimum thickness of base material.
3.If there is any question with packing specification or packing method, please contact your local CYStek sales office.
Material:
• Lead: Pure tin plated.
• Mold Compound: Epoxy resin family, flammability solid burning class: UL94V-0.


同様の部品番号 - MTB02N03H8

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB02N03J3 CYSTEKEC-MTB02N03J3 Datasheet
286Kb / 9P
   N-Channel Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results

同様の説明 - MTB02N03H8

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB30N06V8 CYSTEKEC-MTB30N06V8 Datasheet
330Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN4402Q8 CYSTEKEC-MTN4402Q8 Datasheet
315Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTN6515F3 CYSTEKEC-MTN6515F3 Datasheet
318Kb / 8P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB02N03Q8 CYSTEKEC-MTB02N03Q8 Datasheet
318Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTD55N10Q8 CYSTEKEC-MTD55N10Q8 Datasheet
379Kb / 9P
   N -Channel Logic Level Enhancement Mode Power MOSFET
MTB13N03Q8 CYSTEKEC-MTB13N03Q8 Datasheet
327Kb / 8P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB1D7N03ATH8 CYSTEKEC-MTB1D7N03ATH8 Datasheet
427Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB4D0N03BV8 CYSTEKEC-MTB4D0N03BV8 Datasheet
459Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTB11N03BQ8 CYSTEKEC-MTB11N03BQ8 Datasheet
405Kb / 9P
   N-Channel Logic Level Enhancement Mode Power MOSFET
MTA3D0N01H8 CYSTEKEC-MTA3D0N01H8 Datasheet
564Kb / 10P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com