データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ES1A-L データシート(PDF) 1 Page - Micro Commercial Components

部品番号 ES1A-L
部品情報  1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MCC [Micro Commercial Components]
ホームページ  http://www.mccsemi.com
Logo MCC - Micro Commercial Components

ES1A-L データシート(HTML) 1 Page - Micro Commercial Components

  ES1A-L Datasheet HTML 1Page - Micro Commercial Components ES1A-L Datasheet HTML 2Page - Micro Commercial Components ES1A-L Datasheet HTML 3Page - Micro Commercial Components  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
ES1A-L
THRU
ES1J-L
1 Amp Super Fast
Recovery Rectifier
50 to 600 Volts
MaximumRatings
Operating Temperature: -65
to +175
Storage Temperature: -65
to +175
MCC
Part Number
Maximum
Recurrent
Peak Reverse
Voltage
Maximum
RMS Voltage
Maximum DC
Blocking
Voltage
ES1A-L
50V
35V
50V
ES1B-L
100V
70V
100V
ES1D-L
200V
140V
200V
ES1G-L
400V
280V
400V
ES1J-L
600V
420V
600V
ElectricalCharacteristics@25°CUnlessOtherwiseSpecified
Average Forward
Current
IF(AV)
1.0A
TL= 125
Peak Forward Surge
Current
IFSM
30A
8.3ms, half sine
Maximum
Instantaneous
Forward Voltage
ES1A-L-ES1D-L
ES1G-L
ES1J-L
VF
.95V
1.25V
1.70V
IFM = 1.0A;
Maximum DC
Reverse Current At
Rated DC Blocking
Voltage
IR
5
µA
80
µA
TA = 25
TA = 100
Maximum Reverse
Recovery Time
Trr
35ns
IF=0.5A, IR=1.0A,
Irr=0.25A
Typical Junction
Capacitance
CJ
15pF
Measured at
1.0MHz, VR=4.0V
          
          
          
          
          
          
 omponents
20736 Marilla Street Chatsworth

 !"#
$%    !"#
M C C
Revision:
D
20
13/08/19
DO-214AC
(SMA) (LEAD FRAME)
H
J
E
F
G
A
B
D
C
0.070”
0.090”
0.085”
SUGGESTED SOLDER
PAD LAYOUT





DIMENSIONS
INCHES
MM
DIM
MIN
MAX
MIN
MAX
NOTE
A
.079
.096
2.00
2.44
B
.050
.064
1.27
1.63
C
.002
.008
.05
.20
D
---
.02
---
.51
E
.030
.060
.76
1.52
F
.065
.091
1.65
2.32
G
.189
.220
4.80
5.59
H
.157
.181
4.00
4.60
J
.090
.115
2.25
2.92
TM
Micro Commercial Components
www.mccsemi.com
1 of 3
Features
Lead Free Finish/RoHS Compliant(Note 1) ("P" Suffix designates
RoHS Compliant. See ordering information)
Notes: 1.
High Temperature Solder Exemption Applied, see EU Directive Annex Notes 7.
Moisture Sensitivity Level 1
Super fast switching speed under 35ns
Marking : Cathode band and type number (No '-L' Suffix)
Built-in strain relief
Epoxy meets UL 94 V-0 flammability rating
Halogen free available upon request by adding suffix "-HF"


同様の部品番号 - ES1A-L

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
ES1A-L MCC-ES1A-L Datasheet
322Kb / 4P
   1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
logo
Frontier Electronics.
ES1A-LFR FRONTIER-ES1A-LFR Datasheet
132Kb / 2P
   1A SURFACE MOUNT FAST EFFICIENT RECOVERY RECTIFIERS
logo
Micro Commercial Compon...
ES1A-L MCC-ES1A-L_18 Datasheet
322Kb / 4P
   1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results

同様の説明 - ES1A-L

メーカー部品番号データシート部品情報
logo
Micro Commercial Compon...
ER1A-L MCC-ER1A-L Datasheet
285Kb / 3P
   1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ES1A-L MCC-ES1A-L_18 Datasheet
322Kb / 4P
   1 Amp Super Fast Recovery Rectifier 50 to 600 Volts
SFM11PL MCC-SFM11PL Datasheet
185Kb / 3P
   1 Amp Super Fast Recovery Silicon Rectifier 50 to 600 Volts
DLSF11 MCC-DLSF11 Datasheet
86Kb / 3P
   1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
DLSF11 MCC-DLSF11_11 Datasheet
252Kb / 4P
   1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
SF11M MCC-SF11M Datasheet
257Kb / 4P
   1 Amp Glass Passivated Super Fast Recovery Rectifier 50 to 600 Volts
MURB1605CT MCC-MURB1605CT Datasheet
105Kb / 3P
   16 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER2A-L MCC-ER2A-L Datasheet
358Kb / 3P
   2 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER8A MCC-ER8A Datasheet
78Kb / 2P
   8 Amp Super Fast Recovery Rectifier 50 to 600 Volts
ER300 MCC-ER300_11 Datasheet
595Kb / 3P
   3 Amp Super Fast Recovery Rectifier 50 to 600 Volts
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com