データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MTB09N03V8 データシート(PDF) 1 Page - Cystech Electonics Corp.

部品番号 MTB09N03V8
部品情報  MTB09N03V8 CYStek Product Specification
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CYSTEKEC [Cystech Electonics Corp.]
ホームページ  http://www.cystekec.com
Logo CYSTEKEC - Cystech Electonics Corp.

MTB09N03V8 データシート(HTML) 1 Page - Cystech Electonics Corp.

  MTB09N03V8 Datasheet HTML 1Page - Cystech Electonics Corp. MTB09N03V8 Datasheet HTML 2Page - Cystech Electonics Corp. MTB09N03V8 Datasheet HTML 3Page - Cystech Electonics Corp. MTB09N03V8 Datasheet HTML 4Page - Cystech Electonics Corp. MTB09N03V8 Datasheet HTML 5Page - Cystech Electonics Corp. MTB09N03V8 Datasheet HTML 6Page - Cystech Electonics Corp. MTB09N03V8 Datasheet HTML 7Page - Cystech Electonics Corp. MTB09N03V8 Datasheet HTML 8Page - Cystech Electonics Corp. MTB09N03V8 Datasheet HTML 9Page - Cystech Electonics Corp.  
Zoom Inzoom in Zoom Outzoom out
 1 / 9 page
background image
CYStech Electronics Corp.
Spec. No. : C709V8
Issued Date : 2012.08.20
Revised Date : 2012.08.23
Page No. : 1/9
MTB09N03V8
CYStek Product Specification
N-Channel Logic Level Enhancement Mode Power MOSFET
MTB09N03V8
BVDSS
30V
ID
37.5A
VGS=10V, ID=12A
6.8mΩ
RDSON(TYP)
VGS=4.5V, ID=8A
13.1mΩ
Description
The MTB09N03V8 is a N-channel enhancement-mode MOSFET, providing the designer with the best
combination of fast switching, ruggedized device design, low on-resistance and cost effectiveness.
Features
• Single Drive Requirement
• Low On-resistance
• Fast Switching Characteristic
• Dynamic dv/dt rating
• Repetitive Avalanche Rated
• Pb-free lead plating and halogen-free package
Equivalent Circuit
Outline
MTB09N03V8
DFN3×3
Pin 1
G:Gate D:Drain S:Source
Ordering Information
Device
Package
Shipping
MTB09N03V8-0-T1-G
DFN3×3
(Pb-free lead plating and halogen-free package)
3000 pcs / Tape & Reel


同様の部品番号 - MTB09N03V8

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
MTB09N03H8 CYSTEKEC-MTB09N03H8 Datasheet
264Kb / 6P
   N-Channel Logic Level Enhancement Mode Power MOSFET
More results

同様の説明 - MTB09N03V8

メーカー部品番号データシート部品情報
logo
Cystech Electonics Corp...
BTA3513J3 CYSTEKEC-BTA3513J3 Datasheet
325Kb / 8P
   CYStek Product Specification
MTP4835J3 CYSTEKEC-MTP4835J3 Datasheet
291Kb / 9P
   MTP4835J3 CYStek Product Specification
SK24SA CYSTEKEC-SK24SA Datasheet
280Kb / 6P
   SK2XSA CYStek Product Specification
MTB60A06Q8 CYSTEKEC-MTB60A06Q8 Datasheet
313Kb / 9P
   MTB60A06Q8 CYStek Product Specification
MTDN9946Q8 CYSTEKEC-MTDN9946Q8 Datasheet
391Kb / 7P
   MTDN9946Q8 CYStek Product Specification
QDM3 CYSTEKEC-QDM3 Datasheet
244Kb / 6P
   QDM3 CYStek Product Specification
BTA2029Y3 CYSTEKEC-BTA2029Y3 Datasheet
306Kb / 7P
   BTA2029Y3 CYStek Product Specification
MTA17A02CDN6 CYSTEKEC-MTA17A02CDN6 Datasheet
357Kb / 9P
   MTA17A02CDN6 CYStek Product Specification
MTEB4N15J3 CYSTEKEC-MTEB4N15J3 Datasheet
318Kb / 9P
   MTEB4N15J3 CYStek Product Specification
MTEF1P15Q8 CYSTEKEC-MTEF1P15Q8 Datasheet
309Kb / 9P
   MTEF1P15Q8 CYStek Product Specification
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com