データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF1324SLPBF データシート(PDF) 6 Page - Vishay Siliconix

部品番号 IRF1324SLPBF
部品情報  High Efficiency Synchronous Rectification in SMPS
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

IRF1324SLPBF データシート(HTML) 6 Page - Vishay Siliconix

Back Button IRF1324SLPBF Datasheet HTML 2Page - Vishay Siliconix IRF1324SLPBF Datasheet HTML 3Page - Vishay Siliconix IRF1324SLPBF Datasheet HTML 4Page - Vishay Siliconix IRF1324SLPBF Datasheet HTML 5Page - Vishay Siliconix IRF1324SLPBF Datasheet HTML 6Page - Vishay Siliconix IRF1324SLPBF Datasheet HTML 7Page - Vishay Siliconix IRF1324SLPBF Datasheet HTML 8Page - Vishay Siliconix IRF1324SLPBF Datasheet HTML 9Page - Vishay Siliconix IRF1324SLPBF Datasheet HTML 10Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 6 / 10 page
background image
IRF1324S/LPbF
6
www.irf.com
Fig 16. Threshold Voltage vs. Temperature
-75 -50 -25 0 25 50 75 100 125 150 175 200
TJ , Temperature ( °C )
1.0
1.5
2.0
2.5
3.0
3.5
4.0
4.5
ID = 250µA
ID = 1.0mA
ID = 1.0A
Fig 15. Maximum Avalanche Energy vs. Temperature
Notes on Repetitive Avalanche Curves , Figures 14, 15:
(For further info, see AN-1005 at www.irf.com)
1. Avalanche failures assumption:
Purely a thermal phenomenon and failure occurs at a temperature far in
excess of Tjmax. This is validated for every part type.
2. Safe operation in Avalanche is allowed as long asTjmax is not exceeded.
3. Equation below based on circuit and waveforms shown in Figures 16a, 16b.
4. PD (ave) = Average power dissipation per single avalanche pulse.
5. BV = Rated breakdown voltage (1.3 factor accounts for voltage increase
during avalanche).
6. Iav = Allowable avalanche current.
7.
∆T = Allowable rise in junction temperature, not to exceed Tjmax (assumed as
25°C in Figure 14, 15).
tav = Average time in avalanche.
D = Duty cycle in avalanche = tav ·f
ZthJC(D, tav) = Transient thermal resistance, see Figures 13)
PD (ave) = 1/2 ( 1.3·BV·Iav) = DT/ ZthJC
Iav = 2DT/ [1.3·BV·Zth]
EAS (AR) = PD (ave)·tav
25
50
75
100
125
150
175
Starting TJ , Junction Temperature (°C)
0
50
100
150
200
250
300
TOP
Single Pulse
BOTTOM 1.0% Duty Cycle
ID = 195A


同様の部品番号 - IRF1324SLPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF1324S-7PPBF IRF-IRF1324S-7PPBF Datasheet
280Kb / 9P
   HEXFET Power MOSFET
IRF1324S-7PPBF IRF-IRF1324S-7PPBF Datasheet
266Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
logo
Infineon Technologies A...
IRF1324S-7PPBF INFINEON-IRF1324S-7PPBF Datasheet
711Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
2015-10-15
logo
International Rectifier
IRF1324S-7PPBF IRF-IRF1324S-7PPBF_15 Datasheet
266Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRF1324SPBF IRF-IRF1324SPBF Datasheet
526Kb / 10P
   HEXFET Power MOSFET
More results

同様の説明 - IRF1324SLPBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFS3004TRL7PP IRF-IRFS3004TRL7PP Datasheet
493Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFU3607-701PBF IRF-IRFU3607-701PBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFS4620TRLPBF IRF-IRFS4620TRLPBF Datasheet
365Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4510GPBF IRF-IRFB4510GPBF Datasheet
230Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFP3006PBF IRF-IRFP3006PBF Datasheet
367Kb / 9P
   High Efficiency Synchronous Rectification in SMPS
IRFI4410ZPBF IRF-IRFI4410ZPBF Datasheet
321Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFR3607TRPBF IRF-IRFR3607TRPBF Datasheet
372Kb / 10P
   High Efficiency Synchronous Rectification in SMPS
IRFB4137PBF IRF-IRFB4137PBF_15 Datasheet
398Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRLB4030PBF IRF-IRLB4030PBF_15 Datasheet
286Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB3077PBF IRF-IRFB3077PBF Datasheet
316Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
IRFB4615PBF IRF-IRFB4615PBF_15 Datasheet
299Kb / 8P
   High Efficiency Synchronous Rectification in SMPS
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com