データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LB-420 データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 LB-420
部品情報  PRINTED CIRCUIT TRANS FORMERS
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

LB-420 データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  LB-420 Datasheet HTML 1Page - List of Unclassifed Manufacturers LB-420 Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image

P R i N T E D C i R C u i T T R A N S F O R M E R S
“Low Boy” LB Series
LB Type
(Series Connections)
LB Type
(Parallel Connections)
.020 X .041
.125 ± .015 dIA.
w
l
ml
A
H
b
1
5
.216
mw
lIne
lIne
lIne
lIne
PRImARy
230V
50/60hz
PRImARy
115V
50/60hz
1
5
2
6
4
8
3
7
1
5
2
6
4
8
3
7
l
o
A
D
l
o
A
D
TECH TIP
Explanation of Low Boy Interconnections
Because of the toroidal effect, two identical coils
are connected in series or parallel, but one of the
coils must be connected in reverse in order to get
correct
polarity and voltage.
Pri. Coil 1
1
2
5
6
3
4
7
8
Sec. Coil 1
Pri. Coil 2
Sec. Coil 2


同様の部品番号 - LB-420

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
LB-400-100 ETC2-LB-400-100 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-400-100 ETC2-LB-400-100 Datasheet
109Kb / 1P
   170 through 600 Amperes
LB-400-50 ETC2-LB-400-50 Datasheet
109Kb / 1P
   TYPE LB: 170 through 600 Amperes
LB-400-50 ETC2-LB-400-50 Datasheet
109Kb / 1P
   170 through 600 Amperes
logo
Protech Systems Co., Lt...
LB-401 PROTECHSYSTEMS-LB-401 Datasheet
457Kb / 2P
   Embedded Board with VGA/Sound/2LAN
More results

同様の説明 - LB-420

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
P-6469 ETC2-P-6469 Datasheet
416Kb / 3P
   POWER TRANS FORMERS
logo
Ferroxcube Internationa...
CPVS-ER14.5-1S-10P-Z FERROXCUBE-CPVS-ER14.5-1S-10P-Z Datasheet
31Kb / 1P
   COIL FORMERS
CPVS-ER11-1S-10P-Z FERROXCUBE-CPVS-ER11-1S-10P-Z Datasheet
31Kb / 1P
   COIL FORMERS
logo
EPCOS
B66319G0000X130 EPCOS-B66319G0000X130_10 Datasheet
444Kb / 6P
   EF coil formers
B66311G0000X130 EPCOS-B66311G0000X130_10 Datasheet
518Kb / 9P
   EF coil formers
B66305G0000X130 EPCOS-B66305G0000X130_10 Datasheet
465Kb / 9P
   EF coil formers
B66307G0000X130 EPCOS-B66307G0000X130_10 Datasheet
75Kb / 7P
   EF coil formers
logo
List of Unclassifed Man...
E13003 ETC2-E13003 Datasheet
5Mb / 2P
   POWER TRANS ISTOR
logo
rfsolutions.ltd
ZULU-868 RFSOLUTIONS-ZULU-868 Datasheet
1Mb / 9P
   RT Trans-controller
logo
New Jersey Semi-Conduct...
BU912 NJSEMI-BU912 Datasheet
84Kb / 1P
   NPN DARLINGTON TRANS IBTOR
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com