データシートサーチシステム |
|
2SC1448 データシート(PDF) 1 Page - Savantic, Inc. |
|
2SC1448 データシート(HTML) 1 Page - Savantic, Inc. |
1 / 3 page SavantIC Semiconductor Product Specification Silicon NPN Power Transistors 2SC1448 DESCRIPTION ·With TO-220 package ·High collector-emitter breakdown voltage : VCEO=150V(min) APPLICATIONS ·Power amplifier applications ·Vertical output applications PINNING PIN DESCRIPTION 1 Base 2 Collector;connected to mounting base 3 Emitter Absolute maximum ratings (Ta=25 ) SYMBOL PARAMETER CONDITIONS VALUE UNIT VCBO Collector-base voltage Open emitter 150 V VCEO Collector-emitter voltage Open base 150 V VEBO Emitter-base voltage Open collector 5 V IC Collector current 1.5 A IB Base current 0.5 A Ta=25 1.5 PC Collector power dissipation TC=25 25 W Tj Junction temperature 150 Tstg Storage temperature -55~150 |
同様の部品番号 - 2SC1448 |
|
同様の説明 - 2SC1448 |