データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF3711PBF データシート(PDF) 4 Page - International Rectifier

部品番号 IRF3711PBF
部品情報  High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF3711PBF データシート(HTML) 4 Page - International Rectifier

  IRF3711PBF Datasheet HTML 1Page - International Rectifier IRF3711PBF Datasheet HTML 2Page - International Rectifier IRF3711PBF Datasheet HTML 3Page - International Rectifier IRF3711PBF Datasheet HTML 4Page - International Rectifier IRF3711PBF Datasheet HTML 5Page - International Rectifier IRF3711PBF Datasheet HTML 6Page - International Rectifier IRF3711PBF Datasheet HTML 7Page - International Rectifier IRF3711PBF Datasheet HTML 8Page - International Rectifier IRF3711PBF Datasheet HTML 9Page - International Rectifier Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
4
www.irf.com
IRF3711/S/LPbF
Fig 8. Maximum Safe Operating Area
Fig 6. Typical Gate Charge Vs.
Gate-to-Source Voltage
Fig 5. Typical Capacitance Vs.
Drain-to-Source Voltage
Fig 7. Typical Source-Drain Diode
Forward Voltage
0.1
1
10
100
1000
0.2
0.8
1.4
2.0
2.6
V
,Source-to-Drain Voltage (V)
SD
V
= 0 V
GS
T = 25 C
J
°
T = 150 C
J
°
1
10
100
VDS , Drain-toSource Voltage (V)
1
10
100
1000
10000
Tc = 25°C
Tj = 150°C
Single Pulse
1msec
10msec
OPERATION IN THIS AREA
LIMITED BY R DS(on)
100µsec
0
20
40
60
80
0
2
4
6
8
10
12
14
Q , Total Gate Charge (nC)
G
FOR TEST CIRCUIT
SEE FIGURE
I =
D
13
30A
V
= 10V
DS
V
= 16V
DS
1
10
100
VDS, Drain-to-Source Voltage (V)
100
1000
10000
100000
Coss
Crss
Ciss
VGS = 0V,
f = 1 MHZ
Ciss = Cgs + Cgd, Cds SHORTED
Crss = Cgd
Coss = Cds + Cgd


同様の部品番号 - IRF3711PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF3711PBF IRF-IRF3711PBF Datasheet
291Kb / 12P
   HEXFET Power MOSFET
More results

同様の説明 - IRF3711PBF

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFR3704TRLPBF IRF-IRFR3704TRLPBF Datasheet
226Kb / 10P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
IRLR3715TRRPBF IRF-IRLR3715TRRPBF Datasheet
277Kb / 11P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF7457PBF IRF-IRF7457PBF_15 Datasheet
182Kb / 8P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF7458TRPBF IRF-IRF7458TRPBF Datasheet
135Kb / 8P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3711STRL IRF-IRF3711STRL Datasheet
275Kb / 12P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3706PBF IRF-IRF3706PBF Datasheet
365Kb / 12P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3706STRL IRF-IRF3706STRL Datasheet
152Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF3707STRRPBF IRF-IRF3707STRRPBF Datasheet
287Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRFR3711TRPBF IRF-IRFR3711TRPBF Datasheet
237Kb / 11P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3704STRLPBF IRF-IRF3704STRLPBF Datasheet
270Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com