データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC0504NP10 データシート(PDF) 1 Page - Socay Electornics Co., Ltd.

部品番号 LC0504NP10
部品情報  Transient Voltage Suppressors Array for ESD Protection
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SOCAY [Socay Electornics Co., Ltd.]
ホームページ  http://www.socay.com
Logo SOCAY - Socay Electornics Co., Ltd.

LC0504NP10 データシート(HTML) 1 Page - Socay Electornics Co., Ltd.

  LC0504NP10 Datasheet HTML 1Page - Socay Electornics Co., Ltd. LC0504NP10 Datasheet HTML 2Page - Socay Electornics Co., Ltd. LC0504NP10 Datasheet HTML 3Page - Socay Electornics Co., Ltd.  
Zoom Inzoom in Zoom Outzoom out
 1 / 3 page
background image
Transient Voltage Suppressors Array for ESD Protection
Low Capacitance
Revision March 06, 2014
1 / 3
@ SOCAY Electronics Co., Ltd. 2014
Specifications are subject to change without notice.
Please refer to www.socay.com for current information.
LC3304NP10 & LC0504NP10
SOCAY Electronics Co., Ltd.
www.socay.com
DFN2626P10
The LC3304NP10 & LC0504NP10 is designed to protect
voltage sensitive components from ESD and transient voltage
events. Excellent clamping capability, low leakage, and fast
response time, make these parts ideal for ESD protection
on designs where board space is at a premium.
u
450 Watts Peak Pulse Power per Line (tp=8/20
μs)
u
Protects four I/O lines
u
Low clamping voltage
u
RoHS Compliant
u
IEC61000-4-2 (ESD)
±15kV (air), ±8kV (contact)
u
IEC61000-4-4 (EFT) 40A (5/50ns)
u
IEC61000-4-5 (Lightning) 25A (8/20
μs)
u
10/100/1000 Ethernet
u
WAN/LAN Equipment
u
Test & Measurement Equipment
u
Switching Systems
u
Instrumentation
u
Audio/Video Inputs
u
DFN2626P10 Package
u
Molding Compound Flammability Rating : UL 94V-0
u
Weight 12.0 Milligrams (Approximate)
u
Quantity Per Reel : 3,000pcs
u
Reel Size : 7 inch
u
Lead Finish : Lead Free
Symbol
Parameter
Value
Units
PPP
Peak Pulse Power (tp=8/20
μs waveform)
450
W
TL
Lead Soldering Temperature
260 (10sec)
ºC
TSTG
Storage Temperature Range
-55 to +150
ºC
TOP
Operating Temperature Range
-55 to +150
ºC
IEC61000-4-2 (ESD)
Air Discharge
±15
KV
Contact Discharge
±8
IEC61000-4-4 (EFT)
40
A
IEC61000-4-5 ( Lightning )
25
A
Mechanical Characteristics
Description
Feature
Functional Diagram
Mechanical Characteristics
Applications


同様の部品番号 - LC0504NP10

メーカー部品番号データシート部品情報
logo
Shanghai Leiditech Elec...
LC0504NP10 LEIDITECH-LC0504NP10 Datasheet
169Kb / 3P
   LOW CAPACITANCE TVS DIODE ARRAY
More results

同様の説明 - LC0504NP10

メーカー部品番号データシート部品情報
logo
Socay Electornics Co., ...
SR05-4A SOCAY-SR05-4A Datasheet
323Kb / 7P
   Transient Voltage Suppressors Array for ESD Protection
SLVU2.8 SOCAY-SLVU2.8 Datasheet
143Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD24V08S-6L SOCAY-ESD24V08S-6L Datasheet
181Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD15V08S-4L SOCAY-ESD15V08S-4L Datasheet
263Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD05V25T-4C SOCAY-ESD05V25T-4C Datasheet
157Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD05V14T-2C SOCAY-ESD05V14T-2C Datasheet
250Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD05V08S-6L SOCAY-ESD05V08S-6L Datasheet
176Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD03V23T-2LA SOCAY-ESD03V23T-2LA Datasheet
234Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD03V23T-1A SOCAY-ESD03V23T-1A Datasheet
151Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
ESD03V23T-LA SOCAY-ESD03V23T-LA Datasheet
230Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
SMDA24C-7 SOCAY-SMDA24C-7 Datasheet
198Kb / 3P
   Transient Voltage Suppressors Array for ESD Protection
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com