データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM22B-SURS-TF データシート(PDF) 1 Page - List of Unclassifed Manufacturers

部品番号 SM22B-SURS-TF
部品情報  0.8mm pitch/Disconnectable Insulation displacement connectors
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

SM22B-SURS-TF データシート(HTML) 1 Page - List of Unclassifed Manufacturers

  SM22B-SURS-TF Datasheet HTML 1Page - List of Unclassifed Manufacturers SM22B-SURS-TF Datasheet HTML 2Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
1
• 3-point grip construction
• Super fine wires are applicable
• Shrouded header
• Twin U-slot insulation displacement section
SUR CONNECTOR
0.8mm pitch/Disconnectable Insulation displacement connectors
Emboss Tape
1
0.5
Header outline
±0.05
±0.05
±0.1
±0.1
0.8
0.7
1.2
3.9
0.5
1.2
0.7
±0.05
±0.05
±0.1
±0.1
0.8
Header
outline
2.25
2
The world's first 0.8mm pitch wire-to-board
insulation displacement connector. Side
entry type is only 3.9mm depth and
1.75mm height after mounting on the PC
board, and top entry type is only 2.2mm
depth and 3.9mm height.
Compared to the conventional 1.0mm pitch
SSR connector, occupation space on the
board is reduced by 34% (side entry type).
Specifications –––––––––––––––––––
• Current rating: 0.5A AC, DC (AWG #32)
0.2A AC, DC (AWG #36)
• Voltage rating: 30V DC
• Temperature range: -25˚C to +85˚C
(including temperature rise in applying
electrical current)
• Contact resistance: Initial value/ 20m
Ω max.
After environmental testing/ 40m
Ω max.
• Insulation resistance: 100M
Ω min.
• Withstanding voltage: 200V AC/minute
• Applicable wire: Conductor size/ AWG #32, #36
Conductor/ 7 strands,
tin-coated copper alloy
Insulation O.D./ 0.39mm
* Compliant with RoHS.
* Refer to "General Instruction and Notice when using
Terminals and Connectors" at the end of this catalog.
* Contact JST for details.
Standards ––––––––––––––––––––––
0 Recognized E60389
1CertifiedLR20812
Note: 1. The above figure is the figure viewed from the connector mounting side.
2. Tolerances are non-cumulative:
±0.05mm for all centers.
3. Dimensions above should serve as a guideline. Contact JST for details.
Top entry type
Side entry type


同様の部品番号 - SM22B-SURS-TF

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SM22B-SHLS-TF ETC2-SM22B-SHLS-TF Datasheet
94Kb / 2P
   1.0mm pitch/Disconnectable Crimp style connectors
More results

同様の説明 - SM22B-SURS-TF

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
SSR ETC2-SSR Datasheet
89Kb / 3P
   Disconnectable Insulation displacement connectors
BM02B-SRSS-TB ETC1-BM02B-SRSS-TB Datasheet
71Kb / 3P
   Disconnectable Insulation displacement connectors
06HR-6S-P-N ETC2-06HR-6S-P-N Datasheet
166Kb / 2P
   2.5mm pitch/Disconnectable Insulation displacement connectors
logo
JST Mfg. Co., Ltd.
KRW JST-KRW Datasheet
179Kb / 8P
   2.0mm pitch/Disconnectable Insulation displacement and Crimp style connectors
logo
List of Unclassifed Man...
PNDP-32V-Z ETC2-PNDP-32V-Z Datasheet
108Kb / 2P
   2.0mm pitch/Disconnectable Crimp style connectors
B2B-ZRLFSN ETC2-B2B-ZRLFSN Datasheet
112Kb / 3P
   1.5mm pitch/Disconnectable Crimp style connectors
B12B-PADSS-1 ETC2-B12B-PADSS-1 Datasheet
111Kb / 3P
   2.0mm pitch/Disconnectable Crimp style connectors
S6B-XH-A ETC2-S6B-XH-A Datasheet
214Kb / 5P
   2.5mm pitch/Disconnectable Crimp style connectors
H3P-SHF-AA ETC2-H3P-SHF-AA Datasheet
142Kb / 4P
   Disconnectable Crimp style connectors
B5P-VH ETC2-B5P-VH Datasheet
111Kb / 5P
   Disconnectable Crimp style connectors
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com