データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

AM-123-AMC-123 データシート(PDF) 2 Page - M/A-COM Technology Solutions, Inc.

部品番号 AM-123-AMC-123
部品情報  High Performance Amplifier
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MA-COM [M/A-COM Technology Solutions, Inc.]
ホームページ  http://www.macomtech.com
Logo MA-COM - M/A-COM Technology Solutions, Inc.

AM-123-AMC-123 データシート(HTML) 2 Page - M/A-COM Technology Solutions, Inc.

  AM-123-AMC-123 Datasheet HTML 1Page - M/A-COM Technology Solutions, Inc. AM-123-AMC-123 Datasheet HTML 2Page - M/A-COM Technology Solutions, Inc. AM-123-AMC-123 Datasheet HTML 3Page - M/A-COM Technology Solutions, Inc.  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
North America Tel: 800.366.2266 • Europe Tel: +353.21.244.6400
India Tel: +91.80.4155721
China Tel: +86.21.2407.1588
Visit www.macomtech.com for additional data sheets and product information.
M/A-COM Technology Solutions Inc. and its affiliates reserve the right to make
changes to the product(s) or information contained herein without notice.
2
High Performance Amplifier,
10 dB Gain 5 - 500 MHz
Rev. V4
AM-123 / AMC-123
ADVANCED: Data Sheets contain information regarding a product M/A-COM Technology Solutions
is considering for development. Performance is based on target specifications, simulated results,
and/or prototype measurements. Commitment to develop is not guaranteed.
PRELIMINARY: Data Sheets contain information regarding a product M/A-COM Technology
Solutions has under development. Performance is based on engineering tests. Specifications are
typical. Mechanical outline has been fixed. Engineering samples and/or test data may be available.
Commitment to produce in volume is not guaranteed.
Electrical Specifications: 2,3
2. All specifications apply when operated at +15 VDC, with 50 ohms source and load impedance.
3. Heat Sinking: Operation at case temperature above 95°C is not recommended. Heat sinking adequate to dissipate 1 W must be provided
in use.
Frequency
(MHz)
S11
MAG/ANG
S21
MAG/ANG
S12
MAG/ANG
S22
MAG/ANG
5
0.21/-69.9
3.15/-158.8
0.11/171.3
0.15/92.8
10
0.11/-81.5
3.17/-172.2
0.11/175.0
0.06/116.1
20
0.08/-88.5
3.18/-178.4
0.12/171.7
0.04/139.8
50
0.06/-108.4
3.17/162.9
0.13/159.9
0.03/174.7
100
0.05/-122.8
3.14/142.8
0.13/141.4
0.04/-163.9
200
0.05/-141.8
3.11/104.8
0.13/102.1
0.04/-119.4
300
0.07/-155.4
3.09/66.9
0.12/64.9
0.14/-114.6
400
0.15/177.2
3.08/26.7
0.11/27.3
0.22/-153.2
500
0.20/151.3
3.05/-21.9
0.09/-20.9
0.25/83.4
S-Parameter Data
Parameter
Units
Typical
Guaranteed
25ºC
0º to 50ºC
-54º to +85ºC*
Frequency
MHz
5-500
5-500
5-500
Small Signal Gain (min)
dB
11.5
10.0
9.5
Gain Flatness (max)
dB
±0.3
±0.7
±1.0
Reverse Isolation
dB
16
Noise Figure (max)
dB
4.0
5.0
5.5
Power Output
@ 1 dB comp. (min)
dBm
19.0
18.0
17.5
IP3
dBm
+34
33
IP2
dBm
+48
40
Second Order Harmonic IP
dBm
+54
VSWR Input / Output (max)
1.5:1 / 1.5:1
1.9:1 / 1.9:1
2.0:1 / 2.0:1
DC Current @ 15 Volts (max)
mA
65
69
72
Z0 = 50Ω, VCC = +15 VDC


同様の部品番号 - AM-123-AMC-123

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
AM-123-AMC-123 MA-COM-AM-123-AMC-123_15 Datasheet
118Kb / 3P
   High Performance Amplifier
More results

同様の説明 - AM-123-AMC-123

メーカー部品番号データシート部品情報
logo
M/A-COM Technology Solu...
AM-146 MA-COM-AM-146_15 Datasheet
472Kb / 4P
   High Performance Amplifier
AM-123-AMC-123 MA-COM-AM-123-AMC-123_15 Datasheet
118Kb / 3P
   High Performance Amplifier
AM-119-AMC-119 MA-COM-AM-119-AMC-119_15 Datasheet
81Kb / 3P
   High Performance Amplifier
AM-145-AMC-145 MA-COM-AM-145-AMC-145 Datasheet
89Kb / 3P
   High Performance Amplifier
AMC-123_V4 MA-COM-AMC-123_V4 Datasheet
118Kb / 3P
   High Performance Amplifier
AM-146-AMC-146 MA-COM-AM-146-AMC-146_15 Datasheet
78Kb / 3P
   High Performance Amplifier
AM-119-AMC-119 MA-COM-AM-119-AMC-119 Datasheet
81Kb / 3P
   High Performance Amplifier
AM-146-AMC-146 MA-COM-AM-146-AMC-146 Datasheet
78Kb / 3P
   High Performance Amplifier
AM-145-AMC-145 MA-COM-AM-145-AMC-145_15 Datasheet
89Kb / 3P
   High Performance Amplifier
logo
API Technologies Corp
MN2200 APITECH-MN2200 Datasheet
1Mb / 6P
   High-performance Instrumentation Amplifier
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com