データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM360FL データシート(PDF) 1 Page - SeCoS Halbleitertechnologie GmbH

部品番号 SM360FL
部品情報  Voltage 60V 3Amp Schottky Barrier Rectifiers
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  SECOS [SeCoS Halbleitertechnologie GmbH]
ホームページ  http://www.secosgmbh.com
Logo SECOS - SeCoS Halbleitertechnologie GmbH

SM360FL データシート(HTML) 1 Page - SeCoS Halbleitertechnologie GmbH

  SM360FL Datasheet HTML 1Page - SeCoS Halbleitertechnologie GmbH SM360FL Datasheet HTML 2Page - SeCoS Halbleitertechnologie GmbH  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
Elektronische Bauelemente
SM360FL
Voltage 60V
3.0 Amp Schottky Barrier Rectifiers
26-Dec-2013 Rev. C
Page 1 of 2
http://www.SeCoSGmbH.com/
Any changes of specification will not be informed individually.
RoHS Compliant Product
A suffix of “-C” specifies halogen & lead-free
FEATURES
High Current Capability
Extremely Low Thermal Resistance
For Surface Mount Application
Low Forward Voltage
MECHANICAL DATA
Case: Molded Plastic
Epoxy: UL 94V-0 Rate Flame Retardant
Lead: Solderable per MIL-STD-202, method 208 guaranteed
Polarity: Color Band Denotes Cathode End
MARKING
Product
Marking Code
SM340FL
V6
PACKAGE INFORMATION
Package
MPQ
Leader Size
SOD-123FL
3K
7 inch
ABSOLUTE MAXIMUM RATINGS (TA=25°C unless otherwise specified)
Parameter
Symbol
Rating
Unit
Maximum Recurrent Reverse Voltage
VRRM
60
V
Maximum RMS Voltage
VRMS
42
V
Maximum DC Blocking Voltage
VDC
60
V
Maximum Average Forward
Rectified Current @ TJ=25°C
IF
3
A
Peak Forward Surge Current @8.3ms single half
sine-wave superimposed on rated load (JEDEC
method)
IFSM
80
A
Maximum Instantaneous Forward Voltage @3A
VF
0.65
V
Maximum DC Reverse Current
@ TJ=25°C
IR
0.5
mA
Typical Junction Capacitance
1
CJ
70
pF
Typical Thermal Resistance
RJL
20
°C / W
Operating Temperature Range
TJ
-50~125
°C
Storage Temperature Range
TSTG
-50~125
°C
Notes:
1.
Measured @ f=1.0MHz, VR=4.0V
SOD-123FL
E
F
B
C
D
A
G
Millimeter
Millimeter
REF.
Min.
Max.
REF.
Min.
Max.
A
2.60
3.10
E
0.10
0.30
B
1.60
2.00
F
0.80
1.35
C
0.81
1.55
G
0.35
0.85
D
3.50
3.90


同様の部品番号 - SM360FL

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SM360FL SECOS-SM360FL_15 Datasheet
210Kb / 2P
   3.0 Amp Schottky Barrier Rectifiers
More results

同様の説明 - SM360FL

メーカー部品番号データシート部品情報
logo
SeCoS Halbleitertechnol...
SBR1060F SECOS-SBR1060F Datasheet
355Kb / 2P
   VOLTAGE 60V 10.0AMP Schottky Barrier Rectifiers
SBR1060 SECOS-SBR1060 Datasheet
355Kb / 2P
   VOLTAGE 60V 10.0AMP Schottky Barrier Rectifiers
SBR3060RF SECOS-SBR3060RF Datasheet
370Kb / 2P
   VOLTAGE 60V 30.0AMP Schottky Barrier Rectifiers
SBR3060R SECOS-SBR3060R Datasheet
391Kb / 2P
   VOLTAGE 60V 30.0AMP Schottky Barrier Rectifiers
SBR2060F SECOS-SBR2060F Datasheet
364Kb / 2P
   VOLTAGE 60V 20.0AMP Schottky Barrier Rectifiers
SBR2060 SECOS-SBR2060 Datasheet
389Kb / 2P
   VOLTAGE 60V 20.0AMP Schottky Barrier Rectifiers
SBR2060 SECOS-SBR2060_11 Datasheet
288Kb / 2P
   Voltage 60V 20.0 Amp Schottky Barrier Rectifiers
SP2060 SECOS-SP2060_11 Datasheet
331Kb / 2P
   Voltage 60V 20.0 Amp Schottky Barrier Rectifiers
SP1060 SECOS-SP1060_11 Datasheet
262Kb / 2P
   Voltage 60V 10 Amp Schottky Barrier Rectifiers
1S20 SECOS-1S20 Datasheet
279Kb / 2P
   VOLTAGE 20V ~ 60V 1.0AMP Schottky Barrier Rectifiers
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com