データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

3-1415410-0 データシート(PDF) 1 Page - Tyco Electronics

部品番号 3-1415410-0
部品情報  Power Relay 41063 125째C
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MACOM [Tyco Electronics]
ホームページ  http://www.macom.com
Logo MACOM - Tyco Electronics

3-1415410-0 データシート(HTML) 1 Page - Tyco Electronics

  3-1415410-0 Datasheet HTML 1Page - Tyco Electronics 3-1415410-0 Datasheet HTML 2Page - Tyco Electronics  
Zoom Inzoom in Zoom Outzoom out
 1 / 2 page
background image
04-2011, Rev. 0411
www.te.com
© 2011 Tyco Electronics Corporation,
a TE Connectivity Ltd. company
Datasheets and product specification
according to IEC 61810-1 and to be used
only together with the ‘Definitions’ section.
Datasheets and product data is subject to the
terms of the disclaimer and all chapters of
the ‘Definitions’ section, available at
http://relays.te.com/definitions
Datasheets, product data, ‘Definitions’ sec-
tion, application notes and all specifications
are subject to change.
1
SCHRACK
General Purpose Relays
PCB Relays
n
1 pole 16A, 1 form A (NO) or 1 form B (NC) contact
n
Switching capacity 4000VA
n
Coil power 360mW
n
4kV/8mm coil-contact, insulation to VDE 0631 and 0700
n
Ambient temperature up to 125°C
n
Quick connect terminals for load side
n
WG version: Materials in accordance to IEC 60335-1
Typical applications
White goods appliances, oven control, electric heating, power supplies, air
conditioning, motors, magnetic valves
Approvals
VDE REG.-Nr. 3725, UL E214025
Technical data of approved types on request
Contact Data
Contact arrangement
1 form A (NO) or 1 form B (NC)
Rated voltage
250VAC
Max. switching voltage
400VAC
Rated current
16A
Limiting making current,
form A contact, max. 4s, duty factor 10%
25A
Breaking capacity max.
4000VA
Contact material
AgNi, AgCdO
Frequency of operation, with/without load
600/36000h-1
Contact ratings
Type
Contact
Load
Cycles
IEC61810
410 63 … 001
A (NO)
16A, 250VAC resistive, 125°C
50x103
410 63 … 001
A (NO)
12A, 250VAC resistive, 125°C
200x103
410 63 … 001
A (NO)
16A, 250VAC resistive, 105°C
100x103
410 63 … 002
B (NC)
16A, 250VAC resistive, 125°C
50x103
410 63 … 005
A (NO)
16A, 250VAC resistive, 125°C
50x103
410 63 … 005
A (NO)
12A, 250VAC resistive, 125°C
200x103
410 63 … 005
A (NO)
16A, 250VAC resistive, 105°C
100x103
410 63 … 006
B (NC)
16A, 250VAC resistive, 125°C
50x103
Mechanical endurance
>1x106 operations
Coil Data
Coil voltage range
6 to 60VDC
Operative range, IEC 61810
1
Coil insulation system according UL1446
class F
Coil versions, DC coil
Coil
Rated
Operate
Release
Coil
Rated coil
code
voltage
voltage
voltage
resistance
power
VDC
VDC
VDC
Ω±10%
mW
054
6
3.6
0.45
100
360
053
9
5.5
0.68
230
352
050
12
7.3
0.9
400
360
046
24
14.6
1.8
1600
360
043
48
29.2
3.6
6400
360
042
60
36.5
4.5
10000
360
All figures are given for coil without pre-energization, at ambient temperature +23°C.
Other coil voltages on request.
Insulation Data
Initial dielectric strength
between open contacts
1000Vrms
between contact and coil
4000Vrms
Clearance/creepage
between contact and coil
≥8/8mm
Material group of insulation parts
IIIa
Tracking index of relay base
PTI250V
Power Relay 41063 125°C
F0248-BA
Z
V


同様の部品番号 - 3-1415410-0

メーカー部品番号データシート部品情報
logo
TE Connectivity Ltd
3-1415410-0 TEC-3-1415410-0 Datasheet
431Kb / 2P
   Switching capacity 4000VA
More results

同様の説明 - 3-1415410-0

メーカー部品番号データシート部品情報
logo
Tyco Electronics
41063 MACOM-41063_09 Datasheet
183Kb / 2P
   Power Relay 410 63 125째C
logo
ATMEL Corporation
AT-89S8252 ATMEL-AT-89S8252 Datasheet
15Kb / 5P
   125째C DYNAMIC LIFETEST (PLASTIC)
logo
Seiko Instruments Inc
S25A080A SII-S25A080A Datasheet
518Kb / 33P
   FOR AUTOMOTIVE 125째C OPERATION
logo
Adam Technologies, Inc.
RPC-1C-48-S ADAM-TECH-RPC-1C-48-S Datasheet
89Kb / 1P
   POWER RELAY
RPG-2A-P-5 ADAM-TECH-RPG-2A-P-5 Datasheet
91Kb / 1P
   POWER RELAY
RPM-1C-P-5 ADAM-TECH-RPM-1C-P-5 Datasheet
88Kb / 1P
   POWER RELAY
RPN-1A-P-12 ADAM-TECH-RPN-1A-P-12 Datasheet
91Kb / 1P
   POWER RELAY
RPN-N3-1C-P-X ADAM-TECH-RPN-N3-1C-P-X Datasheet
94Kb / 1P
   POWER RELAY
logo
Tyco Electronics
41083 MACOM-41083 Datasheet
180Kb / 2P
   Power Relay
logo
Omron Electronics LLC
G6RN1DC12 OMRON-G6RN1DC12 Datasheet
393Kb / 6P
   Power Relay
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com