データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LC1D80BD データシート(PDF) 2 Page - List of Unclassifed Manufacturers

部品番号 LC1D80BD
部品情報  contactor TeSys LC1-D - 3 poles - AC-1 1000 V 125 A - coil 240 V DC
Download  3 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

LC1D80BD データシート(HTML) 2 Page - List of Unclassifed Manufacturers

  LC1D80BD Datasheet HTML 1Page - List of Unclassifed Manufacturers LC1D80BD Datasheet HTML 2Page - List of Unclassifed Manufacturers LC1D80BD Datasheet HTML 3Page - List of Unclassifed Manufacturers  
Zoom Inzoom in Zoom Outzoom out
 2 / 3 page
background image
2
Overvoltage category
III
Mounting support
Plate
rail
Flame retardance
V1 conforming to UL 94
Connections - terminals
Control circuit: screw clamp terminal 2 cable 1...4 mm² - cable stiffness: solid -
without cable end
Control circuit: screw clamp terminal 1 cable 1...4 mm² - cable stiffness: solid -
without cable end
Control circuit: screw clamp terminal 2 cable 1...2.5 mm² - cable stiffness: flexible
- with cable end
Control circuit: screw clamp terminal 1 cable 1...2.5 mm² - cable stiffness: flexible
- with cable end
Control circuit: screw clamp terminal 2 cable 1...4 mm² - cable stiffness: flexible -
without cable end
Control circuit: screw clamp terminal 1 cable 1...4 mm² - cable stiffness: flexible -
without cable end
Power circuit: screw clamp terminal 2 cable 4...25 mm² - cable stiffness: solid -
without cable end
Power circuit: screw clamp terminal 1 cable 4...50 mm² - cable stiffness: solid -
without cable end
Power circuit: screw clamp terminal 2 cable 4...16 mm² - cable stiffness: flexible -
with cable end
Power circuit: screw clamp terminal 1 cable 4...50 mm² - cable stiffness: flexible -
with cable end
Power circuit: screw clamp terminal 2 cable 4...25 mm² - cable stiffness: flexible -
without cable end
Power circuit: screw clamp terminal 1 cable 4...50 mm² - cable stiffness: flexible -
without cable end
Tightening torque
Control circuit: 1.2 N.m - on screw clamp terminal - with screwdriver Philips No 2
2 mm
Control circuit: 1.2 N.m - on screw clamp terminal - with screwdriver flat Ø 6 mm
Power circuit: 9 N.m - on 1 entry connector - with screwdriver flat Ø 6 to Ø 8 mm
hexagonal 4 mm
[Ue] rated operational voltage
<= 1000 V AC 25...400 Hz for power circuit
[Ith] conventional free air thermal current
10 A at ≤ 60 °C for control circuit
125 A at ≤ 60 °C for power circuit
Irms rated making capacity
250 A DC for control circuit conforming to IEC 60947-5-1
1100 A at 440 V for power circuit conforming to IEC 60947
Rated breaking capacity
1100 A at 440 V for power circuit conforming to IEC 60947
Associated fuse rating
10 A gG for control circuit conforming to IEC 60947-5-1
160 A gG at <= 690 V coordination type 2 for power circuit
200 A gG at <= 690 V coordination type 1 for power circuit
Average impedance
0.8 mOhm at 50 Hz - Ith 125 A for power circuit
Power dissipation per pole
5.1 W AC-3
12.5 W AC-1
Inrush power in W
22 W at 20 °C
Hold-in power consumption in W
22 W at 20 °C
Operating time
20...35 ms opening
95...130 ms closing
Safety reliability level
B10d = 1369863 cycles contactor with nominal load conforming to EN/ISO
13849-1
B10d = 20000000 cycles contactor with mechanical load conforming to EN/ISO
13849-1
Mechanical durability
10000000 cycles
Operating rate
3600 cyc/h at ≤ 60 °C
Minimum switching current
5 mA for control circuit
Minimum switching voltage
17 V for control circuit
Non-overlap time
1.5 ms on de-energisation between NC and NO contacts
1.5 ms on energisation between NC and NO contacts
Insulation resistance
> 10 MOhm for control circuit
Rated operational power in W
14 W at 24 V DC-13 - electrical durability: 10000000 cycles - for control circuit
48 W at 24 V DC-13 - electrical durability: 3000000 cycles - for control circuit
96 W at 24 V DC-13 - electrical durability: 1000000 cycles - for control circuit
Height
127 mm
Width
96 mm
Depth
186 mm
Product weight
2.59 kg


同様の部品番号 - LC1D80BD

メーカー部品番号データシート部品情報
logo
Schneider Electric
LC1D80B7 SCHNEIDER-LC1D80B7 Datasheet
143Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 80 A - 24 V AC 50/60 Hz coil
More results

同様の説明 - LC1D80BD

メーカー部品番号データシート部品情報
logo
Schneider Electric
LC1D50AG7TQ SCHNEIDER-LC1D50AG7TQ Datasheet
106Kb / 4P
   contactor TeSys LC1-D - 3 poles- AC-3 - 440 V 50 A - coil 120 V AC
Aug 11, 2019
LC1F5007M7 SCHNEIDER-LC1F5007M7 Datasheet
147Kb / 2P
   contactor TeSys LC1-F - 3 poles - 500 A - AC-3 - 440V - coil 220 V AC
LC1F4007M7 SCHNEIDER-LC1F4007M7 Datasheet
113Kb / 2P
   contactor TeSys LC1-F - 3 poles - AC-3 - 440V 400 A - coil 220 V AC
Aug 15, 2019
LC1F2657M7 SCHNEIDER-LC1F2657M7 Datasheet
117Kb / 2P
   contactor TeSys LC1-F - 3 poles - AC-3 - 440V 265 A - coil 220 V AC
Aug 15, 2019
LC1D25GD SCHNEIDER-LC1D25GD Datasheet
149Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 25 A - 125 V DC coil
LC1D32GD SCHNEIDER-LC1D32GD Datasheet
149Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 32 A - 125 V DC coil
LC1D096GD SCHNEIDER-LC1D096GD Datasheet
124Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 9 A - 125 V DC coil
LC1D326GD SCHNEIDER-LC1D326GD Datasheet
148Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 32 A - 125 V DC coil
LC1D80004U5 SCHNEIDER-LC1D80004U5 Datasheet
159Kb / 3P
   TeSys D contactor - 4P(4 NO) - AC-1 - <= 440 V 125 A - 240 V AC 50 Hz coil
LC1D115GD SCHNEIDER-LC1D115GD Datasheet
127Kb / 4P
   TeSys D contactor - 3P(3 NO) - AC-3 - <= 440 V 115 A - 125 V DC standard coil
More results


Html Pages

1 2 3


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com