データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LF13WBR-20P データシート(PDF) 3 Page - List of Unclassifed Manufacturers

部品番号 LF13WBR-20P
部品情報  Miniature Waterproof Shielded Connectors
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

LF13WBR-20P データシート(HTML) 3 Page - List of Unclassifed Manufacturers

  LF13WBR-20P Datasheet HTML 1Page - List of Unclassifed Manufacturers LF13WBR-20P Datasheet HTML 2Page - List of Unclassifed Manufacturers LF13WBR-20P Datasheet HTML 3Page - List of Unclassifed Manufacturers LF13WBR-20P Datasheet HTML 4Page - List of Unclassifed Manufacturers LF13WBR-20P Datasheet HTML 5Page - List of Unclassifed Manufacturers LF13WBR-20P Datasheet HTML 6Page - List of Unclassifed Manufacturers LF13WBR-20P Datasheet HTML 7Page - List of Unclassifed Manufacturers LF13WBR-20P Datasheet HTML 8Page - List of Unclassifed Manufacturers LF13WBR-20P Datasheet HTML 9Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
3
LF SeriesqMiniature Waterproof Shielded Connectors
sPlugs
B
B
sPlugs
qLock ease type
Unit:mm
(Shown one example)
Unit:mm
Part number
CL No.
Contact
Number of contacts
ØA
ØB
ØC
C
Weight
LF10WBPD-4S
LF10WBPD-4P
LF10WBPD-12S
LF10WBPD-12P
136-0014-3-00
136-0017-1-00
136-0015-6-00
136-0018-4-00
Male
Female
Male
Female
4
12
16.8
41.8
7.3
19g
Part number
CL No.
Contact
Number of contacts
ØA
B
ØC
Weight
LF07WBP-3S
LF07WBP-3P
LF07WBP-6S
LF07WBP-6P
LF10WBP-4S
LF10WBP-4P
LF10WBP-12S
LF10WBP-12P
LF13WBP-20S
LF13WBP-20P
LF13WBP-11S
LF13WBP-11P
136-0003-7
136-0004-0
136-0001-1
136-0002-4
136-0005-2
136-0006-5
136-0007-8
136-0008-0
136-0009-3
136-0010-2
136-0011-5
136-0012-8
Female
Male
Female
Male
Female
Male
Female
Male
Female
Male
Female
Male
3
6
4
12
20
11
12.3
14.8
17.9
35.8
41.8
51.9
5
7.3
8.7
11g
17g
29g
The product information in this catalog is for reference only. Please request the Engineering Drawing for the most current and accurate design information.


同様の部品番号 - LF13WBR-20P

メーカー部品番号データシート部品情報
logo
Hirose Electric
LF13WBR-20P HIROSE-LF13WBR-20P Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
More results

同様の説明 - LF13WBR-20P

メーカー部品番号データシート部品情報
logo
Hirose Electric
LF HIROSE-LF_18 Datasheet
636Kb / 12P
   Miniature Waterproof Shielded Connectors
LF07-WBP-6S HIROSE-LF07-WBP-6S Datasheet
351Kb / 11P
   Miniature Waterproof Shielded Connectors
HR30 HIROSE-HR30 Datasheet
833Kb / 16P
   Miniature Waterproof Plastic Connectors
HR30-6PA-6SC HIROSE-HR30-6PA-6SC Datasheet
866Kb / 10P
   Miniature Waterproof Plastic Connectors
logo
List of Unclassifed Man...
HR30-7P-12SC ETC2-HR30-7P-12SC Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Hirose Electric
HR30-6PA-6SC HIROSE-HR30-6PA-6SC_1 Datasheet
438Kb / 12P
   Miniature Waterproof Plastic Connectors
logo
Japan Aviation Electron...
JN2 JAE-JN2 Datasheet
294Kb / 8P
   JN2 SERIES CONNECTORS - General Purpose Waterproof, Miniature Connectors
logo
Hirose Electric
HR34B HIROSE-HR34B Datasheet
273Kb / 8P
   Push-on Bayonet Lock Miniature Waterproof Connectors
logo
ITT Industries
CCM04-5137 ITT-CCM04-5137 Datasheet
340Kb / 5P
   Miniature Connectors
logo
DDK Ltd.
CE02-2A18-10P-D DDK-CE02-2A18-10P-D Datasheet
191Kb / 3P
   Waterproof Circular Connectors
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com