データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FDD7N60NZTM データシート(PDF) 7 Page - Fairchild Semiconductor

部品番号 FDD7N60NZTM
部品情報  N-Channel UniFETTM II MOSFET 600 V, 5.5 A, 1.25
Download  9 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FDD7N60NZTM データシート(HTML) 7 Page - Fairchild Semiconductor

  FDD7N60NZTM Datasheet HTML 1Page - Fairchild Semiconductor FDD7N60NZTM Datasheet HTML 2Page - Fairchild Semiconductor FDD7N60NZTM Datasheet HTML 3Page - Fairchild Semiconductor FDD7N60NZTM Datasheet HTML 4Page - Fairchild Semiconductor FDD7N60NZTM Datasheet HTML 5Page - Fairchild Semiconductor FDD7N60NZTM Datasheet HTML 6Page - Fairchild Semiconductor FDD7N60NZTM Datasheet HTML 7Page - Fairchild Semiconductor FDD7N60NZTM Datasheet HTML 8Page - Fairchild Semiconductor FDD7N60NZTM Datasheet HTML 9Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 7 / 9 page
background image
©2011 Fairchild Semiconductor Corporation
FDD7N60NZ / FDU7N60NZTU Rev. C1
www.fairchildsemi.com
7
Mechanical Dimensions
Figure 16. TO252 (D-PAK), Molded, 3-Lead, Option AA&AB
Package drawings are provided as a service to customers considering Fairchild components. Drawings may change in any manner
without notice. Please note the revision and/or date on the drawing and contact a Fairchild Semiconductor representative to verify or
obtain the most recent revision. Package specifications do not expand the terms of Fairchild’s worldwide terms and conditions, specif-
ically the warranty therein, which covers Fairchild products.
Always visit Fairchild Semiconductor’s online packaging area for the most recent package drawings:
http://www.fairchildsemi.com/package/packageDetails.html?id=PN_TT252-003


同様の部品番号 - FDD7N60NZTM

メーカー部品番号データシート部品情報
logo
Inchange Semiconductor ...
FDD7N60NZ ISC-FDD7N60NZ Datasheet
331Kb / 2P
   isc N-Channel MOSFET Transistor
logo
Fairchild Semiconductor
FDD7N60NZ FAIRCHILD-FDD7N60NZ_10 Datasheet
263Kb / 9P
   N-Channel MOSFET 600V, 5.5A, 1.25?
More results

同様の説明 - FDD7N60NZTM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FDPF12N60NZ FAIRCHILD-FDPF12N60NZ Datasheet
376Kb / 10P
   N-Channel UniFETTM II MOSFET 600 V, 12 A, 650 m?
FDP10N60NZ FAIRCHILD-FDP10N60NZ Datasheet
494Kb / 10P
   N-Channel UniFETTM II MOSFET 600 V, 10 A, 750 m?
FDD4N60NZ FAIRCHILD-FDD4N60NZ Datasheet
321Kb / 8P
   FDD4N60NZ N-Channel UniFETTM II MOSFET 600 V, 3.4 A, 2.5 ?
FDP7N60NZ FAIRCHILD-FDP7N60NZ Datasheet
354Kb / 10P
   N-Channel UniFETTM II MOSFET
FDD8N50NZTM FAIRCHILD-FDD8N50NZTM Datasheet
326Kb / 8P
   N-Channel UniFETTM II MOSFET?
FDPF3N50NZ FAIRCHILD-FDPF3N50NZ Datasheet
328Kb / 9P
   N-Channel UniFETTM II MOSFET?
FDPF12N50NZ FAIRCHILD-FDPF12N50NZ Datasheet
388Kb / 10P
   N-Channel UniFETTM II MOSFET?
FDPF16N50T FAIRCHILD-FDPF16N50T Datasheet
1Mb / 8P
   N-Channel UniFETTM MOSFET 500 V, 16 A, 380 m廓
FDD18N20LZ FAIRCHILD-FDD18N20LZ Datasheet
1Mb / 8P
   N-Channel UniFETTM MOSFET 200 V, 16 A, 125 m廓
FDPF51N25YDTU FAIRCHILD-FDPF51N25YDTU Datasheet
518Kb / 11P
   N-Channel UniFETTM MOSFET 250 V, 51 A, 60 m廓
More results


Html Pages

1 2 3 4 5 6 7 8 9


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com