データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL1539IRZ-T7 データシート(PDF) 10 Page - Intersil Corporation

部品番号 ISL1539IRZ-T7
部品情報  Dual Channel Differential VDSL2 Line Driver
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL1539IRZ-T7 データシート(HTML) 10 Page - Intersil Corporation

Back Button ISL1539IRZ-T7 Datasheet HTML 3Page - Intersil Corporation ISL1539IRZ-T7 Datasheet HTML 4Page - Intersil Corporation ISL1539IRZ-T7 Datasheet HTML 5Page - Intersil Corporation ISL1539IRZ-T7 Datasheet HTML 6Page - Intersil Corporation ISL1539IRZ-T7 Datasheet HTML 7Page - Intersil Corporation ISL1539IRZ-T7 Datasheet HTML 8Page - Intersil Corporation ISL1539IRZ-T7 Datasheet HTML 9Page - Intersil Corporation ISL1539IRZ-T7 Datasheet HTML 10Page - Intersil Corporation ISL1539IRZ-T7 Datasheet HTML 11Page - Intersil Corporation  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
ISL1539
10
Intersil products are manufactured, assembled and tested utilizing ISO9000 quality systems as noted
in the quality certifications found at www.intersil.com/en/support/qualandreliability.html
Intersil products are sold by description only. Intersil Corporation reserves the right to make changes in circuit design, software and/or specifications at any time
without notice. Accordingly, the reader is cautioned to verify that data sheets are current before placing orders. Information furnished by Intersil is believed to be
accurate and reliable. However, no responsibility is assumed by Intersil or its subsidiaries for its use; nor for any infringements of patents or other rights of third
parties which may result from its use. No license is granted by implication or otherwise under any patent or patent rights of Intersil or its subsidiaries.
For information regarding Intersil Corporation and its products, see www.intersil.com
FN7516.4
June 21, 2013
For additional products, see www.intersil.com/en/products.html
where:
•TJUNCT is the maximum die temperature (+150°C)
•TAMB is the maximum ambient temperature
•PDISS is the dissipation calculated above
θJA is the junction to ambient thermal resistance for the
package when mounted on the PCB
This
θJA value is then used to calculate the area of copper
needed on the board to dissipate the power.
The IRE and QFN power packages are designed so that heat may
be conducted away from the device in an efficient manner. To
disperse this heat, the bottom diepad is internally connected to
the mounting platform of the die. Heat flows through the diepad
into the circuit board copper, then spreads and convects to air.
Thus, the ground plane on the component side of the board
becomes the heatsink. This has proven to be a very effective
technique.
θJA of +30°C/W can be achieved.
Single Supply Operation
The ISL1539 can also be powered from a single supply voltage.
When operating in this mode, the GND pins can still be
connected directly to GND. To calculate power dissipation, the
equations in the previous section should be used, with VS equal
to half the supply rail.
Output Loading
While the drive amplifiers can output in excess of 450mA
transiently, the internal metallization is not designed to carry
more than 75mA of steady DC current and there is no
current-limit mechanism. This allows safely driving rms
sinusoidal currents of 2mAx75mA, or 150mA. This current is
more than that required to drive line impedances to large output
levels, but output short circuits cannot be tolerated. The series
output resistor will usually limit currents to safe values in the
event of line shorts. Driving lines with no series resistor is a
serious hazard.
Power Supplies
The power supplies should be well bypassed close to the
ISL1539. A 3.3µF tantalum capacitor for each supply works well.
Since the load currents are differential, they should not travel
through the board copper and set up ground loops that can
return to amplifier inputs. Due to the class AB output stage
design, these currents have heavy harmonic content. If the
ground terminal of the positive and negative bypass capacitors
are connected to each other directly and then returned to circuit
ground, no such ground loops will occur. This scheme is
employed in the layout of the EL1537 demonstration board, and
documentation can be obtained from the factory.
Power Control Function
The ISL1539 contains two forms of power control operation. Two
digital inputs, C0 and C1, can be used to control the supply
current of the ISL1539 drive amplifiers. As the supply current is
reduced, the ISL1539 will start to exhibit slightly higher levels of
distortion and the frequency response will be limited. The four
power modes of the ISL1539 are set up as shown in the table1
below.
TABLE 1. POWER MODES OF THE EL15371
C1
C0
Operation
00
IS Full Power Mode
0
1
3/4-IS Power Mode
1
0
1/2-IS Power Mode
11
Power Down


同様の部品番号 - ISL1539IRZ-T7

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL1539IRZ-T7 RENESAS-ISL1539IRZ-T7 Datasheet
763Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
June 21, 2013
More results

同様の説明 - ISL1539IRZ-T7

メーカー部品番号データシート部品情報
logo
Renesas Technology Corp
ISL1539 RENESAS-ISL1539 Datasheet
763Kb / 11P
   Dual Channel Differential VDSL2 Line Driver
June 21, 2013
logo
Intersil Corporation
ISL1539 INTERSIL-ISL1539_07 Datasheet
35Kb / 2P
   Dual Channel Differential VDSL2 Line Driver
logo
Texas Instruments
THS6214 TI-THS6214 Datasheet
1Mb / 41P
[Old version datasheet]   Dual-Port, Differential, VDSL2 Line Driver Amplifiers
THS6204 TI-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
THS6204 TI1-THS6204 Datasheet
1Mb / 43P
[Old version datasheet]   Dual-Port, Differential VDSL2 Line Driver Amplifiers
logo
Intersil Corporation
ISL1550IRZ INTERSIL-ISL1550IRZ Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
March 16, 2012
ISL1550 INTERSIL-ISL1550 Datasheet
709Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Renesas Technology Corp
ISL1550 RENESAS-ISL1550 Datasheet
934Kb / 13P
   Single Port, VDSL2 Differential Line Driver
logo
Intersil Corporation
ISL1539A INTERSIL-ISL1539A Datasheet
91Kb / 2P
   Dual Port VDSL2 Line Driver
logo
Renesas Technology Corp
ISL1539A RENESAS-ISL1539A Datasheet
2Mb / 23P
   Dual Port VDSL2 Line Driver
September 23, 2009
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com