データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

ISL12020M データシート(PDF) 9 Page - Intersil Corporation

部品番号 ISL12020M
部品情報  Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
Download  34 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  INTERSIL [Intersil Corporation]
ホームページ  http://www.intersil.com/cda/home
Logo INTERSIL - Intersil Corporation

ISL12020M データシート(HTML) 9 Page - Intersil Corporation

Back Button ISL12020M Datasheet HTML 5Page - Intersil Corporation ISL12020M Datasheet HTML 6Page - Intersil Corporation ISL12020M Datasheet HTML 7Page - Intersil Corporation ISL12020M Datasheet HTML 8Page - Intersil Corporation ISL12020M Datasheet HTML 9Page - Intersil Corporation ISL12020M Datasheet HTML 10Page - Intersil Corporation ISL12020M Datasheet HTML 11Page - Intersil Corporation ISL12020M Datasheet HTML 12Page - Intersil Corporation ISL12020M Datasheet HTML 13Page - Intersil Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 9 / 34 page
background image
ISL12020M
9
FN6667.5
December 13, 2011
SDA vs SCL Timing
Symbol Table
tSU:STO
tDH
tHIGH
tSU:STA
tHD:STA
tHD:DAT
tSU:DAT
SCL
SDA
(INPUT TIMING)
SDA
(OUTPUT TIMING)
tF
tLOW
tBUF
tAA
tR
FIGURE 2. STANDARD OUTPUT LOAD FOR TESTING THE DEVICE
WITH VDD = 5.0V
SDA
AND
IRQ/FOUT
1533
100pF
5.0V
FOR VOL= 0.4V
AND IOL = 3mA
EQUIVALENT AC OUTPUT LOAD CIRCUIT FOR VDD = 5V
WAVEFORM
INPUTS
OUTPUTS
Must be steady
Will be steady
May change
from LO W
to HIGH
Will change
from LOW
to HIGH
May change
from HIGH
to LO W
Will change
from HIGH
to LOW
Don’t Care:
Changes Allowed
Changing:
State Not Known
N/A
Center Line is
High Impedance
Typical Performance Curves Temperature is +25°C unless otherwise specified.
FIGURE 3. IBAT vs VBAT
FIGURE 4. IBAT vs TEMPERATURE
800
850
900
950
1000
1050
1.82.3
2.83.3
3.84.3
4.85.3
VBAT VOLTAGE (V)
600
800
1000
1200
1400
1600
-40
-20
0
2040
6080
TEMPERATURE (°C)
VBAT = 1.8V
VBAT = 3.0V
VBAT = 5.5V


同様の部品番号 - ISL12020M

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
768Kb / 6P
   High-Accuracy RTC Modules, Feature-Rich RTCs
ISL12020M INTERSIL-ISL12020M Datasheet
9Mb / 44P
   Providing high-performance solutions for every link in the signal chain
ISL12020M INTERSIL-ISL12020M Datasheet
4Mb / 20P
   Intersil?셲 Solutions for Industrial Process Control
logo
Renesas Technology Corp
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
More results

同様の説明 - ISL12020M

メーカー部品番号データシート部品情報
logo
Intersil Corporation
ISL12022MIBZ-T7A INTERSIL-ISL12022MIBZ-T7A Datasheet
900Kb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M INTERSIL-ISL12020M Datasheet
476Kb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022MA RENESAS-ISL12022MA Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MR5421 RENESAS-ISL12022MR5421 Datasheet
1Mb / 31P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12020M RENESAS-ISL12020M Datasheet
1Mb / 34P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12022M INTERSIL-ISL12022M_10 Datasheet
620Kb / 31P
   Low Power RTC with Battery Backed SRAM,Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022MA INTERSIL-ISL12022MA_10 Datasheet
866Kb / 29P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
ISL12022M INTERSIL-ISL12022M_09 Datasheet
387Kb / 27P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation, and Auto Daylight Saving
logo
Renesas Technology Corp
ISL12022M RENESAS-ISL12022M Datasheet
1Mb / 32P
   Low Power RTC with Battery Backed SRAM, Integrated 짹5ppm Temperature Compensation and Auto Daylight Saving
logo
Intersil Corporation
ISL12023 INTERSIL-ISL12023 Datasheet
389Kb / 28P
   Low Power RTC with Battery-Backed SRAM and Embedded Temp Compensation 짹5ppm with Auto Daylight Saving
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16 17 18 19 20 21 22 23 24 25 26 27 28 29 30 31 32 33 34


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com