データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

G1000SMP250H データシート(PDF) 11 Page - List of Unclassifed Manufacturers

部品番号 G1000SMP250H
部品情報  INDUSTRY STANDARDS
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ETC2 [List of Unclassifed Manufacturers]
ホームページ  
Logo ETC2 - List of Unclassifed Manufacturers

G1000SMP250H データシート(HTML) 11 Page - List of Unclassifed Manufacturers

Back Button G1000SMP250H Datasheet HTML 7Page - List of Unclassifed Manufacturers G1000SMP250H Datasheet HTML 8Page - List of Unclassifed Manufacturers G1000SMP250H Datasheet HTML 9Page - List of Unclassifed Manufacturers G1000SMP250H Datasheet HTML 10Page - List of Unclassifed Manufacturers G1000SMP250H Datasheet HTML 11Page - List of Unclassifed Manufacturers G1000SMP250H Datasheet HTML 12Page - List of Unclassifed Manufacturers G1000SMP250H Datasheet HTML 13Page - List of Unclassifed Manufacturers G1000SMP250H Datasheet HTML 14Page - List of Unclassifed Manufacturers G1000SMP250H Datasheet HTML 15Page - List of Unclassifed Manufacturers Next Button
Zoom Inzoom in Zoom Outzoom out
 11 / 16 page
background image
Spec-00539 F
Wall-Mount EnclosurEs FUSION G7™ aNd acceSSOrIeS
EQUIPMENT PROTECTION SOLUTIONS
SUBJECT TO CHANGE WITHOUT NOTICE
Mild stEEl
11
HandlEs
These black composite handles with zinc insert can replace the
standard quarter-turn 3-mm double bit insert on all FUSION G7™
wall-mount enclosures. The keylocking handle is available for
applications requiring quick access and keylocking security. The
padlocking handle accommodates up to a 5/16-in. diameter padlock
shank. Each latch system can be converted from clockwise to
counter-clockwise opening. Maintains IP66 and UL/CSA Type 4 and
12 when properly installed in a Hoffman FUSION G7 enclosure.
Bulletin: A4GY
48 mm
1.89
115 mm
4.51
89000897
Catalog Number
Description
GKEYLOCKHDL
Key-Locking Handle
GPDLOCKHDL
Padlocking Handle
HinGE pin kits
Easy-to-remove and replace hinge pins facilitate door removal or
reversing. Available in plated or stainless steel.
Bulletin: A4GY, VM3
Catalog Number
Description
Pkg. Qty.
GHPINSS
Stainless steel
2
GHPINMS
Plated steel
2
din rail MountinG adaptEr
Allows quick and simple installation of TS35 x 7.5 DIN (DIN3) rail.
Black composite (PBT) material. DIN rail not included.
Bulletin: A4GY
Catalog Number
Pkg. Qty.
GDINRAILBKT
10


同様の部品番号 - G1000SMP250H

メーカー部品番号データシート部品情報
logo
E-SWITCH
G100001 E-SWITCH-G100001 Datasheet
38Kb / 1P
   All Dimension In MM
logo
List of Unclassifed Man...
G10000GW1 ETC-G10000GW1 Datasheet
122Kb / 2P
   10 segment light bar
G10000GW2 ETC-G10000GW2 Datasheet
122Kb / 2P
   10 segment light bar
G10000GW3 ETC-G10000GW3 Datasheet
122Kb / 2P
   10 segment light bar
G10000GW4 ETC-G10000GW4 Datasheet
122Kb / 2P
   10 segment light bar
More results

同様の説明 - G1000SMP250H

メーカー部品番号データシート部品情報
logo
Bourns Electronic Solut...
MF-SM300-2 BOURNS-MF-SM300-2 Datasheet
290Kb / 4P
   Fully compatible with current industry standards
logo
Omron Electronics LLC
XG4A-5031 OMRON-XG4A-5031 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
XG4C-1031 OMRON-XG4C-1031 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
XG4A-2032 OMRON-XG4A-2032 Datasheet
1Mb / 22P
   Industry Standard Circuit Board Connectors Conform to MIL Standards
logo
Bel Fuse Inc.
FRH100-00 BEL-FRH100-00 Datasheet
774Kb / 6P
   Meet railway industry EN 50155 / EN 50121-3-2 and AREMA standards
logo
Panasonic Semiconductor
ADE109 PANASONIC-ADE109 Datasheet
76Kb / 4P
   Compliant with European standards European standards power relays
logo
List of Unclassifed Man...
EA50-SCS ETC1-EA50-SCS Datasheet
169Kb / 1P
   SCS CALIBRATION STANDARDS
logo
IET Labs Inc.
SR102 IET-SR102 Datasheet
218Kb / 1P
   Transportable Resistance Standards
Nov 2017
logo
Omron Electronics LLC
C200H-COV11 OMRON-C200H-COV11 Datasheet
452Kb / 38P
   PRODUCT PERFORMANCE STANDARDS
logo
STMicroelectronics
AN2483 STMICROELECTRONICS-AN2483 Datasheet
48Kb / 6P
   Video signal standards
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com