データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NE25118 データシート(PDF) 1 Page - California Eastern Labs

部品番号 NE25118
部品情報  GENERAL PURPOSE DUAL-GATE GaAS MESFET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CEL [California Eastern Labs]
ホームページ  http://www.cel.com
Logo CEL - California Eastern Labs

NE25118 データシート(HTML) 1 Page - California Eastern Labs

  NE25118 Datasheet HTML 1Page - California Eastern Labs NE25118 Datasheet HTML 2Page - California Eastern Labs NE25118 Datasheet HTML 3Page - California Eastern Labs NE25118 Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
PART NUMBER
NE25118
PACKAGE OUTLINE
18
SYMBOL
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
NF
Noise Figure at VDS = 5 V, VG2S = 1 V, ID = 10 mA,
f = 900 MHz
dB
1.1
2.5
GPS
Power Gain at VDS = 5 V, VG2S = 1 V, ID = 10 mA,
f = 900 MHz
dB
16
20
BVDSX
Drain to Source Breakdown Voltage at VG1S = -4 V,
VG2S = 0, ID = 10
µAV
13
IDSS
Saturated Drain Current at VDS = 5 V, VG2S = 0 V, VG1S = 0 V
mA
5
20
40
VG1S (OFF)
Gate 1 to Source Cutoff Voltage at VDS = 5 V,
VG2S = 0 V, ID = 100
µA
V
-3.5
VG2S (OFF)
Gate 2 to Source Cutoff Voltage at VDS = 5 V,
VG1S = 0 V, ID = 100
µA
V
-3.5
IG1SS
Gate 1 Reverse Current at VDS = 0, VG1S = -4V, VG2S = 0
µA10
IG2SS
Gate 2 Reverse Current at VDS = 0, VG2S = -4V, VG1S = 0
µA10
|YFS|
Forward Transfer Admittance at VDS = 5 V, VG2S = 1 V,
ID = 10 mA, f = 1.0 kHz
mS
18
25
35
CISS
Input Capacitance at VDS = 5 V, VG2S = 1 V, ID = 10 mA,
f = 1 MHz
pF
0.5
1.0
1.5
CRSS
Reverse Transfer Capacitance at VDS = 5 V, VG2S = 1 V,
ID = 10 mA, f = 1 MHz
pF
0.02
0.03
FEATURES
SUITABLE FOR USE AS RF AMPLIFIER IN
UHF TUNER
LOW CRSS: 0.02 pF (TYP)
HIGH POWER GAIN: 20 dB (TYP) AT 900 MHz
LOW NF: 1.1 dB TYP AT 900 MHz
• LG1 = 1.0
µm, LG2 = 1.5 µm, WG = 400 µm
ION IMPLANTATION
AVAILABLE IN TAPE & REEL OR BULK
LOW PACKAGE HEIGHT: 1.0 mm MAX
POWER GAIN AND NOISE FIGURE
vs.
DRAIN TO SOURCE VOLTAGE
Drain to Source Voltage, VDS (V)
GENERAL PURPOSE
DUAL-GATE GaAS MESFET
NE25118
DESCRIPTION
The NE25118 is a dual gate GaAs FET designed to provide
flexibility in its application as a mixer, AGC amplifier, or low
noise amplifier. As an example, by shorting the second gate
to the source, higher gain can be realized than with single gate
MESFETs. This device is available in a 4 pin super mini-mold
package, (SOT-343 type). Maximum package height of 1.0
mm makes the NE25118 an ideal device for PCMCIA card
applications.
ELECTRICAL CHARACTERISTICS (TA = 25°C)
California Eastern Laboratories
20
0
10
0
5
10
0
10
GPS
VG2S = 1 V
VG2S = 0.5 V
VG2S = 2 V
ID = 10 mA
f = 900 MHz
5
NF


同様の部品番号 - NE25118

メーカー部品番号データシート部品情報
logo
NEC
NE25118 NEC-NE25118 Datasheet
45Kb / 4P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
NE25118-T1 NEC-NE25118-T1 Datasheet
45Kb / 4P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
More results

同様の説明 - NE25118

メーカー部品番号データシート部品情報
logo
NEC
NE25337 NEC-NE25337 Datasheet
160Kb / 5P
   GENERAL PURPOSE DUAL-GATE GaAs MESFET
NE25139 NEC-NE25139 Datasheet
54Kb / 7P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
NE25339 NEC-NE25339 Datasheet
48Kb / 6P
   GENERAL PURPOSE DUAL-GATE GaAs MESFET
NE25137 NEC-NE25137 Datasheet
186Kb / 5P
   GENERAL PURPOSE DUAL GATE GAAS MESFET
NE25118 NEC-NE25118 Datasheet
45Kb / 4P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
logo
California Eastern Labs
NE25139 CEL-NE25139 Datasheet
58Kb / 7P
   GENERAL PURPOSE DUAL-GATE GaAS MESFET
logo
NEC
NE76100 NEC-NE76100_99 Datasheet
53Kb / 8P
   GENERAL PURPOSE GaAs MESFET
logo
Infineon Technologies A...
CFY27 INFINEON-CFY27 Datasheet
572Kb / 8P
   HiRel Ku-Band GaAs General Purpose MESFET
September 99
logo
NEC
NE76184AS NEC-NE76184AS Datasheet
52Kb / 4P
   GENERAL PURPOSE L TO X-BAND GaAs MESFET
NE721S01 NEC-NE721S01 Datasheet
32Kb / 5P
   GENERAL PURPOSE L TO X-BAND GaAs MESFET
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com