データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

NE24283B データシート(PDF) 1 Page - California Eastern Labs

部品番号 NE24283B
部品情報  ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
Download  4 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  CEL [California Eastern Labs]
ホームページ  http://www.cel.com
Logo CEL - California Eastern Labs

NE24283B データシート(HTML) 1 Page - California Eastern Labs

  NE24283B Datasheet HTML 1Page - California Eastern Labs NE24283B Datasheet HTML 2Page - California Eastern Labs NE24283B Datasheet HTML 3Page - California Eastern Labs NE24283B Datasheet HTML 4Page - California Eastern Labs  
Zoom Inzoom in Zoom Outzoom out
 1 / 4 page
background image
1
10
20
30
1.4
1.2
1
0.8
0.6
0.4
0.2
0
24
21
18
15
12
9
6
3
GA
NF
FEATURES
• VERY LOW NOISE FIGURE:
0.6 dB TYP at 12 GHz
• HIGH ASSOCIATED GAIN:
11.0 dB TYP at 12 GHz
• GATE LENGTH: 0.25
µm
• GATE WIDTH: 200
µm
• HERMETIC METAL/CERAMIC PACKAGE
NE24283B
ULTRA LOW NOISE
PSEUDOMORPHIC HJ FET
(SPACE QUALIFIED)
NOISE FIGURE & ASSOCIATED
GAIN vs. FREQUENCY
VDS = 2 V, IDS = 10 mA
Frequency, f (GHz)
DESCRIPTION
The NE24283B is a pseudomorphic Hetero-Junction FET that
uses the junction between Si-doped AlGaAs and undoped
InGaAs to create very high mobility electrons. The device
features mushroom shaped TiAl gates for decreased gate
resistance and improved power handling capabilities. The
mushroom gate also results in lower noise figure and high
associated gain. This device is housed in a solder sealed
hermetic, metal ceramic package for high reliability in space
applications.
NEC's stringent quality assurance and test procedures as-
sure the highest reliability and performance.
PART NUMBER
NE24283B
PACKAGE OUTLINE
83B
SYMBOLS
PARAMETERS AND CONDITIONS
UNITS
MIN
TYP
MAX
NFOPT1
Optimum Noise Figure at VDS = 2 V, IDS = 10 mA
f = 4 GHz
dB
0.35
f = 12 GHz
dB
0.6
0.7
GA1
Associated Gain at VDS = 2 V, IDS = 10 mA
f = 4 GHz
dB
16.0
f = 12 GHz
dB
10.0
11.0
P1dB
Output Power at 1 dB Gain Compression Point, f = 12 GHz
VDS = 2 V, IDS = 10 mA
dBm
9.5
VDS = 2 V, IDS = 20 mA
dBm
11.0
G1dB
Gain at P1dB, f = 12 GHz
VDS = 2 V, IDS = 10 mA
dB
11.8
VDS = 2 V, IDS = 20 mA
dB
12.8
IDSS
Saturated Drain Current at VDS = 2 V, VGS = 0 V
mA
15
40
70
VP
Pinch-off Voltage at VDS = 2 V, IDS = 100
µA
V
-2.0
-0.8
-0.2
gm
Transconductance at VDS = 2 V, IDS = 10 mA
mS
45
60
IGSO
Gate to Source Leakage Current at VGS = -3 V
µA
0.5
10
RTH (CH-A)
Thermal Resistance (Channel-to-Ambient)
°C/W
750
RTH (CH-C)
Thermal Resistance (Channel-to-Case)
°C/W
350
Note:
1. Typical values of noise figures and associated gain are those obtained when 50% of the devices from a large number of lots were individually
measured in a circuit with the input individually tuned to obtain the minimum value. Maximum values are criteria established of the production
line as a "go-no-go" screening tuned for the "generic" type but not for each specimen.
ELECTRICAL CHARACTERISTICS (TA = 25°C)
California Eastern Laboratories


同様の部品番号 - NE24283B

メーカー部品番号データシート部品情報
logo
NEC
NE24283B NEC-NE24283B Datasheet
39Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET (SPACE QUALIFIED)
More results

同様の説明 - NE24283B

メーカー部品番号データシート部品情報
logo
California Eastern Labs
NE321000 CEL-NE321000_01 Datasheet
135Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32400 NEC-NE32400_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE321000 CEL-NE321000 Datasheet
141Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32684A NEC-NE32684A Datasheet
194Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE24200 CEL-NE24200 Datasheet
47Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE32484A NEC-NE32484A_98 Datasheet
55Kb / 5P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32984D NEC-NE32984D Datasheet
51Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
NE32584C NEC-NE32584C_98 Datasheet
57Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
California Eastern Labs
NE32584 CEL-NE32584 Datasheet
58Kb / 6P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET
logo
NEC
NE24200 NEC-NE24200_00 Datasheet
46Kb / 4P
   ULTRA LOW NOISE PSEUDOMORPHIC HJ FET (SPACE QUALIFIED)
More results


Html Pages

1 2 3 4


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com