データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

EL2044C データシート(PDF) 5 Page - Elantec Semiconductor

部品番号 EL2044C
部品情報  Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
Download  13 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ELANTEC [Elantec Semiconductor]
ホームページ  http://www.elantec.com
Logo ELANTEC - Elantec Semiconductor

EL2044C データシート(HTML) 5 Page - Elantec Semiconductor

  EL2044C Datasheet HTML 1Page - Elantec Semiconductor EL2044C Datasheet HTML 2Page - Elantec Semiconductor EL2044C Datasheet HTML 3Page - Elantec Semiconductor EL2044C Datasheet HTML 4Page - Elantec Semiconductor EL2044C Datasheet HTML 5Page - Elantec Semiconductor EL2044C Datasheet HTML 6Page - Elantec Semiconductor EL2044C Datasheet HTML 7Page - Elantec Semiconductor EL2044C Datasheet HTML 8Page - Elantec Semiconductor EL2044C Datasheet HTML 9Page - Elantec Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 13 page
background image
5
EL2044C
Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
Typical Performance Curves
Non-Inverting
Frequency Response
Inverting Frequency Response
Frequency Response for
Various Load Resistances
Equivalent Input Noise
Settling Time vs
Output Voltage Change
Output Voltage Range
vs Supply Voltage
Common-Mode Input Range vs
Supply Voltage
Supply Current vs
Supply Voltage
CMRR, PSRR and Closed-Loop
Output Resistance vs Frequency
Open-Loop Gain and
Phase vs Frequency
Output Voltage Swing
vs Frequency
2nd and 3rd Harmonic
Distortion vs Frequency


同様の部品番号 - EL2044C

メーカー部品番号データシート部品情報
logo
Intersil Corporation
EL2044CN INTERSIL-EL2044CN Datasheet
258Kb / 10P
   Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
EL2044CS INTERSIL-EL2044CS Datasheet
258Kb / 10P
   Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
EL2044CS-T13 INTERSIL-EL2044CS-T13 Datasheet
258Kb / 10P
   Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
EL2044CS-T7 INTERSIL-EL2044CS-T7 Datasheet
258Kb / 10P
   Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
EL2044CSZ INTERSIL-EL2044CSZ Datasheet
258Kb / 10P
   Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
More results

同様の説明 - EL2044C

メーカー部品番号データシート部品情報
logo
Intersil Corporation
EL2044 INTERSIL-EL2044 Datasheet
258Kb / 10P
   Low Power/Low Voltage 120MHz Unity-Gain Stable Operational Amplifier
logo
Burr-Brown (TI)
OPA820 BURR-BROWN-OPA820 Datasheet
427Kb / 25P
   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
logo
Texas Instruments
OPA820-HT TI1-OPA820-HT_16 Datasheet
507Kb / 32P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA820 TI1-OPA820 Datasheet
823Kb / 32P
[Old version datasheet]   Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA820-HT TI1-OPA820-HT Datasheet
473Kb / 30P
[Old version datasheet]   UNITY-GAIN STABLE, LOW-NOISE, VOLTAGE-FEEDBACK OPERATIONAL AMPLIFIER
OPA4820ID TI1-OPA4820ID Datasheet
839Kb / 34P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
OPA842IDG4 TI-OPA842IDG4 Datasheet
812Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI1-OPA842_15 Datasheet
818Kb / 29P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA842 TI-OPA842 Datasheet
438Kb / 19P
[Old version datasheet]   Wideband, Low Distortion, Unity-Gain Stable, Voltage-Feedback OPERATIONAL AMPLIFIER
OPA4820 TI1-OPA4820 Datasheet
845Kb / 35P
[Old version datasheet]   Quad, Unity-Gain Stable, Low-Noise, Voltage-Feedback Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com