データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A-4030-02A241 データシート(PDF) 2 Page - Molex Electronics Ltd.

部品番号 A-4030-02A241
部品情報  KK짰 254 Wire-to-Board Header, Single Row, Vertical, 2 Circuits, PA Polyamide Nylon, Gold (Au) Plating
Download  2 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  MOLEX11 [Molex Electronics Ltd.]
ホームページ  http://www.molex.com
Logo MOLEX11 - Molex Electronics Ltd.

A-4030-02A241 データシート(HTML) 2 Page - Molex Electronics Ltd.

  A-4030-02A241 Datasheet HTML 1Page - Molex Electronics Ltd. A-4030-02A241 Datasheet HTML 2Page - Molex Electronics Ltd.  
Zoom Inzoom in Zoom Outzoom out
 2 / 2 page
background image
Voltage - Maximum
250V
Solder Process Data
Duration at Max. Process Temperature (seconds)
5
Lead-free Process Capability
Wave Capable (TH only)
Max. Cycles at Max. Process Temperature
1
Process Temperature max. C
235
Material Info
Old Part Number
A-4030-02A241
Reference - Drawing Numbers
Product Specification
PS-10-07
Sales Drawing
SD-4030-0001
This document was generated on 04/25/2014
PLEASE CHECK WWW.MOLEX.COM FOR LATEST PART INFORMATION


同様の部品番号 - A-4030-02A241

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
A-4030-02A MOLEX-A-4030-02A Datasheet
172Kb / 2P
   KK 100 HEADER ASSEMBLY
2011/09/30
A-4030-02A MOLEX-A-4030-02A Datasheet
172Kb / 2P
   KK 100 HEADER ASSEMBLY
2011/09/30
A-4030-02A102 MOLEX2-A-4030-02A102 Datasheet
242Kb / 4P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Single Row, Vertical, 2 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
A-4030-02A197 MOLEX11-A-4030-02A197 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 2 Circuits, PA Polyamide Nylon, Tin (Sn) Plating
A-4030-02A501 MOLEX2-A-4030-02A501 Datasheet
242Kb / 4P
   2.54mm (.100) Pitch KK짰 Wire-to-Board Header, Single Row, Vertical, 2 Circuits, PA Polyamide Nylon, Gold (Au) Plating
More results

同様の説明 - A-4030-02A241

メーカー部品番号データシート部品情報
logo
Molex Electronics Ltd.
22-10-2121 MOLEX11-22-10-2121 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 12 Circuits, PA Polyamide Nylon, Gold (Au) Plating
22-10-2081 MOLEX11-22-10-2081 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 8 Circuits, PA Polyamide Nylon, Gold (Au) Plating
22-10-2051 MOLEX11-22-10-2051 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 5 Circuits, PA Polyamide Nylon, Gold (Au) Plating
22-10-2041 MOLEX11-22-10-2041 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 4 Circuits, PA Polyamide Nylon, Gold (Au) Plating
22-10-2161 MOLEX11-22-10-2161 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 16 Circuits, PA Polyamide Nylon, Gold (Au) Plating
22-10-2111 MOLEX11-22-10-2111 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 11 Circuits, PA Polyamide Nylon, Gold (Au) Plating
22-10-2031 MOLEX11-22-10-2031 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 3 Circuits, PA Polyamide Nylon, Gold (Au) Plating
22-10-2101 MOLEX11-22-10-2101 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 10 Circuits, PA Polyamide Nylon, Gold (Au) Plating
22-10-2071 MOLEX11-22-10-2071 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 7 Circuits, PA Polyamide Nylon, Gold (Au) Plating
22-10-2131 MOLEX11-22-10-2131 Datasheet
55Kb / 2P
   KK짰 254 Wire-to-Board Header, Single Row, Vertical, 13 Circuits, PA Polyamide Nylon, Gold (Au) Plating
More results


Html Pages

1 2


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com