データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQD17N08LTM データシート(PDF) 2 Page - Fairchild Semiconductor

部品番号 FQD17N08LTM
部品情報  N-Channel QFET짰 MOSFET 80 V, 12.9 A, 100 m廓
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD17N08LTM データシート(HTML) 2 Page - Fairchild Semiconductor

  FQD17N08LTM Datasheet HTML 1Page - Fairchild Semiconductor FQD17N08LTM Datasheet HTML 2Page - Fairchild Semiconductor FQD17N08LTM Datasheet HTML 3Page - Fairchild Semiconductor FQD17N08LTM Datasheet HTML 4Page - Fairchild Semiconductor FQD17N08LTM Datasheet HTML 5Page - Fairchild Semiconductor FQD17N08LTM Datasheet HTML 6Page - Fairchild Semiconductor FQD17N08LTM Datasheet HTML 7Page - Fairchild Semiconductor FQD17N08LTM Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 2 / 8 page
background image
Package Marking and Ordering Information
www.fairchildsemi.com
2
Part Number
Top Mark
Package
Reel Size
Tape Width
Quantity
FQD17N08L
FQD17N08LTM
DPAK
330 mm
16 mm
2500 units
Packing Method
Tape and Reel
Electrical Characteristics
TC = 25°C unless otherwise noted.
©2000 Fairchild Semiconductor Corporation
FQD17N08L Rev. C1
(Note 4)
(Note 4)
Symbol
Parameter
Test Conditions
Min
.
Typ
.
Max
.
Unit
Off Characteristics
BVDSS
Drain-Source Breakdown Voltage
VGS = 0 V, ID = 250 µA
80
--
--
V
∆BVDSS
/ ∆TJ
Breakdown Voltage Temperature
Coefficient
ID = 250 µA, Referenced to 25°C
--
0.08
--
V/°C
IDSS
Zero Gate Voltage Drain Current
VDS = 80 V, VGS = 0 V
--
--
1
µA
VDS = 64 V, TC = 125°C
--
--
10
µA
IGSSF
Gate-Body Leakage Current, Forward
VGS = 20 V, VDS = 0 V
--
--
100
nA
IGSSR
Gate-Body Leakage Current, Reverse
VGS = -20 V, VDS = 0 V
--
--
-100
nA
On Characteristics
VGS(th)
Gate Threshold Voltage
VDS = VGS, ID = 250 µA
1.0
--
2.0
V
RDS(on)
Static Drain-Source
On-Resistance
VGS = 10 V, ID = 6.45 A
VGS = 5 V, ID = 6.45 A
--
0.076
0.090
0.100
0.115
gFS
Forward Transconductance
VDS = 25 V, ID = 6.45 A
--
11.7
--
S
Dynamic Characteristics
Ciss
Input Capacitance
VDS = 25 V, VGS = 0 V,
f = 1.0 MHz
--
400
520
pF
Coss
Output Capacitance
--
120
155
pF
Crss
Reverse Transfer Capacitance
--
29
37
pF
Switching Characteristics
td(on)
Turn-On Delay Time
VDD = 40 V, ID = 16.5 A,
RG = 25 Ω
--
7
25
ns
tr
Turn-On Rise Time
--
290
590
ns
td(off)
Turn-Off Delay Time
--
20
50
ns
tf
Turn-Off Fall Time
--
75
160
ns
Qg
Total Gate Charge
VDS = 64 V, ID = 16.5 A,
VGS = 5 V
--
8.8
11.5
nC
Qgs
Gate-Source Charge
--
2.0
--
nC
Qgd
Gate-Drain Charge
--
5.4
--
nC
Drain-Source Diode Characteristics and Maximum Ratings
IS
Maximum Continuous Drain-Source Diode Forward Current
--
--
12.9
A
ISM
Maximum Pulsed Drain-Source Diode Forward Current
--
--
51.6
A
VSD
Drain-Source Diode Forward Voltage
VGS = 0 V, IS = 12.9 A
--
--
1.5
V
trr
Reverse Recovery Time
VGS = 0 V, IS = 16.5 A,
dIF / dt = 100 A/µs
--
55
--
ns
Qrr
Reverse Recovery Charge
--
85
--
nC
Notes:
1. Repetitive rating : pulse-width limited by maximum junction temperature.
2. L = 0.83 mH, IAS = 12.9 A, VDD = 25 V, RG = 25 Ω, starting TJ = 25°C.
3. ISD ≤ 16.5 A, di/dt ≤ 300 A/µs, VDD ≤ BVDSS, starting TJ = 25°C.
4. Essentially independent of operating temperature.


同様の部品番号 - FQD17N08LTM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQD17N08LTF FAIRCHILD-FQD17N08LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 80 V, 12.9 A, 100 m
More results

同様の説明 - FQD17N08LTM

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQD17N08LTF FAIRCHILD-FQD17N08LTF Datasheet
1Mb / 8P
   N-Channel QFET MOSFET 80 V, 12.9 A, 100 m
FQD17P06TF FAIRCHILD-FQD17P06TF Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
FQD19N10LTM FAIRCHILD-FQD19N10LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 100 V, 15.6 A, 100 m廓
logo
NXP Semiconductors
PSMN013-80YS NXP-PSMN013-80YS Datasheet
229Kb / 13P
   N-channel LFPAK 80 V 12.9 m廓 standard level MOSFET
Rev. 01-25 June 2009
logo
Fairchild Semiconductor
FQB11N40CTM FAIRCHILD-FQB11N40CTM Datasheet
977Kb / 8P
   N-Channel QFET짰 MOSFET 400 V, 10.5 A, 530 m廓
FQB9N50CTM FAIRCHILD-FQB9N50CTM Datasheet
487Kb / 8P
   N-Channel QFET짰 MOSFET 500 V, 9 A, 800 m廓
FQU8P10TU FAIRCHILD-FQU8P10TU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -100 V, -6.6 A, 530 m廓
FQD20N06LTM FAIRCHILD-FQD20N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 17.2 A, 42 m廓
FQD10N20LTM FAIRCHILD-FQD10N20LTM Datasheet
765Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 7.6 A, 360 m廓
FQB19N20LTM FAIRCHILD-FQB19N20LTM Datasheet
868Kb / 8P
   N-Channel QFET짰 MOSFET 200 V, 21 A, 140 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com