データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL1011A250 データシート(PDF) 1 Page - Littelfuse

部品番号 SL1011A250
部品情報  SL1011A/B and SL1411A Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1011A250 データシート(HTML) 1 Page - Littelfuse

  SL1011A250 Datasheet HTML 1Page - Littelfuse SL1011A250 Datasheet HTML 2Page - Littelfuse SL1011A250 Datasheet HTML 3Page - Littelfuse SL1011A250 Datasheet HTML 4Page - Littelfuse SL1011A250 Datasheet HTML 5Page - Littelfuse SL1011A250 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
©2010 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
47
Revised: June 28, 2010
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
SL1011A/B and SL1411A Series
SL1011A/B and SL1411A Series
Description
Features
• RoHS compliant
• Low insertion loss
• Excellent response to
fast rising transients
• Ultra low capacitance
• 5kA (SL1011A) or 10kA
(SL1011B & SL1411A)
surge capability tested
with 8/20μs
pulse as defined by
IEC 61000-4-5
Applications
• Broadband equipment
• ADSL equipment
• XDSL equipment
• Satellite and CATV
equipment
• General telecom
equipment
AGENCY
AGENCY FILE NUMBER
®
E128662
Agency Approvals
®
SL1011A/B and SL1411A Series
2 Electrode GDT Graphical Symbol
The SL1011A/B and SL1411A series provides high
levels of protection against fast rising transients
in the 100V/μs to 1kV/μs range usually caused by
lightning disturbances.
The SL1011A/B and SL1411A series offers low
capacitance (< 1.5pf) which provides low insertion
loss at high frequencies.
SL1011A offers 5kA protection without destruction
whereas the SL1011B and SL1411A offer 10kA surge
protection without destruction (maximum single
surge of 12kA @ 8/20μs).


同様の部品番号 - SL1011A250

メーカー部品番号データシート部品情報
logo
Littelfuse
SL1011A250 LITTELFUSE-SL1011A250 Datasheet
177Kb / 3P
   Gas Discharge Tubes - High Performance Beta Range
SL1011A250 LITTELFUSE-SL1011A250 Datasheet
684Kb / 6P
   SL1011A/B and SL1411A Series
More results

同様の説明 - SL1011A250

メーカー部品番号データシート部品情報
logo
Littelfuse
SL1011A075A LITTELFUSE-SL1011A075A Datasheet
684Kb / 6P
   SL1011A/B and SL1411A Series
PMT823014F LITTELFUSE-PMT823014F Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021B090C LITTELFUSE-SL1021B090C Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021A600RF LITTELFUSE-SL1021A600RF Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
574481 LITTELFUSE-574481 Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021A200R LITTELFUSE-SL1021A200R Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021A090R LITTELFUSE-SL1021A090R Datasheet
200Kb / 6P
   Gas Discharge Tube (GDT) Products SL1021A/B, SL1024A/B and PMT8 Series
logo
Unisonic Technologies
UCD4081B UTC-UCD4081B Datasheet
168Kb / 5P
   QUAD 2-INPUT AND BUFFERED B SERIES GATE
CD4081B UTC-CD4081B Datasheet
187Kb / 5P
   QUAD 2-INPUT AND BUFFERED B SERIES GATE
logo
ITT Industries
CA3106E2821PF80 ITT-CA3106E2821PF80 Datasheet
4Mb / 34P
   CA/MS A and B
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com