データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SM6T10A データシート(PDF) 1 Page - Vishay Siliconix

部品番号 SM6T10A
部品情報  Surface Mount TRANSZORB Transient Voltage Suppressors
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  VISHAY [Vishay Siliconix]
ホームページ  http://www.vishay.com
Logo VISHAY - Vishay Siliconix

SM6T10A データシート(HTML) 1 Page - Vishay Siliconix

  SM6T10A Datasheet HTML 1Page - Vishay Siliconix SM6T10A Datasheet HTML 2Page - Vishay Siliconix SM6T10A Datasheet HTML 3Page - Vishay Siliconix SM6T10A Datasheet HTML 4Page - Vishay Siliconix SM6T10A Datasheet HTML 5Page - Vishay Siliconix SM6T10A Datasheet HTML 6Page - Vishay Siliconix  
Zoom Inzoom in Zoom Outzoom out
 1 / 6 page
background image
SM6T Series
www.vishay.com
Vishay General Semiconductor
Revision: 13-Dec-13
1
Document Number: 88385
For technical questions within your region: DiodesAmericas@vishay.com, DiodesAsia@vishay.com, DiodesEurope@vishay.com
THIS DOCUMENT IS SUBJECT TO CHANGE WITHOUT NOTICE. THE PRODUCTS DESCRIBED HEREIN AND THIS DOCUMENT
ARE SUBJECT TO SPECIFIC DISCLAIMERS, SET FORTH AT www.vishay.com/doc?91000
Surface Mount TRANSZORB®
Transient Voltage Suppressors
DEVICES FOR BI-DIRECTION APPLICATIONS
For bi-directional devices use CA suffix (e.g. SM6T12CA).
Electrical characteristics apply in both directions.
FEATURES
• Low profile package
• Ideal for automated placement
• Glass passivated chip junction
• Available in uni-directional and bi-directional
• 600 W peak pulse power capability with a
10/1000 μs waveform
• Excellent clamping capability
• Low inductance
• Meets MSL level 1, per J-STD-020, LF maximum peak of
260 °C
• AEC-Q101 qualified
• Material categorization: For definitions of compliance
please see www.vishay.com/doc?99912
TYPICAL APPLICATIONS
Use in sensitive electronics protection against voltage
transients induced by inductive load switching and lighting
on ICs, MOSFET, signal lines of sensor units for consumer,
computer, industrial, automotive, and telecommunication.
MECHANICAL DATA
Case: DO-214AA (SMBJ)
Molding compound meets UL 94 V-0 flammability rating
Base P/N-E3 - RoHS-compliant and commercial grade
Base P/NHE3 - RoHS-compliant and AEC-Q101 qualified
Terminals:
Matte
tin
plated
leads,
solderable
per
J-STD-002 and JESD 22-B102
E3 suffix meets JESD 201 class 2 whisker test, HE3 suffix
meets JESD 201 class 2 whisker test
Polarity: For uni-directional types the band denotes
cathode end, no marking on bi-directional types
Notes
(1) Non-repetitive current pulse, per fig. 3 and derated above TA = 25 °C per fig. 2.
(2) Mounted on 0.2" x 0.2" (5.0 mm x 5.0 mm) copper pads to each terminal
PRIMARY CHARACTERISTICS
VWM
5.80 V to 188 V
VBR uni-directional
6.8 V to 220 V
VBR bi-directional
6.8 V to 220 V
PPPM
600 W
PD
5.0 W
IFSM (uni-directional only)
100 A
TJ max.
150 °C
Polarity
Uni-directional, bi-directional
Package
DO-214AA (SMBJ)
DO-214AA (SMBJ)
MAXIMUM RATINGS (TA = 25 °C unless otherwise noted)
PARAMETER
SYMBOL
VALUE
UNIT
Peak power dissipation with a 10/1000 μs waveform (1)(2) (fig. 1)
PPPM
600
W
Peak pulse current with a 10/1000 μs waveform (1) (fig. 3)
IPPM
See next table
A
Power dissipation on infinite heatsink at TA = 50 °C
PD
5.0
W
Peak forward surge current 10 ms single half sine-wave uni-directional only (2)
IFSM
100
A
Operating junction and storage temperature range
TJ, TSTG
- 65 to + 150
°C


同様の部品番号 - SM6T10A

メーカー部品番号データシート部品情報
logo
STMicroelectronics
SM6T10A STMICROELECTRONICS-SM6T10A Datasheet
186Kb / 5P
   TRANSILTM
logo
Shenzhen Luguang Electr...
SM6T10A LUGUANG-SM6T10A Datasheet
2Mb / 5P
   600Watts Surface Mount TVS
logo
General Semiconductor
SM6T10A GE-SM6T10A Datasheet
55Kb / 3P
   TRANSZORB??SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
SUNMATE electronic Co.,...
SM6T10A SUNMATE-SM6T10A Datasheet
1Mb / 4P
   SURFACE MOUNT TRANSIENT VOLTAGE SUPPRESSOR
logo
Vishay Siliconix
SM6T10A VISHAY-SM6T10A Datasheet
36Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
More results

同様の説明 - SM6T10A

メーカー部品番号データシート部品情報
logo
Vishay Siliconix
MSP3V3 VISHAY-MSP3V3_10 Datasheet
84Kb / 4P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 23-Apr-10
SM15T36CA-E3 VISHAY-SM15T36CA-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
1.5SMC250A-E3 VISHAY-1.5SMC250A-E3 Datasheet
109Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 14-Dec-12
SMP3V3 VISHAY-SMP3V3_13 Datasheet
91Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 11-Dec-12
SMAJ18CA-E3 VISHAY-SMAJ18CA-E3 Datasheet
85Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 21-Sep-12
SMCJ64CA-E3 VISHAY-SMCJ64CA-E3 Datasheet
114Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 10-Dec-13
SM15T39A-E3 VISHAY-SM15T39A-E3 Datasheet
93Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
SM6T22CA-E3 VISHAY-SM6T22CA-E3 Datasheet
128Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-13
TGL41-6.8 VISHAY-TGL41-6.8 Datasheet
66Kb / 5P
   Surface Mount TRANSZORB Transient Voltage Suppressors
03-May-02
1.5SMC43CA VISHAY-1.5SMC43CA Datasheet
47Kb / 3P
   Surface Mount TRANSZORB Transient Voltage Suppressors
31-Jul-03
P4SMA440A-E3 VISHAY-P4SMA440A-E3 Datasheet
94Kb / 6P
   Surface Mount TRANSZORB Transient Voltage Suppressors
Revision: 13-Dec-12
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com