データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

SL1011A600 データシート(PDF) 4 Page - Littelfuse

部品番号 SL1011A600
部品情報  SL1011A/B and SL1411A Series
Download  6 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LITTELFUSE [Littelfuse]
ホームページ  http://www.littelfuse.com
Logo LITTELFUSE - Littelfuse

SL1011A600 データシート(HTML) 4 Page - Littelfuse

  SL1011A600 Datasheet HTML 1Page - Littelfuse SL1011A600 Datasheet HTML 2Page - Littelfuse SL1011A600 Datasheet HTML 3Page - Littelfuse SL1011A600 Datasheet HTML 4Page - Littelfuse SL1011A600 Datasheet HTML 5Page - Littelfuse SL1011A600 Datasheet HTML 6Page - Littelfuse  
Zoom Inzoom in Zoom Outzoom out
 4 / 6 page
background image
©2010 Littelfuse, Inc.
Gas Discharge Tube (GDT) Products
50
Revised: June 28, 2010
Specifications are subject to change without notice.
Please refer to www.littelfuse.com for current information.
Customer should verify actual device performance in their specific applications.
SL1011A/B and SL1411A Series
SL1011A/B and SL1411A Series
Reflow Condition
Pb-free assembly
Pre Heat
-Temperature Min (T
s(min))
150°C
-Temperature Max (T
s(max))
200°C
-Time (Min to Max) (t
s)
60 – 180 seconds
Average Ramp-up Rate (LiquidusTemp
(T
L) to peak)
3°C/second max.
T
S(max) to TL - Ramp-up Rate
5°C/second max.
Reflow
-Temperature (T
L) (Liquidus)
217°C
-Temperature (t
L)
60 – 150 seconds
PeakTemperature (T
P)
260+0/-5 °C
Time within 5°C of Actual Peak
Temperature (t
p)
10 – 30 seconds
Ramp-down Rate
6°C/second max.
Time 25°C to PeakTemperature (T
P)
8 minutes max.
Do not exceed
260°C
Soldering Parameters - Reflow Soldering (Surface Mount Devices)
Time
TP
TL
TS(max)
TS(min)
25
tP
tL
tS
time to peak temperature
(t 25ºC to peak)
Ramp-down
Ramp-up
Preheat
Critical Zone
TL to TP
Soldering Parameters - Wave Soldering (Thru-Hole Devices)
Soldering Parameters - Hand Soldering
Dwell Time
0
20
40
60
80
100
120
140
160
180
200
220
240
260
280
300
Time (Seconds)
Cooling Time
Preheat Time
Wave Parameter
Lead-Free Recommendation
Preheat:
(Depends on Flux Activation Temperature)
(Typical Industry Recommendation)
Temperature Minimum:
100
° C
Temperature Maximum:
150
° C
Preheat Time:
60-180 seconds
Solder PotTemperature:
280
° C Maximum
Solder DwellTime:
2-5 seconds
Recommended Process Parameters:
Solder Iron Temperature: 350° C +/- 5°C
Heating Time: 5 seconds max.


同様の部品番号 - SL1011A600

メーカー部品番号データシート部品情報
logo
Littelfuse
SL1011A600 LITTELFUSE-SL1011A600 Datasheet
177Kb / 3P
   Gas Discharge Tubes - High Performance Beta Range
SL1011A600 LITTELFUSE-SL1011A600 Datasheet
684Kb / 6P
   SL1011A/B and SL1411A Series
More results

同様の説明 - SL1011A600

メーカー部品番号データシート部品情報
logo
Littelfuse
SL1011A075A LITTELFUSE-SL1011A075A Datasheet
684Kb / 6P
   SL1011A/B and SL1411A Series
PMT823014F LITTELFUSE-PMT823014F Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021B090C LITTELFUSE-SL1021B090C Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021A600RF LITTELFUSE-SL1021A600RF Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
574481 LITTELFUSE-574481 Datasheet
185Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021A200R LITTELFUSE-SL1021A200R Datasheet
380Kb / 5P
   SL1021A/B, SL1024A/B and PMT8 Series
SL1021A090R LITTELFUSE-SL1021A090R Datasheet
200Kb / 6P
   Gas Discharge Tube (GDT) Products SL1021A/B, SL1024A/B and PMT8 Series
logo
Unisonic Technologies
UCD4081B UTC-UCD4081B Datasheet
168Kb / 5P
   QUAD 2-INPUT AND BUFFERED B SERIES GATE
CD4081B UTC-CD4081B Datasheet
187Kb / 5P
   QUAD 2-INPUT AND BUFFERED B SERIES GATE
logo
ITT Industries
CA3106E2821PF80 ITT-CA3106E2821PF80 Datasheet
4Mb / 34P
   CA/MS A and B
More results


Html Pages

1 2 3 4 5 6


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com