データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KAQW412HA データシート(PDF) 4 Page - COSMO Electronics Corporation

部品番号 KAQW412HA
部品情報  8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COSMO [COSMO Electronics Corporation]
ホームページ  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQW412HA データシート(HTML) 4 Page - COSMO Electronics Corporation

  KAQW412HA Datasheet HTML 1Page - COSMO  Electronics Corporation KAQW412HA Datasheet HTML 2Page - COSMO  Electronics Corporation KAQW412HA Datasheet HTML 3Page - COSMO  Electronics Corporation KAQW412HA Datasheet HTML 4Page - COSMO  Electronics Corporation KAQW412HA Datasheet HTML 5Page - COSMO  Electronics Corporation KAQW412HA Datasheet HTML 6Page - COSMO  Electronics Corporation KAQW412HA Datasheet HTML 7Page - COSMO  Electronics Corporation KAQW412HA Datasheet HTML 8Page - COSMO  Electronics Corporation KAQW412HA Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M21001.1
- 4 -
http://www.cosmo-ic.com
cosmo
KAQW412 Series
8PIN 60V N.C. TYPE
SOLID STATE RELAY-MOSFET OUTPUT
 Schematic and Wiring Diagrams
Schematic
Output
Configuration
Load
Connection
Wiring Diagrams
2
1
8
7
4
3
6
5
2b
AC
DC
-
I L2
4
5
Load
5
(AC,DC)
(AC,DC)
(AC,DC)
(AC,DC)
(1) Two independent 1 Form B use
(2) 2 Form B use
4
IN
V
F
I
3
2
1
IN2
V
IN1
V
F2
I
3
I F1
2
1
6
7
8
Load
I L1
V L2
V L1
5
6
7
8
Load
Load
I L2
L1
I
V L2
V L1
5
Load
Load
6
7
8
I L2
I L1
L1
L2
V
V
(AC,DC)
(AC,DC)
Load
Load
6
7
8
I L2
L1
I
L1
L2
V
V
(AC,DC)
(AC,DC)
4
IN2
V
IN1
V
F2
I
3
I F1
2
1
4
IN
V
F
I
3
2
1


同様の部品番号 - KAQW412HA

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KAQW412A COSMO-KAQW412A Datasheet
174Kb / 7P
   PRODUCT SPECIFICATION
KAQW412ATL COSMO-KAQW412ATL Datasheet
276Kb / 12P
   8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW412ATR COSMO-KAQW412ATR Datasheet
276Kb / 12P
   8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW412STL COSMO-KAQW412STL Datasheet
276Kb / 12P
   8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW412STR COSMO-KAQW412STR Datasheet
276Kb / 12P
   8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

同様の説明 - KAQW412HA

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KAQW412 COSMO-KAQW412_15 Datasheet
276Kb / 12P
   8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612 COSMO-KAQW612_15 Datasheet
271Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612 COSMO-KAQW612 Datasheet
488Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW414 COSMO-KAQW414_15 Datasheet
247Kb / 12P
   8PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW614 COSMO-KAQW614_15 Datasheet
257Kb / 12P
   8PIN 400V N.O. N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY412 COSMO-KAQY412_15 Datasheet
277Kb / 12P
   4PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY412 COSMO-KAQY412 Datasheet
493Kb / 12P
   4PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV412 COSMO-KAQV412_15 Datasheet
291Kb / 12P
   6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW212 COSMO-KAQW212_15 Datasheet
250Kb / 12P
   8PIN 60V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV412 COSMO-KAQV412 Datasheet
511Kb / 12P
   6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com