データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KAQW412S データシート(PDF) 1 Page - COSMO Electronics Corporation

部品番号 KAQW412S
部品情報  8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COSMO [COSMO Electronics Corporation]
ホームページ  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQW412S データシート(HTML) 1 Page - COSMO Electronics Corporation

  KAQW412S Datasheet HTML 1Page - COSMO  Electronics Corporation KAQW412S Datasheet HTML 2Page - COSMO  Electronics Corporation KAQW412S Datasheet HTML 3Page - COSMO  Electronics Corporation KAQW412S Datasheet HTML 4Page - COSMO  Electronics Corporation KAQW412S Datasheet HTML 5Page - COSMO  Electronics Corporation KAQW412S Datasheet HTML 6Page - COSMO  Electronics Corporation KAQW412S Datasheet HTML 7Page - COSMO  Electronics Corporation KAQW412S Datasheet HTML 8Page - COSMO  Electronics Corporation KAQW412S Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M21001.1
- 1 -
http://www.cosmo-ic.com
cosmo
KAQW412 Series
8PIN 60V N.C. TYPE
SOLID STATE RELAY-MOSFET OUTPUT
 Description
The KAQW412 series contains two normally close
switches that can be used as two independent SPST
relays or as one DPST relay. The relays is constructed
using a GaAlAs LED for actuation control and an
integrated monolithic dies for the switch output. The die,
fabricated in a high-voltage dielectrically isolated
technology, is comprised of a photodiode array, switch
control circuitry and MOSFET switches.
 Schematic
1
2
8
7
3
4
6
5
NORMALLY CLOSE
DUAL 1 FORM B
6
8
5
7
3
4
1
2
 Features
1. Normally close, double pole single throw
2. Control 60V AC or DC voltage
3. Switch 200mA loads
4. Controls low-level analog signals
5. High sensitivity, low ON resistance
6. Low-level off-state leakage current
7. High isolation voltage
8. Pb free and RoHS compliant
9. Agency Approvals:
UL 1577 / CUL C22.2 No.1 & NTC No.5, File No. E169586
UL 508 / CUL C22.2 No.14-M91, File No. E108430
VDE EN60747-5-2, File No. 40020973
 Application
Telecommunications (PC, electronic notepad)
Modem
Telephone equipment
Security equipment
Sensors
Measuring and testing equipment
Factory automation equipment
High speed inspection machines


同様の部品番号 - KAQW412S

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KAQW412STL COSMO-KAQW412STL Datasheet
276Kb / 12P
   8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW412STR COSMO-KAQW412STR Datasheet
276Kb / 12P
   8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

同様の説明 - KAQW412S

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KAQW412 COSMO-KAQW412_15 Datasheet
276Kb / 12P
   8PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612 COSMO-KAQW612_15 Datasheet
271Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612 COSMO-KAQW612 Datasheet
488Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW414 COSMO-KAQW414_15 Datasheet
247Kb / 12P
   8PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW614 COSMO-KAQW614_15 Datasheet
257Kb / 12P
   8PIN 400V N.O. N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY412 COSMO-KAQY412_15 Datasheet
277Kb / 12P
   4PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY412 COSMO-KAQY412 Datasheet
493Kb / 12P
   4PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV412 COSMO-KAQV412_15 Datasheet
291Kb / 12P
   6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW212 COSMO-KAQW212_15 Datasheet
250Kb / 12P
   8PIN 60V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV412 COSMO-KAQV412 Datasheet
511Kb / 12P
   6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com