データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KAQW216S データシート(PDF) 3 Page - COSMO Electronics Corporation

部品番号 KAQW216S
部品情報  8PIN 600V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COSMO [COSMO Electronics Corporation]
ホームページ  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQW216S データシート(HTML) 3 Page - COSMO Electronics Corporation

  KAQW216S Datasheet HTML 1Page - COSMO  Electronics Corporation KAQW216S Datasheet HTML 2Page - COSMO  Electronics Corporation KAQW216S Datasheet HTML 3Page - COSMO  Electronics Corporation KAQW216S Datasheet HTML 4Page - COSMO  Electronics Corporation KAQW216S Datasheet HTML 5Page - COSMO  Electronics Corporation KAQW216S Datasheet HTML 6Page - COSMO  Electronics Corporation KAQW216S Datasheet HTML 7Page - COSMO  Electronics Corporation KAQW216S Datasheet HTML 8Page - COSMO  Electronics Corporation KAQW216S Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M20006.1
- 3 -
http://www.cosmo-ic.com
cosmo
KAQW216 Series
8PIN 600V N.O. TYPE
SOLID STATE RELAY-MOSFET OUTPUT
 Absolute Maximum Ratings
(Ta=25℃)
Item
Symbol
Rating
Unit
Input
Continuous forward current
IF
50
mA
Peak forward current
IFP
1
A
Reverse voltage
VR
5
V
Power dissipation
Pin
100
mW
Derate linearly from 25℃
-
1.3
mW/℃
Output
Breakdown voltage
VB
600
V
Continuous load current
IL
120
mA
Power dissipation
Pout
500
mW
Isolation voltage
Viso
KAQW216S
KAQW216
KAQW216H
1500Vrms
3750Vrms
5000Vrms
Isolation resistance (Vio=500V)
Riso
10
10
Ω
Total power dissipation
Pt
550
mW
Derate linearly from 25℃
-
2.5
mW/℃
Operating temperature
Topr
-40 to +85
Storage temperature
Tstg
-40 to +125
Junction temperature
Tj
100
Soldering temperature 10 seconds
Tsot
260
 Electro-optical Characteristics
(Ta=25℃)
Parameter
Symbol
Conditions
Min.
Typ.
Max.
Unit
Input
Forward voltage
VF
IF=10mA
-
1.2
1.5
V
Operation input current
IFON
VL=20V, IL=100mA
-
-
3.0
mA
Recovery input current
IFOFF
VL=20V, IL≦5μA
0.2
-
-
mA
Output
Breakdown voltage
VB
IB=50μA
600
-
-
V
Off-state leakage current
ILEAK
VL=600V, IF=0mA
-
0.2
1.0
μA
I/O capacitance
Ciso
VB=0V, f=1MHz
-
6
-
pF
ON resistance
RON
IF=10mA, IL=100mA
-
35
80
Ω
Turn-on time
TON
IF=10mA, VL=20V
IL=100mA, t=10ms
-
0.3
1.0
ms
Turn-off time
TOFF
-
0.1
1.5
ms
 Turn-on / Turn-off Time
ON
T
Output
Input
OFF
T
10%
90%


同様の部品番号 - KAQW216S

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KAQW216STL COSMO-KAQW216STL Datasheet
249Kb / 12P
   8PIN 600V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW216STR COSMO-KAQW216STR Datasheet
249Kb / 12P
   8PIN 600V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

同様の説明 - KAQW216S

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KAQW216 COSMO-KAQW216_15 Datasheet
249Kb / 12P
   8PIN 600V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW210 COSMO-KAQW210_15 Datasheet
248Kb / 12P
   8PIN 350V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW213 COSMO-KAQW213 Datasheet
480Kb / 12P
   8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW212 COSMO-KAQW212_15 Datasheet
250Kb / 12P
   8PIN 60V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW217 COSMO-KAQW217_15 Datasheet
249Kb / 12P
   8PIN 200V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW214 COSMO-KAQW214_15 Datasheet
249Kb / 12P
   8PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW213 COSMO-KAQW213_15 Datasheet
261Kb / 12P
   8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612 COSMO-KAQW612_15 Datasheet
271Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW614 COSMO-KAQW614_15 Datasheet
257Kb / 12P
   8PIN 400V N.O. N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612 COSMO-KAQW612 Datasheet
488Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com