データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KAQW213 データシート(PDF) 7 Page - COSMO Electronics Corporation

部品番号 KAQW213
部品情報  8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COSMO [COSMO Electronics Corporation]
ホームページ  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQW213 データシート(HTML) 7 Page - COSMO Electronics Corporation

Back Button KAQW213 Datasheet HTML 3Page - COSMO  Electronics Corporation KAQW213 Datasheet HTML 4Page - COSMO  Electronics Corporation KAQW213 Datasheet HTML 5Page - COSMO  Electronics Corporation KAQW213 Datasheet HTML 6Page - COSMO  Electronics Corporation KAQW213 Datasheet HTML 7Page - COSMO  Electronics Corporation KAQW213 Datasheet HTML 8Page - COSMO  Electronics Corporation KAQW213 Datasheet HTML 9Page - COSMO  Electronics Corporation KAQW213 Datasheet HTML 10Page - COSMO  Electronics Corporation KAQW213 Datasheet HTML 11Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 7 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M20003.1
- 7 -
http://www.cosmo-ic.com
cosmo
KAQW213 Series
8PIN 250V N.O. TYPE
SOLID STATE RELAY-MOSFET OUTPUT
 Using Methods
Examples of resistance value to control LED forward current (IF=5mA)
E
4
5
E
R
R
2
3
1
7
6
8
E
R
3.3V
Approx. 330 Ω
5V
Approx. 640 Ω
12V
Approx. 1.9K Ω
15V
Approx. 2.5K Ω
24V
Approx. 4.1K Ω
1.
LED forward current must be more than 5mA,at E min.
2.
LED forward current must be less than 50mA,at E max.
Emax.
Emin.
Regulate the spike voltage generated on the inductive load as follows:
R-C Snubber
5
4
4
3
2
1
5
6
7
Load
Load
8
3
2
1
6
7
8
Load
Load


同様の部品番号 - KAQW213

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KAQW213A COSMO-KAQW213A Datasheet
174Kb / 7P
   PRODUCT SPECIFICATION
KAQW213ATL COSMO-KAQW213ATL Datasheet
261Kb / 12P
   8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW213ATR COSMO-KAQW213ATR Datasheet
261Kb / 12P
   8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW213H COSMO-KAQW213H Datasheet
214Kb / 7P
   SOLID STATE RELAY - MOSFET OUTPUT
KAQW213STL COSMO-KAQW213STL Datasheet
261Kb / 12P
   8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

同様の説明 - KAQW213

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KAQW213 COSMO-KAQW213_15 Datasheet
261Kb / 12P
   8PIN 250V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW210 COSMO-KAQW210_15 Datasheet
248Kb / 12P
   8PIN 350V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW212 COSMO-KAQW212_15 Datasheet
250Kb / 12P
   8PIN 60V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW216 COSMO-KAQW216 Datasheet
467Kb / 12P
   8PIN 600V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW217 COSMO-KAQW217_15 Datasheet
249Kb / 12P
   8PIN 200V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW216 COSMO-KAQW216_15 Datasheet
249Kb / 12P
   8PIN 600V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW214 COSMO-KAQW214_15 Datasheet
249Kb / 12P
   8PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612 COSMO-KAQW612_15 Datasheet
271Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW614 COSMO-KAQW614_15 Datasheet
257Kb / 12P
   8PIN 400V N.O. N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW612 COSMO-KAQW612 Datasheet
488Kb / 12P
   8PIN 60V N.O.N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com