データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KAQV414A データシート(PDF) 6 Page - COSMO Electronics Corporation

部品番号 KAQV414A
部品情報  6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
Download  12 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COSMO [COSMO Electronics Corporation]
ホームページ  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQV414A データシート(HTML) 6 Page - COSMO Electronics Corporation

Back Button KAQV414A Datasheet HTML 2Page - COSMO  Electronics Corporation KAQV414A Datasheet HTML 3Page - COSMO  Electronics Corporation KAQV414A Datasheet HTML 4Page - COSMO  Electronics Corporation KAQV414A Datasheet HTML 5Page - COSMO  Electronics Corporation KAQV414A Datasheet HTML 6Page - COSMO  Electronics Corporation KAQV414A Datasheet HTML 7Page - COSMO  Electronics Corporation KAQV414A Datasheet HTML 8Page - COSMO  Electronics Corporation KAQV414A Datasheet HTML 9Page - COSMO  Electronics Corporation KAQV414A Datasheet HTML 10Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 6 / 12 page
background image
Cosmo Electronics Corp.
Document No. 69M11002.1
- 6 -
http://www.cosmo-ic.com
cosmo
KAQV414 Series
6PIN 400V N.C. TYPE
SOLID STATE RELAY-MOSFET OUTPUT
Fig.7 LED Dropout Voltage
vs. Ambient Temperature
Fig.8 Voltage vs. Current Characteristics
of Output at MOSFET Portion
0
- 4 0
- 2 0
0
2 0
4 0
6 0
8 0
1 .7
1 .5
1 .3
1 .1
0 .9
1 .9
5 0 m A
3 0 m A
2 0 m A
1 0 m A
5 m A
1
2
3
4
5
-5
-4
-3
-2
-1
-20
-40
-60
-80
-100
-120
120
100
80
60
40
20
Ambient Temperature Ta (℃)
Voltage (V)
Fig.9 Operate (OFF) Time
vs. LED Forward Current
Fig.10
Off-state Leakage Current
vs. Load Voltage
0
0 .2
0 .4
0 .6
0 .8
1 .0
1 0
2 0
3 0
4 0
5 0
0
6 0
2 0
40
60
8 0
1 00
0
1 0
- 12
1 0
1 0
1 0
- 9
- 6
- 3
LED Forward Current (mA)
Load Voltage (V)
Fig.11 Reverse (ON) Time
vs. LED Forward Current
Fig.12
Output Capacitance
vs. Applied Voltage
0
0 .1
0 .2
0 .3
0 .4
0 .5
1 0
2 0
3 0
4 0
5 0
0
6 0
0
1 0
2 0
3 0
4 0
6 0
0
8 0
1 0
2 0
3 0
4 0
5 0
LED Forward Current (mA)
Applied Voltage (V)


同様の部品番号 - KAQV414A

メーカー部品番号データシート部品情報
logo
DB Lectro Inc
KAQV414A DBLECTRO-KAQV414A Datasheet
145Kb / 2P
   High Voltage, Photo Mos Relay
logo
COSMO Electronics Corp...
KAQV414A COSMO-KAQV414A Datasheet
169Kb / 7P
   PRODUCT SPECIFICATION
KAQV414ATL COSMO-KAQV414ATL Datasheet
270Kb / 12P
   6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV414ATR COSMO-KAQV414ATR Datasheet
270Kb / 12P
   6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results

同様の説明 - KAQV414A

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KAQV414 COSMO-KAQV414_15 Datasheet
270Kb / 12P
   6PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV412 COSMO-KAQV412_15 Datasheet
291Kb / 12P
   6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV412 COSMO-KAQV412 Datasheet
511Kb / 12P
   6PIN 60V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW414 COSMO-KAQW414_15 Datasheet
247Kb / 12P
   8PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQY414 COSMO-KAQY414_15 Datasheet
254Kb / 12P
   4PIN 400V N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV254 COSMO-KAQV254 Datasheet
470Kb / 11P
   6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214 COSMO-KAQV214_15 Datasheet
272Kb / 12P
   6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214 COSMO-KAQV214 Datasheet
492Kb / 12P
   6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV254 COSMO-KAQV254_15 Datasheet
246Kb / 11P
   6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQW614 COSMO-KAQW614_15 Datasheet
257Kb / 12P
   8PIN 400V N.O. N.C. TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com