データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

KAQV253H データシート(PDF) 2 Page - COSMO Electronics Corporation

部品番号 KAQV253H
部品情報  6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COSMO [COSMO Electronics Corporation]
ホームページ  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

KAQV253H データシート(HTML) 2 Page - COSMO Electronics Corporation

  KAQV253H Datasheet HTML 1Page - COSMO  Electronics Corporation KAQV253H Datasheet HTML 2Page - COSMO  Electronics Corporation KAQV253H Datasheet HTML 3Page - COSMO  Electronics Corporation KAQV253H Datasheet HTML 4Page - COSMO  Electronics Corporation KAQV253H Datasheet HTML 5Page - COSMO  Electronics Corporation KAQV253H Datasheet HTML 6Page - COSMO  Electronics Corporation KAQV253H Datasheet HTML 7Page - COSMO  Electronics Corporation KAQV253H Datasheet HTML 8Page - COSMO  Electronics Corporation KAQV253H Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 2 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69M10007.1
- 2 -
http://www.cosmo-ic.com
cosmo
KAQV253 Series
6PIN 250V N.O TYPE
SOLID STATE RELAY-MOSFET OOUTPUT
 Outside Dimension
Unit:mm
6.50
7.62
0.25
o
13.00
2.54
o
13.00
7.30
1.20
5.08
0.50
7.30
10.00±0.4
1.00
6.50
7.62
0
~10°
1.20
2.54
2.54
KAQV253
KAQV253 H
KAQV253A
KAQV253 HA
TOLERANCE
±0.2mm
1. Dual-in-line type.
2. Surface mount type.
 Device Marking
cosmo
V253
YWW
H
Notes:
cosmo
V253□
□:Pin forming
YWW
Y:Year code / W:Week code
H
High isolation voltage series only


同様の部品番号 - KAQV253H

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KAQV253A COSMO-KAQV253A Datasheet
171Kb / 7P
   PRODUCT SPECIFICATION
KAQV253ATL COSMO-KAQV253ATL Datasheet
244Kb / 11P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
KAQV253ATR COSMO-KAQV253ATR Datasheet
244Kb / 11P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
KAQV253TL COSMO-KAQV253TL Datasheet
244Kb / 11P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
KAQV253TR COSMO-KAQV253TR Datasheet
244Kb / 11P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
More results

同様の説明 - KAQV253H

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
KAQV213 COSMO-KAQV213 Datasheet
502Kb / 12P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
KAQV253 COSMO-KAQV253_15 Datasheet
244Kb / 11P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
KAQV217 COSMO-KAQV217_15 Datasheet
271Kb / 12P
   6PIN 200V N.O TYPE SOLID STATE RELAY-MOSFET OOUTPUT
KAQV213 COSMO-KAQV213_15 Datasheet
283Kb / 12P
   6PIN 250V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV216 COSMO-KAQV216_15 Datasheet
271Kb / 12P
   6PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV216 COSMO-KAQV216 Datasheet
490Kb / 12P
   6PIN 600V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV214 COSMO-KAQV214_15 Datasheet
272Kb / 12P
   6PIN 400V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV212 COSMO-KAQV212_15 Datasheet
264Kb / 12P
   6PIN 60V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV254 COSMO-KAQV254 Datasheet
470Kb / 11P
   6PIN 400V N.O. TYPE SOLID STATE RELAY-MOSFET OUTPUT
KAQV210 COSMO-KAQV210_15 Datasheet
270Kb / 12P
   6PIN 350V N.O TYPE SOLID STATE RELAY-MOSFET OUTPUT
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com