データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K10101W データシート(PDF) 5 Page - COSMO Electronics Corporation

部品番号 K10101W
部品情報  LOW INPUT CURRENT PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COSMO [COSMO Electronics Corporation]
ホームページ  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K10101W データシート(HTML) 5 Page - COSMO Electronics Corporation

  K10101W Datasheet HTML 1Page - COSMO  Electronics Corporation K10101W Datasheet HTML 2Page - COSMO  Electronics Corporation K10101W Datasheet HTML 3Page - COSMO  Electronics Corporation K10101W Datasheet HTML 4Page - COSMO  Electronics Corporation K10101W Datasheet HTML 5Page - COSMO  Electronics Corporation K10101W Datasheet HTML 6Page - COSMO  Electronics Corporation K10101W Datasheet HTML 7Page - COSMO  Electronics Corporation K10101W Datasheet HTML 8Page - COSMO  Electronics Corporation K10101W Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P00004.1
- 5 -
http://www.cosmo-ic.com
cosmo
K1010 W Series
LOW INPUT CURRENT
PHOTOCOUPLER
Fig.6
Fig.7
Collector Current
vs. Collector-Emitter Voltage
Relative Current Transfer Ratio
vs. Ambient Temperature
0
0
1
1
2
2
3
4
6
5
7
0.5mA
9
8
5mA
I =10mA
4
3
5
6
Ta=25°
1mA
C
0.1mA
F
- 5 5
0
0
5 0
2 5
5 0
1 1 5
7 5
I = 0 .5 m A
V
= 5 V
1 5 0
1 0 0
F
C E
Collector-Emitter Voltage VCE (V)
Ambient Temperature Ta (℃)
Fig.8 Collector-Emitter Saturation Voltage
Fig.9 Collector-Emitter Saturation
vs. Ambient Temperature
Voltage vs. Forward Current
0
-5 5
0
5 0
2 5
75
11 5
Ic =1 m A
0 .0 2
0 .0 4
0 .0 6
0 .1 0
0 .0 8
0 .1 2
0 .1 6
0 .1 4
I = 2 0 m A
F
0
5
0
10
1
2
3
5
4
6
7
C
T a= 25 °
Ic=7 m A
Ic=5m A
Ic= 3m A
Ic=1 m A
Ic=0 .5 m A
Ambient Temperature Ta (℃)
Forward Current IF (mA)
Fig.10
Fig.11
Response Time ( Rise )
vs. Load Resistance
Response Time ( Fall )
vs. Load Resistance
1 0
1
0 . 1
tr
0 .5
0 .2
0 .1
1
2
5
1 0
2 0
1 0 0
5 0
Ic = 2 m A
V
= 2 V
T a = 2 5 ° C
C E
1 0
0 .1
1
0 .1
0 .2
1
0 .5
5
2
2 0
1 0
T a = 2 5 °
I c = 2 m A
V
= 2 V
1 0 0
5 0
C
tf
C E
Load Resistance RL (KΩ)
Load Resistance RL (KΩ)


同様の部品番号 - K10101W

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
K10101W COSMO-K10101W Datasheet
164Kb / 6P
   High Reliability Photocoupler
K10101WA COSMO-K10101WA Datasheet
164Kb / 6P
   High Reliability Photocoupler
K10101WATLD COSMO-K10101WATLD Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K10101WATRU COSMO-K10101WATRU Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K10101WB COSMO-K10101WB Datasheet
164Kb / 6P
   High Reliability Photocoupler
More results

同様の説明 - K10101W

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
K1010Z COSMO-K1010Z_16 Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W_16 Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010Z COSMO-K1010Z Datasheet
977Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010T COSMO-K1010T_16 Datasheet
223Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
logo
Sharp Corporation
PC3H710NIP SHARP-PC3H710NIP Datasheet
75Kb / 5P
   Low Input Current Type Photocoupler
PC8171NSZ SHARP-PC8171NSZ Datasheet
63Kb / 5P
   Low Input Current Type Photocoupler
PC367NT SHARP-PC367NT Datasheet
63Kb / 5P
   Low Input Current Type Photocoupler
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC364N SHARP-PC364N Datasheet
63Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC81410NSZ SHARP-PC81410NSZ Datasheet
62Kb / 5P
   AC Input, Low Input Current Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com