データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

K10106Z データシート(PDF) 4 Page - COSMO Electronics Corporation

部品番号 K10106Z
部品情報  LOW INPUT CURRENT PHOTOCOUPLER
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  COSMO [COSMO Electronics Corporation]
ホームページ  http://www.cosmo-ic.com
Logo COSMO - COSMO  Electronics Corporation

K10106Z データシート(HTML) 4 Page - COSMO Electronics Corporation

  K10106Z Datasheet HTML 1Page - COSMO  Electronics Corporation K10106Z Datasheet HTML 2Page - COSMO  Electronics Corporation K10106Z Datasheet HTML 3Page - COSMO  Electronics Corporation K10106Z Datasheet HTML 4Page - COSMO  Electronics Corporation K10106Z Datasheet HTML 5Page - COSMO  Electronics Corporation K10106Z Datasheet HTML 6Page - COSMO  Electronics Corporation K10106Z Datasheet HTML 7Page - COSMO  Electronics Corporation K10106Z Datasheet HTML 8Page - COSMO  Electronics Corporation K10106Z Datasheet HTML 9Page - COSMO  Electronics Corporation Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 11 page
background image
Cosmo Electronics Corp.
Document No. 69P00005.1
- 4 -
http://www.cosmo-ic.com
cosmo
K1010 Z Series
LOW INPUT CURRENT
PHOTOCOUPLER
Fig.1 Current Transfer Ratio
vs. Forward Current
0.5
1 2
10
0
100
200
300
400
500
600
700
800
0.1
5
20
Ta=25℃
V =5V
CE
Classification table of current
transfer ratio is shown below.
K1010 Z Model No.
CTR ( % )
K1010 ZA
100 ~ 600
K1010 ZE
50 ~ 600
Forward Current IF (mA)
Fig.2
Fig.3
Collector Power Dissipation
vs. Ambient Temperature
Collector Dark Current
vs. Ambient Temperature
25
0
-55
50
0
100
125
75
50
200
150
250
115
-8
10
-55
0
25
10
-11
10
-10
-9
10
V
=20V
10
-7
10
-6
10
-5
75
50
115
CE
Ambient Temperature Ta (℃)
Ambient Temperature Ta (℃)
Fig.4
Fig.5
Forward Current
vs. Ambient Temperature
Forward Current
vs. Forward Voltage
60
10
-55
0
20
0
25
30
40
50
50
75
115 125
1.6
-25°
1.4
1.0
0.8
1.2
20
2
5
10
50°
Ta=75°
C
50
100
C
2.2
1.8
2.0
C
C
25°
C
1
0.2
0.5
0.1
0.6
Ambient Temperature Ta (℃)
Forward Voltage VF (V)


同様の部品番号 - K10106Z

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
K10106Z COSMO-K10106Z Datasheet
165Kb / 6P
   High Reliability Photocoupler
K10106ZA COSMO-K10106ZA Datasheet
165Kb / 6P
   High Reliability Photocoupler
K10106ZATLD COSMO-K10106ZATLD Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K10106ZATRU COSMO-K10106ZATRU Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K10106ZB COSMO-K10106ZB Datasheet
165Kb / 6P
   High Reliability Photocoupler
More results

同様の説明 - K10106Z

メーカー部品番号データシート部品情報
logo
COSMO Electronics Corp...
K1010Z COSMO-K1010Z_16 Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W_16 Datasheet
224Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010W COSMO-K1010W Datasheet
1Mb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
K1010T COSMO-K1010T_16 Datasheet
223Kb / 11P
   LOW INPUT CURRENT PHOTOCOUPLER
logo
Sharp Corporation
PC3H710NIP SHARP-PC3H710NIP Datasheet
75Kb / 5P
   Low Input Current Type Photocoupler
PC8171NSZ SHARP-PC8171NSZ Datasheet
63Kb / 5P
   Low Input Current Type Photocoupler
PC367NT SHARP-PC367NT Datasheet
63Kb / 5P
   Low Input Current Type Photocoupler
PC3H410NIP SHARP-PC3H410NIP Datasheet
74Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC364N SHARP-PC364N Datasheet
63Kb / 5P
   AC Input, Low Input Current Type Photocoupler
PC81410NSZ SHARP-PC81410NSZ Datasheet
62Kb / 5P
   AC Input, Low Input Current Type Photocoupler
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com