データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

MC-4532CD647XFA-A75 データシート(PDF) 1 Page - Elpida Memory

部品番号 MC-4532CD647XFA-A75
部品情報  32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  ELPIDA [Elpida Memory]
ホームページ  http://www.elpida.com/en
Logo ELPIDA - Elpida Memory

MC-4532CD647XFA-A75 データシート(HTML) 1 Page - Elpida Memory

  MC-4532CD647XFA-A75 Datasheet HTML 1Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 2Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 3Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 4Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 5Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 6Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 7Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 8Page - Elpida Memory MC-4532CD647XFA-A75 Datasheet HTML 9Page - Elpida Memory Next Button
Zoom Inzoom in Zoom Outzoom out
 1 / 14 page
background image
The information in this document is subject to change without notice. Before using this document, please
confirm that this is the latest version.
Not all devices/types available in every country. Please check with local Elpida Memory, Inc. for
availability and additional information.
MOS INTEGRATED CIRCUIT
MC-4532CD647XFA
32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE
UNBUFFERED TYPE
DATA SHEET
Document No. E0230N20 (Ver 2.0)
Date Published June 2002 (K) Japan
URL: http://www.elpida.com
Elpida Memory, Inc. 2001-2002
Elpida Memory, Inc. is a joint venture DRAM company of NEC Corporation and Hitachi, Ltd.
Description
The MC-4532CD647XFA is 33,554,432 words by 64 bits synchronous dynamic RAM module on which 16 pieces of
128M SDRAM:
µPD45128841 are assembled.
This module provides high density and large quantities of memory in a small space without utilizing the surface-
mounting technology on the printed circuit board.
Decoupling capacitors are mounted on power supply line for noise reduction.
Features
• 33,554,432 words by 64 bits organization
• Clock frequency and access time from CLK.
Part number
/CAS latency
Clock frequency
(MAX.)
Access time from CLK
(MAX.)
MC-4532CD647XFA-A75
CL = 3
133 MHz
5.4 ns
CL = 2
100 MHz
6.0 ns
• Fully Synchronous Dynamic RAM, with all signals referenced to a positive clock edge
• Pulsed interface
• Possible to assert random column address in every cycle
• Quad internal banks controlled by BA0 and BA1 (Bank Select)
• Programmable burst-length (1, 2, 4, 8 and full page)
• Programmable wrap sequence (Sequential / Interleave)
• Programmable /CAS latency (2, 3)
• Automatic precharge and controlled precharge
• CBR (Auto) refresh and self refresh
• All DQs have 10 Ω ±10 % of series resistor
• Single 3.3 V ± 0.3 V power supply
• LVTTL compatible
• 4,096 refresh cycles/64 ms
• Burst termination by Burst Stop command and Precharge command
• 168-pin dual in-line memory module (Pin pitch = 1.27 mm)
• Unbuffered type
• Serial PD


同様の部品番号 - MC-4532CD647XFA-A75

メーカー部品番号データシート部品情報
logo
Elpida Memory
MC-4532CD647XF-A75 ELPIDA-MC-4532CD647XF-A75 Datasheet
167Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results

同様の説明 - MC-4532CD647XFA-A75

メーカー部品番号データシート部品情報
logo
NEC
MC-4532CD646 NEC-MC-4532CD646 Datasheet
148Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CD647 ELPIDA-MC-4532CD647 Datasheet
167Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CD646 ELPIDA-MC-4532CD646 Datasheet
170Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CD647 NEC-MC-4532CD647 Datasheet
207Kb / 16P
   32M-WORD BY 64-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-45V32AD642 ELPIDA-MC-45V32AD642 Datasheet
162Kb / 16P
   32M-WORD BY 64-BIT VirtualChannelTM DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC727 NEC-MC-4532CC727 Datasheet
220Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC727 ELPIDA-MC-4532CC727 Datasheet
172Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
MC-4532CC727XFA ELPIDA-MC-4532CC727XFA Datasheet
174Kb / 14P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
NEC
MC-4532CC726 NEC-MC-4532CC726 Datasheet
153Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
logo
Elpida Memory
MC-4532CC726 ELPIDA-MC-4532CC726 Datasheet
174Kb / 16P
   32M-WORD BY 72-BIT SYNCHRONOUS DYNAMIC RAM MODULE UNBUFFERED TYPE
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com