データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

A-1505SR データシート(PDF) 5 Page - PARA LIGHT ELECTRONICS CO., LTD.

部品番号 A-1505SR
部品情報  1.5 INCH SINGLE DIGIT DISPLAY
Download  10 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  PARALIGHT [PARA LIGHT ELECTRONICS CO., LTD.]
ホームページ  http://www.para.com.tw
Logo PARALIGHT - PARA LIGHT ELECTRONICS CO., LTD.

A-1505SR データシート(HTML) 5 Page - PARA LIGHT ELECTRONICS CO., LTD.

  A-1505SR Datasheet HTML 1Page - PARA LIGHT ELECTRONICS CO., LTD. A-1505SR Datasheet HTML 2Page - PARA LIGHT ELECTRONICS CO., LTD. A-1505SR Datasheet HTML 3Page - PARA LIGHT ELECTRONICS CO., LTD. A-1505SR Datasheet HTML 4Page - PARA LIGHT ELECTRONICS CO., LTD. A-1505SR Datasheet HTML 5Page - PARA LIGHT ELECTRONICS CO., LTD. A-1505SR Datasheet HTML 6Page - PARA LIGHT ELECTRONICS CO., LTD. A-1505SR Datasheet HTML 7Page - PARA LIGHT ELECTRONICS CO., LTD. A-1505SR Datasheet HTML 8Page - PARA LIGHT ELECTRONICS CO., LTD. A-1505SR Datasheet HTML 9Page - PARA LIGHT ELECTRONICS CO., LTD. Next Button
Zoom Inzoom in Zoom Outzoom out
 5 / 10 page
background image
1.5
INCH
SINGLE
DIGIT
DISPLAY
A-1505SR
REV:A / 1
—SOLDERING
METHOD
SOLDERING CONDITIONS
REMARK
DIP
SOLDERING
Bath temperature: 260 max
Immersion time: within 5 sec
Solder no closer than 2mm from
the base of the package
— Using soldering flux,
” RESIN FLUX”
is recommended.
SOLDERING
IRON
Soldering iron: 30W or smaller
Temperature at tip of iron: 260
or lower
Soldering time: within 5 sec.
— During soldering, take care not to
press the tip of iron against the
PIN.
(To prevent heat from being
transferred directly to the PIN.)
1) When soldering the PIN of Display in a jig that the package is fixed with a panel (See fIg.1), be
careful not to stress the PIN with iron tip. When soldering Display in a condition that the package
is fixed with a panel, be careful not to cling and stress the surface of Display on the panel to avoid
damaging the Display.
Regarding solution in the tinning oven for product-tinning, compound sub-solution made of tin &
copper and silver is proposed with the temperature of Celsius 260. The proportion of the
alloyed solution is tin 95.5: copper 3.5: silver 0.5 by percentage. The time of tinning is constantly
3 seconds.
DRAWING NO. : DS-11-09-0066
DATE : 2013-04-11
Page : 5
Fig.1
Release
by
PARALIGHTDCC


同様の部品番号 - A-1505SR

メーカー部品番号データシート部品情報
logo
List of Unclassifed Man...
A-1505SR ETC-A-1505SR Datasheet
90Kb / 1P
   SINGLE DIGIT DISPLAY
More results

同様の説明 - A-1505SR

メーカー部品番号データシート部品情報
logo
PARA LIGHT ELECTRONICS ...
A-1505G PARALIGHT-A-1505G Datasheet
195Kb / 10P
   1.5 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-15104M9 CHINASEMI-CSS-15104M9 Datasheet
187Kb / 6P
   1.5 Inch Single Digit Display
CSS-15104T9 CHINASEMI-CSS-15104T9 Datasheet
188Kb / 6P
   1.5 Inch Single Digit Display
CSS-15104V9 CHINASEMI-CSS-15104V9 Datasheet
183Kb / 6P
   1.5 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
A-1505Y PARALIGHT-A-1505Y Datasheet
205Kb / 10P
   1.5 INCH SINGLE DIGIT DISPLAY
C-1505Y PARALIGHT-C-1505Y Datasheet
193Kb / 10P
   1.5 INCH SINGLE DIGIT DISPLAY
A-1505E PARALIGHT-A-1505E Datasheet
197Kb / 10P
   1.5 INCH SINGLE DIGIT DISPLAY
logo
China Semiconductor Cor...
CSS-15104B7 CHINASEMI-CSS-15104B7 Datasheet
181Kb / 6P
   1.5 Inch Single Digit Display
CSS-15104G CHINASEMI-CSS-15104G Datasheet
184Kb / 6P
   1.5 Inch Single Digit Display
logo
PARA LIGHT ELECTRONICS ...
C-1505E PARALIGHT-C-1505E Datasheet
197Kb / 10P
   1.5 INCH SINGLE DIGIT DISPLAY
More results


Html Pages

1 2 3 4 5 6 7 8 9 10


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com