データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

IRF3707 データシート(PDF) 10 Page - International Rectifier

部品番号 IRF3707
部品情報  High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

IRF3707 データシート(HTML) 10 Page - International Rectifier

Back Button IRF3707 Datasheet HTML 3Page - International Rectifier IRF3707 Datasheet HTML 4Page - International Rectifier IRF3707 Datasheet HTML 5Page - International Rectifier IRF3707 Datasheet HTML 6Page - International Rectifier IRF3707 Datasheet HTML 7Page - International Rectifier IRF3707 Datasheet HTML 8Page - International Rectifier IRF3707 Datasheet HTML 9Page - International Rectifier IRF3707 Datasheet HTML 10Page - International Rectifier IRF3707 Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 10 / 11 page
background image
IRF3707/3707S/3707L
10
www.irf.com
IR WORLD HEADQUARTERS: 233 Kansas St., El Segundo, California 90245, USA Tel: (310) 252-7105
IR EUROPEAN REGIONAL CENTRE: 439/445 Godstone Rd, Whyteleafe, Surrey CR3 OBL, UK Tel: ++ 44 (0)20 8645 8000
IR CANADA: 15 Lincoln Court, Brampton, Ontario L6T3Z2, Tel: (905) 453 2200
IR GERMANY: Saalburgstrasse 157, 61350 Bad Homburg Tel: ++ 49 (0) 6172 96590
IR ITALY: Via Liguria 49, 10071 Borgaro, Torino Tel: ++ 39 011 451 0111
IR JAPAN: K&H Bldg., 2F, 30-4 Nishi-Ikebukuro 3-Chome, Toshima-Ku, Tokyo 171 Tel: 81 (0)3 3983 0086
IR SOUTHEAST ASIA: 1 Kim Seng Promenade, Great World City West Tower, 13-11, Singapore 237994 Tel: ++ 65 (0)838 4630
IR TAIWAN:16 Fl. Suite D. 207, Sec. 2, Tun Haw South Road, Taipei, 10673 Tel: 886-(0)2 2377 9936
Data and specifications subject to change without notice. 8/00
 Repetitive rating; pulse width limited by
max. junction temperature.
Notes:
‚ Starting TJ = 25°C, L = 0.7 mH
RG = 25Ω, IAS = 24.8 A.
ƒ Pulse width ≤ 300µs; duty cycle ≤ 2%.
Dimensions are shown in millimeters (inches)
D2Pak Tape & Reel Information
3
4
4
TR R
F E E D DIREC T IO N
1.85 (.073)
1.65 (.065)
1.60 (.063)
1.50 (.059)
4.10 ( .161)
3.90 ( .153)
TR L
F E E D DIR E CT IO N
10 .9 0 (.42 9)
10 .7 0 (.42 1)
16 .1 0 (.63 4)
15 .9 0 (.62 6)
1.75 (.0 69 )
1.25 (.0 49 )
11.60 (.457 )
11.40 (.449 )
15 .4 2 (.60 9)
15 .2 2 (.60 1)
4.72 (.13 6)
4.52 (.17 8)
24.30 (.95 7)
23.90 (.94 1)
0 .3 68 (.0 145 )
0 .3 42 (.0 135 )
1.60 (.06 3)
1.50 (.05 9)
13.50 (.532)
12.80 (.504)
33 0.00
(14.173)
MAX .
27.40 (1.079)
23.90 (.941)
60.00 (2.362)
M IN.
30.40 (1.197)
MA X.
26.40 (1.039)
24.40 (.961)
NO TE S :
1. CO MF OR M S TO EIA-418.
2. CO N TRO LLIN G DIM ENSIO N : MILLIM ET ER .
3. DIM ENS ION MEAS URED @ HU B.
4. INC LUD ES FLAN GE DIS TO RTIO N @ OU TER ED G E.
„ This is only applied to TO-220AB package


同様の部品番号 - IRF3707

メーカー部品番号データシート部品情報
logo
International Rectifier
IRF3707 IRF-IRF3707 Datasheet
143Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=62A)
IRF3707L IRF-IRF3707L Datasheet
143Kb / 10P
   Power MOSFET(Vdss=30V, Rds(on)max=12.5mohm, Id=62A)
IRF3707LPBF IRF-IRF3707LPBF Datasheet
278Kb / 10P
   HEXFET Power MOSFET
IRF3707LPBF IRF-IRF3707LPBF Datasheet
287Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF3707PBF IRF-IRF3707PBF Datasheet
278Kb / 10P
   HEXFET Power MOSFET
More results

同様の説明 - IRF3707

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFR3704TRLPBF IRF-IRFR3704TRLPBF Datasheet
226Kb / 10P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
IRLR3715TRRPBF IRF-IRLR3715TRRPBF Datasheet
277Kb / 11P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF7457PBF IRF-IRF7457PBF_15 Datasheet
182Kb / 8P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRF7458TRPBF IRF-IRF7458TRPBF Datasheet
135Kb / 8P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3711STRL IRF-IRF3711STRL Datasheet
275Kb / 12P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3706PBF IRF-IRF3706PBF Datasheet
365Kb / 12P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3711STRLPBF IRF-IRF3711STRLPBF Datasheet
292Kb / 12P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3707STRRPBF IRF-IRF3707STRRPBF Datasheet
287Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
IRFR3711TRPBF IRF-IRFR3711TRPBF Datasheet
237Kb / 11P
   High Frequency Isolated DC-DC Converters with Synchronous Rectification for Telecom and Industrial Use
IRF3704STRLPBF IRF-IRF3704STRLPBF Datasheet
270Kb / 11P
   High Frequency DC-DC Isolated Converters with Synchronous Rectification for Telecom and Industrial use
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com