データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT.8100B データシート(PDF) 5 Page - Nichicon corporation

部品番号 CAT.8100B
部品情報  ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NICHICON [Nichicon corporation]
ホームページ  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

CAT.8100B データシート(HTML) 5 Page - Nichicon corporation

  CAT.8100B Datasheet HTML 1Page - Nichicon corporation CAT.8100B Datasheet HTML 2Page - Nichicon corporation CAT.8100B Datasheet HTML 3Page - Nichicon corporation CAT.8100B Datasheet HTML 4Page - Nichicon corporation CAT.8100B Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 5 / 5 page
background image
Rated ripple current (mArms) at 105˚C 120Hz
Size
φ20
× 31 is available for capacitors marked " "
Size
φ20
× 35 is available for capacitors marked " "
In this case,
will be put at 12th digit of type numbering system.
6
0.47
1
2.2
3.3
4.7
10
22
33
47
100
220
330
470
R47
010
2R2
3R3
4R7
100
220
330
470
101
221
331
471
6.3
× 11
6.3
× 11
6.3
× 11
8
× 11.5
8
× 11.5
10
× 12.5
10
× 20
12.5
× 20
12.5
× 25
16
× 25
18 × 35.5
20
× 40
22
× 50
12
17
25
36
43
70
130
180
220
330
500
900
1200
2C
160
2D
200
2E
250
2F
315
2V
350
2G
400
2W
450
6.3
× 11
6.3
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 16
10
× 20
12.5
× 25
12.5
× 25
16
× 31.5
∆18
× 40
22
× 40
22
× 50
12
17
25
36
50
80
140
190
220
335
515
1100
1310
10
× 12.5
10
× 20
12.5
× 20
12.5
× 20
16
× 25
16
× 31.5
18 × 35.5
20
× 40
25
× 50
18
29
41
49
75
115
145
175
350
6.3
× 11
6.3
× 11
8
× 11.5
10
× 12.5
10
× 12.5
10
× 20
12.5
× 25
12.5
× 25
16
× 25
18 × 35.5
20
× 40
22
× 50
25
× 50
12
17
29
42
50
88
155
190
230
340
525
1150
1350
8
× 11.5
8
× 11.5
10
× 12.5
10
× 12.5
10
× 16
10
× 20
12.5
× 25
16
× 25
16
× 35.5
∆18
× 40
22
× 50
11
16
28
34
45
72
120
155
190
285
540
8
× 11.5
10
× 12.5
10
× 16
10
× 16
10
× 20
12.5
× 20
16
× 25
16
× 31.5
18 × 35.5
20
× 40
25
× 50
11
17
31
38
49
82
130
160
200
290
550
10
× 12.5
10
× 16
10
× 20
10
× 20
12.5
× 25
16
× 25
16
× 31.5
18 × 35.5
22
× 50
16
27
36
43
72
110
140
170
350
Cap. (µF)
Code
V(Code)
ALUMINUM ELECTROLYTIC CAPACITORS
PW
series
Standard Ratings
0000.47
0001
0002.2
0003.3
0004.7
0006.8
0010
0012
0015
0018
0022
0033
0039
0047
0068
0082
0100
0120
0150
0180
0220
0270
0330
0390
0470
0560
0680
0820
1000
1200
1500
2200.00
R47
010
2R2
3R3
4R7
6R8
100
120
150
180
220
330
390
470
680
820
101
121
151
181
221
271
331
391
471
561
681
821
102
122
152
222
00.5
× 11
00.5
× 11
4
× 11
00.5
× 11
0.05
× 11
06.3
× 11
0.05
× 15
06.3
× 11
06.3
× 11
06.3
× 15
0.08
× 11.5
0.08
× 11.5
0.10
× 12.5
8
× 15
0.10
× 16
0.10
× 16
0.10
× 20
12.5
× 15
0.10
× 20
10
× 25
0.16
× 15
12.5
× 20
12.5
× 25
18
× 15
12.5
× 25
12.5
× 31.5
16
× 20
0.16
× 25
12.5
× 35.5
18
× 20
0.16
× 31.5
18
× 25
0.16
× 31.5
16
× 35.5
0.18
× 31.5
0.18
× 35.5
0.18
× 40
4.70
2.50
3.50
2.10
2.00
1.20
1.30
0.71
0.71
0.70
0.342
0.342
0.256
0.230
0.194
0.194
0.147
0.150
0.147
0.130
0.090
0.085
0.070
0.086
0.070
0.055
0.059
0.050
0.047
0.055
0.043
0.043
0.043
0.036
0.032
0.030
0.028
9.40
5.00
7.00
4.20
4.00
2.40
2.60
1.42
1.42
1.40
0.684
0.684
0.512
0.460
0.388
0.388
0.294
0.300
0.294
0.260
0.180
0.170
0.140
0.172
0.140
0.110
0.118
0.100
0.094
0.110
0.086
0.086
0.086
0.072
0.064
0.060
0.056
68
95
80
110
145
160
200
250
250
330
405
405
540
535
600
660
890
1020
885
1050
1410
1290
1720
1690
1720
2090
1770
2160
2270
2290
2670
2590
2770
2770
2950
3100
3200
00.5
× 11
00.5
× 11
00.5
× 11
00.5
× 11
00.5
× 11
00.5
× 11
06.3
× 11
0.08
× 11.5
06.3
× 15
0.08
× 11.5
0.10
× 12.5
8
× 15
0.10
× 16
8
× 20
0.10
× 20
0.10
× 25
12.5
× 20
12.5
× 25
12.5
× 31.5
16
× 20
0.16
× 25
18
× 20
0.16
× 25
0.18
× 25
0.
16
× 31.5
0.18
× 31.5
0.16
× 35.5
0.18
× 40
43.0
20.0
9.80
6.60
4.60
3.50
1.80
0.83
0.80
0.68
0.46
0.45
0.37
0.37
0.30
0.25
0.18
0.13
0.12
0.13
0.10
0.11
0.090
0.083
0.076
0.068
0.064
0.047
86.0
40.0
19.6
13.2
9.20
7.00
3.60
1.66
1.60
1.36
0.92
0.90
0.74
0.74
0.60
0.50
0.36
0.26
0.24
0.26
0.20
0.22
0.18
0.166
0.152
0.136
0.128
0.094
20
30
44
58
74
95
130
180
200
230
320
360
420
420
490
540
580
710
790
750
890
850
1080
1260
1310
1370
1410
1520
Code
63 (1J)
Case size
φD
× L
(mm)
Impedance (
Ω) MAX.
20˚C / 100kHz
– 10˚C / 100kHz
Rated ripple
(mArms)
105˚C / 100kHz
100 (2A)
Case size
φD
× L
(mm)
Impedance (
Ω) MAX.
20˚C / 100kHz
– 10˚C / 100kHz
Rated ripple
(mArms)
105˚C / 100kHz
: In this case,
will be put at 12th digit of type numbering system.
: In this case,
will be put at 12th digit of type numbering system.
3
6
Cap.(µF)
V(Code)
Item
Case size
φ D × L (mm)
CAT.8100B


同様の部品番号 - CAT.8100B

メーカー部品番号データシート部品情報
logo
Nichicon corporation
CAT.8100C NICHICON-CAT.8100C Datasheet
54Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100C NICHICON-CAT.8100C Datasheet
49Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

同様の説明 - CAT.8100B

メーカー部品番号データシート部品情報
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com