データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

CAT.8100B データシート(PDF) 1 Page - Nichicon corporation

部品番号 CAT.8100B
部品情報  ALUMINUM ELECTROLYTIC CAPACITORS
Download  5 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  NICHICON [Nichicon corporation]
ホームページ  http://www.nichicon-us.com
Logo NICHICON - Nichicon corporation

CAT.8100B データシート(HTML) 1 Page - Nichicon corporation

  CAT.8100B Datasheet HTML 1Page - Nichicon corporation CAT.8100B Datasheet HTML 2Page - Nichicon corporation CAT.8100B Datasheet HTML 3Page - Nichicon corporation CAT.8100B Datasheet HTML 4Page - Nichicon corporation CAT.8100B Datasheet HTML 5Page - Nichicon corporation  
Zoom Inzoom in Zoom Outzoom out
 1 / 5 page
background image
Performance Characteristics
Item
Rated voltage (V)
15MIN
4MIN
φd
U
1
P
2
W
3
1
4
A
5
6
6
8
7
1
8
M
9
P
10
D
11
12
Configuration
Size code
Capacitance tolerance (
±20%)
Rated capacitance (680
µF)
Rated voltage (10V)
Series name
Type
Pressure relief vent
φ6.3up (No pressure relief vent for 7mmL products)
L+ MAX.
Sleeve (P.E.T.)
φ D
Pb-free leadwire
Pb-free PET sleeve
4 · 5
DD
6.3
ED ( 7mm L : DD)
8 · 10
PD
12.5 to 18
HD
Configuration
20 to 25
RD
φD
P
φd
4
1.5
0.45
5
2.0
0.5
6.3
2.5
0.5
8
3.5
0.6
10
5.0
0.6
12.5
5.0
0.6
16
7.5
0.8
18
7.5
0.8
(0.45) (0.45)
0.8
(L = 7) 1.0
(L < 20) 1.5
(L
20) 2.0
: Applied to L>25 products
( ): Applied to 7mmL products
20
22
10.0
10.0
1.0
1.0
25
12.5
1.0
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
0.5
1.0
1.0
(mm)
PW
series
Miniature Sized, Low lmpedance,
High Reliability For Switching Power Supplies
Radial Lead Type
Type numbering system (Example : 10V 680µF)
Smaller case size and lower impedance than PM series.
Low impedance and high reliability withstanding 2000 hours to 8000 hours.
Capacitance ranges available based on the numerical values in E12 series
under JIS.
Compliant to the RoHS directive (2002/95/EC).
Dimension table in next page.
Specifications
Category Temperature Range
Rated Voltage Range
Rated Capacitance Range
Capacitance Tolerance
Leakage Current
Tangent of loss angle (tan
δ)
Stability at Low Temperature
Endurance
Shelf Life
Marking
– 55 to +105˚C (6.3 to 100V), – 40 to + 105˚C (160 to 400V), – 25 to +105˚C (450V)
6.3 to 450V
0.47 to 15000µF
± 20% at 120Hz, 20˚C
Printed with white color letter on dark brown sleeve.
After storing the capacitors under no load at 105˚C for 1000 hours and then performing voltage treatment based on JIS C 5101-4
clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above.
Rated voltage (V)
6.3 to 100
160 to 450
Leakage current
After 1 minute's application of rated voltage, leakage current
is not more than 0.03CV or 4 (µA), whichever is greater.
CV <
= 1000 : I = 0.1CV+40 (µA) max. (1 minute's)
CV > 1000 :
I = 0.04CV+100 (µA) max. (1 minute's)
tan
δ (MAX.)
6.3
0.22
10
0.19
16
0.16
25
0.14
35
0.12
50
0.10
63
0.09
100
0.08
160 to 250
0.15
315 · 350
0.20
400 · 450
0.25
For capacitance of more than 1000µF, add 0.02 for every increase of 1000µF.
Measurement frequency : 120Hz at 20˚C
120Hz
Z
25˚C / Z+20˚C
Rated voltage (V)
Impedance ratio
(MAX.)
6.3 · 10
3
16 · 25
3
35 · 50
3
63 · 100
3
160 · 200
3
4
250
3
6
315 · 350
4
8
400
6
10
450
15
Z
40˚C / Z+20˚C
Z
55˚C / Z+20˚C
The specifications listed at right shall be met when the
capacitors are restored to 20˚C after D.C. bias plus rated
ripple current is applied for 8000 hours (2000 hours for
φD=4,
5 and 6.3, 3000 hours for
φD=8, 5000 hours for φD=10, 7000
hours for
φD=12.5) at 105˚C, the peak voltage shall not
exceed the rated voltage.
Frequency coefficient of rated ripple current
V
6.3 to 100
160 to 450
Frequency
Cap. (µF)
0.47 to 56000
68 to 330.
390 to 1000.
.1200 to 150000
0.47 to 22000
330 to 4700.
50Hz
0.20
0.55
0.70
0.80
0.80
0.90
120Hz
0.30
0.65
0.75
0.85
1.00
1.00
300Hz
0.50
0.75
0.80
0.90
1.25
1.10
1kHz
0.80
0.85
0.90
0.95
1.40
1.13
10kHz or more
1.00
1.00
1.00
1.00
1.60
1.15
Leakage current
tan
δ
Capacitance change
Less than or equal to the initial specified value
200% or less than the initial specified value
Within ±20% of the initial capacitance value
PW
PM
Smaller
ALUMINUM ELECTROLYTIC CAPACITORS
Please refer to page 20, 21, 22 about the formed or taped product spec.
Please refer to page 4 for the minimum order quantity.
Low
Impedance
PA
TT
• Please refer to page 20 about the end seal configulation.
Long Life
CAT.8100B


同様の部品番号 - CAT.8100B

メーカー部品番号データシート部品情報
logo
Nichicon corporation
CAT.8100C NICHICON-CAT.8100C Datasheet
54Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
CAT.8100C NICHICON-CAT.8100C Datasheet
49Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results

同様の説明 - CAT.8100B

メーカー部品番号データシート部品情報
logo
EPCOS
B43081A1226M000 EPCOS-B43081A1226M000 Datasheet
354Kb / 15P
   Aluminum electrolytic capacitors
B43254A1227M000 EPCOS-B43254A1227M000 Datasheet
653Kb / 14P
   Aluminum electrolytic capacitors
B43501A1227M000 EPCOS-B43501A1227M000 Datasheet
1,016Kb / 21P
   Aluminum electrolytic capacitors
B41853A5108A000 EPCOS-B41853A5108A000 Datasheet
545Kb / 27P
   Aluminum electrolytic capacitors
B43510A3687M000 EPCOS-B43510A3687M000_08 Datasheet
830Kb / 19P
   Aluminum electrolytic capacitors
logo
Suntan Capacitors
TS13CA SUNTAN-TS13CA Datasheet
210Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
TS13C4 SUNTAN-TS13C4 Datasheet
391Kb / 3P
   ALUMINUM ELECTROLYTIC CAPACITORS
logo
EPCOS
B41252A3109M000 EPCOS-B41252A3109M000_1 Datasheet
327Kb / 19P
   Aluminum electrolytic capacitors
logo
Nichicon corporation
UWZ0J220MCL NICHICON-UWZ0J220MCL Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UVK0J102MDD NICHICON-UVK0J102MDD Datasheet
101Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
UUL0J220MCL NICHICON-UUL0J220MCL Datasheet
46Kb / 2P
   ALUMINUM ELECTROLYTIC CAPACITORS
More results


Html Pages

1 2 3 4 5


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com