データシートサーチシステム |
|
CAT.8100C データシート(PDF) 1 Page - Nichicon corporation |
|
CAT.8100C データシート(HTML) 1 Page - Nichicon corporation |
1 / 2 page 0.3 MAX. C ±0.2 H H 0.3 MAX. C ±0.2 L ±0.3 L ±0.5 Series Capacitance Lot No. Lot No. Capacitance Plastic platform Plastic platform Series Trade mark Voltage (C:16V) Voltage (V:35V) Negative Positive Negative Positive U 1 W 2 D 3 1 4 C 5 2 6 2 7 0 8 M 9 C 10 L 11 1 12 G 13 S 14 Configuration Package code Capacitance tolerance ( ±20%) Rated capacitance (22 µF) Rated voltage (16V) Series name Type (mm) A B C E L H 4 × 5.8 1.8 4.3 4.3 1.0 5.8 0.5 to 0.8 5 × 5.8 2.1 5.3 5.3 1.3 5.8 0.5 to 0.8 6.3 × 5.8 2.4 6.6 6.6 2.2 5.8 0.5 to 0.8 6.3 × 7.7 2.4 6.6 6.6 2.2 7.7 0.5 to 0.8 8 × 10 2.9 8.3 8.3 3.1 10 0.8 to 1.1 10 × 10 3.2 10.3 10.3 4.5 10 0.8 to 1.1 φ D × L WD series Chip Type, Low Impedance High Temperature (260°C) Reflow Corresponding with 260°C peak reflow soldering Recomended reflow condition : 260°C peak 5 sec. 230°C over 60 sec. 2 times ( φ10 × 10 : 1 time) Chip type, low impedance temperature range up to +105°C. Designed for surface mounting on high density PC board. Applicable to automatic mounting machine fed with carrier tape. Compliant to the RoHS directive (2011/65/EU). Chip Type Specifications Category Temperature Range Rated Voltage Range Rated Capacitance Range Capacitance Tolerance Leakage Current Tangent of loss angle (tan δ) Stability at Low Temperature Endurance Shelf Life Resistance to soldering heat Marking Performance Characteristics Item – 55 to +105°C 6.3 to 50V 1 to 1500µF ± 20% at 120Hz, 20°C After 2 minutes' application of rated voltage, leakage current is not more than 0.01 CV or 3 (µA), whichever is greater. Black print on the case top. The specifications listed at right shall be met when the capacitors are restored to 20°C after the rated voltage is applied for 5000 hours (2000 hours for φD = 4, 5 and 6.3) at 105°C. After storing the capacitors under no load at 105°C for 1000 hours and then performing voltage treatment based on JIS C 5101-4 clause 4.1 at 20°C, they shall meet the specified values for the endurance characteristics listed above. Type numbering system (Example : 16V 22µF) Measurement frequency : 120Hz at 20°C Measurement frequency : 120Hz ( ) is φ8 over Z– 25°C / Z+20°C Z– 55°C / Z+20°C Rated voltage (V) Impedance ratio ZT / Z20 (MAX.) 16 2 4 10 2 4 6.3 3 5 25 2 3 35 2 3 50 2 3 Rated voltage (V) tan δ (MAX.) 50 0.12 (0.14) 35 0.12 (0.14) 25 0.14 (0.16) 16 0.16 (0.20) 10 0.20 (0.24) 6.3 0.26 (0.28) Within ±30% of the initial capacitance value Less than or equal to the initial specified value 200% or less than the initial specified value Capacitance change tan δ Leakage current Capacitance change Leakage current tan δ Within ±10% of the initial capacitance value Less than or equal to the initial specified value Less than or equal to the initial specified value The capacitors are kept on a hot plate for 30 seconds, which is maintained at 250°C. The capacitors shall meet the characteristic requirements listed at right when they are removed from the plate and restored to 20°C. ( φ4 to φ6.3) ( φ8 to φ10) Dimension table in next page. Voltage V 6.3 10 16 25 35 50 Code j ACE VH WD UD High Temperature Reflow ALUMINUM ELECTROLYTIC CAPACITORS CAT.8100C |
同様の部品番号 - CAT.8100C |
|
同様の説明 - CAT.8100C |
|
|
リンク URL |
プライバシーポリシー |
ALLDATASHEET.JP |
ALLDATASHEETはお客様のビジネスに役立ちますか? [ DONATE ] |
Alldatasheetは | 広告 | お問い合わせ | プライバシーポリシー | リンク交換 | メーカーリスト All Rights Reserved©Alldatasheet.com |
Russian : Alldatasheetru.com | Korean : Alldatasheet.co.kr | Spanish : Alldatasheet.es | French : Alldatasheet.fr | Italian : Alldatasheetit.com Portuguese : Alldatasheetpt.com | Polish : Alldatasheet.pl | Vietnamese : Alldatasheet.vn Indian : Alldatasheet.in | Mexican : Alldatasheet.com.mx | British : Alldatasheet.co.uk | New Zealand : Alldatasheet.co.nz |
Family Site : ic2ic.com |
icmetro.com |