データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

PD-95080A データシート(PDF) 8 Page - International Rectifier

部品番号 PD-95080A
部品情報  175째C Operating Temperature
Download  11 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  IRF [International Rectifier]
ホームページ  http://www.irf.com
Logo IRF - International Rectifier

PD-95080A データシート(HTML) 8 Page - International Rectifier

Back Button PD-95080A Datasheet HTML 3Page - International Rectifier PD-95080A Datasheet HTML 4Page - International Rectifier PD-95080A Datasheet HTML 5Page - International Rectifier PD-95080A Datasheet HTML 6Page - International Rectifier PD-95080A Datasheet HTML 7Page - International Rectifier PD-95080A Datasheet HTML 8Page - International Rectifier PD-95080A Datasheet HTML 9Page - International Rectifier PD-95080A Datasheet HTML 10Page - International Rectifier PD-95080A Datasheet HTML 11Page - International Rectifier  
Zoom Inzoom in Zoom Outzoom out
 8 / 11 page
background image
IRFR/U6215PbF
8
www.irf.com
D-Pak (TO-252AA) Part Marking Information
D-Pak (TO-252AA) Package Outline
Dimensions are shown in millimeters (inches)
12
IN T HE ASSEMBLY LINE "A"
AS S EMBLED ON WW 16, 1999
EXAMPLE:
WIT H ASSEMBLY
T HIS IS AN IRFR120
LOT CODE 1234
YEAR 9 = 1999
DAT E CODE
WE EK 16
PART NUMBER
LOGO
INT ERNAT IONAL
RECT IFIER
ASSEMBLY
LOT CODE
916A
IRFU120
34
YEAR 9 = 1999
DAT E CODE
OR
P = DES IGNAT ES LEAD-F REE
PRODUCT (OPT IONAL)
Note: "P" in as s embly line pos ition
indicates "Lead-F ree"
12
34
WEEK 16
A = ASSEMBLY SIT E CODE
PART NUMBER
IRF U120
LINE A
LOGO
LOT CODE
ASSEMBLY
INT ERNAT IONAL
RECT IFIER


同様の部品番号 - PD-95080A

メーカー部品番号データシート部品情報
logo
Microsemi Corporation
PD-9500G MICROSEMI-PD-9500G Datasheet
788Kb / 2P
   72W/Port Gigabit EEPoE Midspan Family for High Power Terminals
logo
Microchip Technology
PD-9501-10GC MICROCHIP-PD-9501-10GC Datasheet
488Kb / 2P
   Single-Port, 10 Gbps, IEEE 802.3bt Type3 60W, Indoor PoE Midspan
6/21
PD-9501-10GC/AC-EU MICROCHIP-PD-9501-10GC/AC-EU Datasheet
488Kb / 2P
   Single-Port, 10 Gbps, IEEE 802.3bt Type3 60W, Indoor PoE Midspan
6/21
PD-9501-10GC/AC-JP MICROCHIP-PD-9501-10GC/AC-JP Datasheet
488Kb / 2P
   Single-Port, 10 Gbps, IEEE 802.3bt Type3 60W, Indoor PoE Midspan
6/21
PD-9501-10GC/AC-UK MICROCHIP-PD-9501-10GC/AC-UK Datasheet
488Kb / 2P
   Single-Port, 10 Gbps, IEEE 802.3bt Type3 60W, Indoor PoE Midspan
6/21
More results

同様の説明 - PD-95080A

メーカー部品番号データシート部品情報
logo
International Rectifier
IRFR6215TRPBF IRF-IRFR6215TRPBF Datasheet
247Kb / 11P
   175째C Operating Temperature
logo
Sensitron
SHD126423 SENSITRON-SHD126423_08 Datasheet
44Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175째C Operating Temperature
OM4201ST SENSITRON-OM4201ST Datasheet
44Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175째C Operating Temperature
SHD126022 SENSITRON-SHD126022 Datasheet
64Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175째C Operating Temperature
SHD126122 SENSITRON-SHD126122 Datasheet
64Kb / 3P
   SILICON SCHOTTKY RECTIFIER Ultra Low Reverse Leakage 175째C Operating Temperature
OM4201ST SENSITRON-OM4201ST_08 Datasheet
39Kb / 2P
   SILICON SCHOTTKY RECTIFIER- Common Cathode Ultra Low Reverse Leakage 175째C Operating Temperature
logo
Siemens Semiconductor G...
BUZ104S SIEMENS-BUZ104S Datasheet
128Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated 175째C operating temperature)
BUZ103S SIEMENS-BUZ103S Datasheet
121Kb / 8P
   SIPMOS Power Transistor (N channel Enhancement mode Avalanche-rated dv/dt rated 175째C operating temperature)
logo
Sensitron
SHD125622 SENSITRON-SHD125622_08 Datasheet
40Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
SHD125423 SENSITRON-SHD125423 Datasheet
49Kb / 3P
   HERMETIC POWER SCHOTTKY RECTIFIER 175째C Maximum Operation Temperature
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com