データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP285GSZ-REEL データシート(PDF) 3 Page - Analog Devices

部品番号 OP285GSZ-REEL
部品情報  Dual 9 MHz Precision Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

OP285GSZ-REEL データシート(HTML) 3 Page - Analog Devices

  OP285GSZ-REEL Datasheet HTML 1Page - Analog Devices OP285GSZ-REEL Datasheet HTML 2Page - Analog Devices OP285GSZ-REEL Datasheet HTML 3Page - Analog Devices OP285GSZ-REEL Datasheet HTML 4Page - Analog Devices OP285GSZ-REEL Datasheet HTML 5Page - Analog Devices OP285GSZ-REEL Datasheet HTML 6Page - Analog Devices OP285GSZ-REEL Datasheet HTML 7Page - Analog Devices OP285GSZ-REEL Datasheet HTML 8Page - Analog Devices OP285GSZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 16 page
background image
REV. A
–3–
OP285
CAUTION
ESD (electrostatic discharge) sensitive device. Electrostatic charges as high as 4000 V readily
accumulate on the human body and test equipment and can discharge without detection. Although
the OP285 features proprietary ESD protection circuitry, permanent damage may occur on devices
subjected to high-energy electrostatic discharges. Therefore, proper ESD precautions are
recommended to avoid performance degradation or loss of functionality.
WARNING!
ESD SENSITIVE DEVICE
ABSOLUTE MAXIMUM RATINGS
1
Supply Voltage . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±22 V
Input Voltage
2
. . . . . . . . . . . . . . . . . . . . . . . . . . . . . . . .
±18 V
Differential Input Voltage
2 . . . . . . . . . . . . . . . . . . . . . .
±7.5 V
Output Short-Circuit Duration to Gnd
3
. . . . . . . . . Indefinite
Storage Temperature Range
P, S Package . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Operating Temperature Range
OP285G . . . . . . . . . . . . . . . . . . . . . . . . . . . –40
°C to +85°C
Junction Temperature Range
P, S Package . . . . . . . . . . . . . . . . . . . . . . . –65
°C to +150°C
Lead Temperature Range (Soldering 60 Sec) . . . . . . . . 300
°C
Package Type
JA
4
JC
Unit
8-Pin Plastic DIP (P)
103
43
°C/W
8-Pin SOIC (S)
158
43
°C/W
NOTES
1Absolute Maximum Ratings apply to packaged parts, unless otherwise noted.
2For supply voltages less than
±7.5 V, the absolute maximum input voltage is
equal to the supply voltage.
3Shorts to either supply may destroy the device. See data sheet for full details.
4
JA is specified for the worst case conditions, i.e.,
JA is specified for device in
socket for cerdip, P-DIP, and LCC packages; JA is specified for device soldered
in circuit board for SOIC package.
ORDERING GUIDE
Temperature
Package
Package
Model
Range
Description
Option
OP285GP
*
–40
°C to +85°C 8-Pin Plastic DIP
N-8
OP285GS
–40
°C to +85°C 8-Pin SOIC
S0-8
OP285GSR
–40
°C to +85°C S0-8 Reel, 2500 pcs.
*Not for new designs. Obsolete April 2002.


同様の部品番号 - OP285GSZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
OP285GSZ AD-OP285GSZ Datasheet
202Kb / 16P
   Dual 9 MHz Precision Operational Amplifier
REV. A
More results

同様の説明 - OP285GSZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
OP285 AD-OP285 Datasheet
248Kb / 16P
   Dual 9 MHz Precision Operational Amplifier
REV. A
OP285GSZ AD-OP285GSZ Datasheet
202Kb / 16P
   Dual 9 MHz Precision Operational Amplifier
REV. A
OP285 AD-OP285_15 Datasheet
202Kb / 16P
   Dual 9 MHz Precision Operational Amplifier
logo
Linear Technology
RH1013M LINER-RH1013M Datasheet
197Kb / 8P
   Dual Precision Operational Amplifier
logo
New Japan Radio
NJM2739 NJRC-NJM2739 Datasheet
1Mb / 17P
   Dual Precision Operational Amplifier
logo
Texas Instruments
LT1013 TI1-LT1013 Datasheet
114Kb / 6P
[Old version datasheet]   Dual Precision Operational Amplifier
LT1013 TI1-LT1013_16 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Precision Operational Amplifier
logo
STMicroelectronics
TS512 STMICROELECTRONICS-TS512_08 Datasheet
216Kb / 16P
   Precision dual operational amplifier
logo
Linear Technology
RH1013M LINER-RH1013M_15 Datasheet
119Kb / 6P
   Dual Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com