データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

OP285GSZ-REEL データシート(PDF) 4 Page - Analog Devices

部品番号 OP285GSZ-REEL
部品情報  Dual 9 MHz Precision Operational Amplifier
Download  16 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  AD [Analog Devices]
ホームページ  http://www.analog.com
Logo AD - Analog Devices

OP285GSZ-REEL データシート(HTML) 4 Page - Analog Devices

  OP285GSZ-REEL Datasheet HTML 1Page - Analog Devices OP285GSZ-REEL Datasheet HTML 2Page - Analog Devices OP285GSZ-REEL Datasheet HTML 3Page - Analog Devices OP285GSZ-REEL Datasheet HTML 4Page - Analog Devices OP285GSZ-REEL Datasheet HTML 5Page - Analog Devices OP285GSZ-REEL Datasheet HTML 6Page - Analog Devices OP285GSZ-REEL Datasheet HTML 7Page - Analog Devices OP285GSZ-REEL Datasheet HTML 8Page - Analog Devices OP285GSZ-REEL Datasheet HTML 9Page - Analog Devices Next Button
Zoom Inzoom in Zoom Outzoom out
 4 / 16 page
background image
REV. A
OP285
–4–
25
–25
–10
–20
–15
5
–5
0
10
15
20
SUPPLY VOLTAGE – V
+VOM
–VOM
0
5
10
15
20
25
TA = 25 C
RL = 2k
TPC 1. Output Voltage Swing vs.
Supply Voltage
50
20
35
25
30
45
40
–SR
+SR
100
–25
–50
75
50
25
0
TEMPERATURE – C
VS = 15V
RL = 2k
VS = 15V
RL = 2k
TPC 4. Slew Rate vs. Temperature
120
100
60
0
1k
10k
100k
1M
10M
40
20
80
100
FREQUENCY – Hz
VS = 15V
TA = 25 C
TPC 7. Common-Mode Rejection
vs. Frequency
1500
0
100
750
250
–25
500
–50
1250
1000
75
50
25
0
TEMPERATURE – C
VS = 15V
VO = 10V
+GAIN
RL = 2k
–GAIN
RL = 2k
–GAIN
RL = 600
+GAIN
RL = 600
TPC 2. Open-Loop Gain
vs. Temperature
50
1k
10
–30
10k
100k
1M
10M
100M
20
30
40
–20
–10
0
FREQUENCY – Hz
VS = 15V
TA = +25 C
AVCL = +100
AVCL = +10
AVCL = +1
TPC 5. Closed-Loop Gain
vs. Frequency
120
10
60
0
100
1k
10k
100k
1M
40
20
80
100
+PSRR
–PSRR
FREQUENCY – Hz
VS = 15V
TA = 25 C
TPC 8. Power Supply Rejection
vs. Frequency
30
0
1.0
15
5
10
0
25
20
0.8
0.6
0.4
0.2
DIFFERENTIAL INPUT VOLTAGE – V
–SR
+SR
VS = 15V
RL = 2k
TPC 3. Slew Rate vs. Differential
Input Voltage
60
100
30
0
1k
10k
100k
1M
10M
20
10
40
50
FREQUENCY – Hz
AVCL = +1
AVCL = +100
AVCL = +10
VS = 15V
TA = 25 C
TPC 6. Closed-Loop Output Imped
ance vs. Frequency
100
1k
20
–60
10k
100k
1M
10M
100M
40
60
80
–40
–20
0
0
45
90
135
180
225
270
PHASE
GAIN
FREQUENCY – Hz
VS = 15V
RL = 2k
TA = 25 C
0N = 58
TPC 9. Open-Loop Gain, Phase
vs. Frequency


同様の部品番号 - OP285GSZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
OP285GSZ AD-OP285GSZ Datasheet
202Kb / 16P
   Dual 9 MHz Precision Operational Amplifier
REV. A
More results

同様の説明 - OP285GSZ-REEL

メーカー部品番号データシート部品情報
logo
Analog Devices
OP285 AD-OP285 Datasheet
248Kb / 16P
   Dual 9 MHz Precision Operational Amplifier
REV. A
OP285GSZ AD-OP285GSZ Datasheet
202Kb / 16P
   Dual 9 MHz Precision Operational Amplifier
REV. A
OP285 AD-OP285_15 Datasheet
202Kb / 16P
   Dual 9 MHz Precision Operational Amplifier
logo
Linear Technology
RH1013M LINER-RH1013M Datasheet
197Kb / 8P
   Dual Precision Operational Amplifier
logo
New Japan Radio
NJM2739 NJRC-NJM2739 Datasheet
1Mb / 17P
   Dual Precision Operational Amplifier
logo
Texas Instruments
LT1013 TI1-LT1013 Datasheet
114Kb / 6P
[Old version datasheet]   Dual Precision Operational Amplifier
LT1013 TI1-LT1013_16 Datasheet
1Mb / 36P
[Old version datasheet]   Dual Precision Operational Amplifier
logo
STMicroelectronics
TS512 STMICROELECTRONICS-TS512_08 Datasheet
216Kb / 16P
   Precision dual operational amplifier
logo
Linear Technology
RH1013M LINER-RH1013M_15 Datasheet
119Kb / 6P
   Dual Precision Operational Amplifier
logo
Burr-Brown (TI)
OPA2107 BURR-BROWN-OPA2107 Datasheet
685Kb / 11P
   Precision Dual Difet Operational Amplifier
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14 15 16


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com