データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FQD7P06 データシート(PDF) 1 Page - Fairchild Semiconductor

部品番号 FQD7P06
部品情報  P-Channel QFET짰 MOSFET - 60 V, - 5.4 A, 450 m?
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FQD7P06 データシート(HTML) 1 Page - Fairchild Semiconductor

  FQD7P06 Datasheet HTML 1Page - Fairchild Semiconductor FQD7P06 Datasheet HTML 2Page - Fairchild Semiconductor FQD7P06 Datasheet HTML 3Page - Fairchild Semiconductor FQD7P06 Datasheet HTML 4Page - Fairchild Semiconductor FQD7P06 Datasheet HTML 5Page - Fairchild Semiconductor FQD7P06 Datasheet HTML 6Page - Fairchild Semiconductor FQD7P06 Datasheet HTML 7Page - Fairchild Semiconductor FQD7P06 Datasheet HTML 8Page - Fairchild Semiconductor  
Zoom Inzoom in Zoom Outzoom out
 1 / 8 page
background image
April 2013
©2001 Fairchild Semiconductor Corporation
FQD7P06 Rev. C0
www.fairchildsemi.com
1
FQD7P06
P-Channel QFET® MOSFET
- 60 V, - 5.4 A, 450 m
Description
This P-Channel enhancement mode power MOSFET is
produced using Fairchild Semiconductor®’s proprietary
planar stripe and DMOS technology. This advanced
MOSFET technology has been especially tailored to reduce
on-state resistance, and to provide superior switching
performance and high avalanche energy strength. These
devices are suitable for switched mode power supplies,
audio amplifier, DC motor control, and variable switching
power applications.
Features
• - 5.4 A, - 60 V, RDS(on) = 450 m (Max.) @ VGS = - 10 V,
ID = - 2.7 A
• Low Gate Charge (Typ. 6.3 nC)
• Low Crss (Typ. 25 pF)
• 100% Avalanche Tested
Absolute Maximum Ratings T
C = 25°C unless otherwise noted
Thermal Characteristics
Symbol
Parameter
FQD7P06
Unit
VDSS
Drain-Source Voltage
-60
V
ID
Drain Current
- Continuous (TC = 25°C)
-5.4
A
- Continuous (TC = 100°C)
-3.42
A
IDM
Drain Current
- Pulsed
(Note 1)
-21.6
A
VGSS
Gate-Source Voltage
 25
V
EAS
Single Pulsed Avalanche Energy
(Note 2)
90
mJ
IAR
Avalanche Current
(Note 1)
-5.4
A
EAR
Repetitive Avalanche Energy
(Note 1)
2.8
mJ
dv/dt
Peak Diode Recovery dv/dt
(Note 3)
-7.0
V/ns
PD
Power Dissipation (TA = 25°C) *
2.5
W
Power Dissipation (TC = 25°C)
28
W
- Derate above 25°C
0.22
W/°C
TJ, TSTG
Operating and Storage Temperature Range
-55 to +150
°C
TL
Maximum lead temperature for soldering purposes,
1/8" from case for 5 seconds
300
°C
Symbol
Parameter
FQD7P06
Unit
RJC
Thermal Resistance, Junction-to-Case, Max.
4.5
°C/W
RJA
Thermal Resistance, Junction-to-Ambient *
50
°C/W
RJA
Thermal Resistance, Junction-to-Ambient, Max.
110
°C/W
* When mounted on the minimum pad size recommended (PCB Mount)
S
D
G
S
D
G
D-PAK


同様の部品番号 - FQD7P06

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQD7P06 FAIRCHILD-FQD7P06 Datasheet
665Kb / 9P
   60V P-Channel MOSFET
FQD7P06TF FAIRCHILD-FQD7P06TF Datasheet
543Kb / 8P
   P-Channel QFET MOSFET - 60 V, - 5.4 A, 450 m
More results

同様の説明 - FQD7P06

メーカー部品番号データシート部品情報
logo
Fairchild Semiconductor
FQD7P06TF FAIRCHILD-FQD7P06TF Datasheet
543Kb / 8P
   P-Channel QFET MOSFET - 60 V, - 5.4 A, 450 m
FQB27P06TM FAIRCHILD-FQB27P06TM Datasheet
1Mb / 8P
   P-Channel QFET짰 MOSFET -60 V, -27 A, 70 m廓
FQPF47P06YDTU FAIRCHILD-FQPF47P06YDTU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -30 A, 26 m廓
FQD11P06TM FAIRCHILD-FQD11P06TM Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -9.4 A, 185 m廓
FQU17P06TU FAIRCHILD-FQU17P06TU Datasheet
1Mb / 9P
   P-Channel QFET짰 MOSFET -60 V, -12 A, 135 m廓
FQB5N90TM FAIRCHILD-FQB5N90TM Datasheet
785Kb / 8P
   N-Channel QFET짰 MOSFET 900 V, 5.4 A, 2.3 廓
FQD20N06LTM FAIRCHILD-FQD20N06LTM Datasheet
1Mb / 8P
   N-Channel QFET짰 MOSFET 60 V, 17.2 A, 42 m廓
FQI50N06TU FAIRCHILD-FQI50N06TU Datasheet
1Mb / 9P
   N-Channel QFET짰 MOSFET 60 V, 50 A, 22 m廓
FQD13N06TM FAIRCHILD-FQD13N06TM Datasheet
803Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 10 A, 140 m廓
FQT13N06LTF FAIRCHILD-FQT13N06LTF Datasheet
760Kb / 8P
   N-Channel QFET짰 MOSFET 60 V, 2.8 A, 140 m廓
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com