データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

FSBB20CH60SL データシート(PDF) 3 Page - Fairchild Semiconductor

部品番号 FSBB20CH60SL
部品情報  Motion SPM짰 3 Series
Download  14 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  FAIRCHILD [Fairchild Semiconductor]
ホームページ  http://www.fairchildsemi.com
Logo FAIRCHILD - Fairchild Semiconductor

FSBB20CH60SL データシート(HTML) 3 Page - Fairchild Semiconductor

  FSBB20CH60SL Datasheet HTML 1Page - Fairchild Semiconductor FSBB20CH60SL Datasheet HTML 2Page - Fairchild Semiconductor FSBB20CH60SL Datasheet HTML 3Page - Fairchild Semiconductor FSBB20CH60SL Datasheet HTML 4Page - Fairchild Semiconductor FSBB20CH60SL Datasheet HTML 5Page - Fairchild Semiconductor FSBB20CH60SL Datasheet HTML 6Page - Fairchild Semiconductor FSBB20CH60SL Datasheet HTML 7Page - Fairchild Semiconductor FSBB20CH60SL Datasheet HTML 8Page - Fairchild Semiconductor FSBB20CH60SL Datasheet HTML 9Page - Fairchild Semiconductor Next Button
Zoom Inzoom in Zoom Outzoom out
 3 / 14 page
background image
©2006 Fairchild Semiconductor Corporation
3
www.fairchildsemi.com
FSBB20CH60 Rev. C6
Pin Descriptions
Pin Number
Pin Name
Pin Description
1VCC(L)
Low-Side Common Bias Voltage for IC and IGBTs Driving
2
COM
Common Supply Ground
3IN(UL)
Signal Input for Low-Side U-Phase
4IN(VL)
Signal Input for Low-Side V-Phase
5IN(WL)
Signal Input for Low-Side W-Phase
6VFO
Fault Output
7CFOD
Capacitor for Fault Output Duration Selection
8CSC
Capacitor (Low-pass Filter) for Short-Circuit Current Detection Input
9IN(UH)
Signal Input for High-Side U-Phase
10
VCC(UH)
High-Side Bias Voltage for U-Phase IC
11
VB(U)
High-Side Bias Voltage for U-Phase IGBT Driving
12
VS(U)
High-Side Bias Voltage Ground for U-Phase IGBT Driving
13
IN(VH)
Signal Input for High-Side V-Phase
14
VCC(VH)
High-Side Bias Voltage for V-Phase IC
15
VB(V)
High-Side Bias Voltage for V-Phase IGBT Driving
16
VS(V)
High-Side Bias Voltage Ground for V-Phase IGBT Driving
17
IN(WH)
Signal Input for High-Side W Phase
18
VCC(WH)
High-Side Bias Voltage for W-Phase IC
19
VB(W)
High-Side Bias Voltage for W-Phase IGBT Driving
20
VS(W)
High-Side Bias Voltage Ground for W-Phase IGBT Driving
21
NU
Negative DC-Link Input for U-Phase
22
NV
Negative DC-Link Input for V-Phase
23
NW
Negative DC-Link Input for W-Phase
24
U
Output for U-Phase
25
V
Output for V-Phase
26
W
Output for W-Phase
27
P
Positive DC-Link Input


同様の部品番号 - FSBB20CH60SL

メーカー部品番号データシート部品情報
logo
Etron Technology, Inc.
FSBB20CH60 ETRON-FSBB20CH60 Datasheet
544Kb / 16P
   Smart Power Module
logo
Fairchild Semiconductor
FSBB20CH60 FAIRCHILD-FSBB20CH60 Datasheet
544Kb / 16P
   Smart Power Module
FSBB20CH60BT FAIRCHILD-FSBB20CH60BT Datasheet
414Kb / 17P
   Smart Power Module
FSBB20CH60C FAIRCHILD-FSBB20CH60C Datasheet
470Kb / 17P
   Smart Power Module
FSBB20CH60C FAIRCHILD-FSBB20CH60C Datasheet
698Kb / 17P
   Smart Power Module
More results

同様の説明 - FSBB20CH60SL

メーカー部品番号データシート部品情報
logo
ON Semiconductor
FSBB30CH60F ONSEMI-FSBB30CH60F Datasheet
1Mb / 15P
   Motion SPM짰 3 Series
December-2017, Rev. 3
FSBB20CH60C ONSEMI-FSBB20CH60C Datasheet
662Kb / 16P
   Motion SPM짰 3 Series
February 2016 Rev. 1.6
FNF51060TD1 ONSEMI-FNF51060TD1 Datasheet
546Kb / 17P
   Motion SPM짰 55 Series
April 2017 Rev. 1.1
logo
Fairchild Semiconductor
FSB50450AS FAIRCHILD-FSB50450AS Datasheet
611Kb / 10P
   FSB50450AS Motion SPM짰 5 Series
logo
ON Semiconductor
FNA23512A ONSEMI-FNA23512A Datasheet
945Kb / 14P
   1200 V Motion SPM짰 2 Series
October-2017,Rev.3
FSBB20CH60D ONSEMI-FSBB20CH60D Datasheet
758Kb / 17P
   Motion SPM 3 Series
August 2015 Rev. 1.0
FSBB30CH60CT ONSEMI-FSBB30CH60CT Datasheet
784Kb / 17P
   Motion SPM 3 Series
January 2014 Rev. C3
logo
Fairchild Semiconductor
FSBB30CH60D FAIRCHILD-FSBB30CH60D Datasheet
1Mb / 15P
   Motion SPMR 3 Series
logo
ON Semiconductor
FNB34060T6 ONSEMI-FNB34060T6_V01 Datasheet
731Kb / 16P
   Motion SPM 3 Series
April, 2019 - Rev. 2
logo
Fairchild Semiconductor
FNB33060T FAIRCHILD-FNB33060T Datasheet
1Mb / 15P
   Motion SPMR 3 Series
More results


Html Pages

1 2 3 4 5 6 7 8 9 10 11 12 13 14


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com