データシートサーチシステム
  Japanese  ▼
ALLDATASHEET.JP

X  

LAW005B データシート(PDF) 6 Page - Lineage Power Corporation

部品番号 LAW005B
部品情報  LAW005-Series Power Modules dc-dc Converters 36 Vdc to 75 Vdc Input 5 W
Download  8 Pages
Scroll/Zoom Zoom In 100%  Zoom Out
メーカー  LINEAGEPOWER [Lineage Power Corporation]
ホームページ  http://www.lineagepower.com
Logo LINEAGEPOWER - Lineage Power Corporation

LAW005B データシート(HTML) 6 Page - Lineage Power Corporation

  LAW005B Datasheet HTML 1Page - Lineage Power Corporation LAW005B Datasheet HTML 2Page - Lineage Power Corporation LAW005B Datasheet HTML 3Page - Lineage Power Corporation LAW005B Datasheet HTML 4Page - Lineage Power Corporation LAW005B Datasheet HTML 5Page - Lineage Power Corporation LAW005B Datasheet HTML 6Page - Lineage Power Corporation LAW005B Datasheet HTML 7Page - Lineage Power Corporation LAW005B Datasheet HTML 8Page - Lineage Power Corporation  
Zoom Inzoom in Zoom Outzoom out
 6 / 8 page
background image
6
Lineage Power
LAW005-Series Power Modules; dc-dc Converters:
Data Sheet
36 Vdc to 75 Vdc Input; 5 W
April 2008
Outline Diagram
Dimensions are in millimeters and (inches).
Tolerances: x.x mm ± 0.5 mm (x.xx in. ± 0.02 in.)
x.xx mm ± 0.25 mm (x.xxx in. ± 0.010 in.)
1-0307-1-0309
Note: Pinouts are numbered to fit in a standard 24-pin DIP footprint.
* Note insulation thickness when considering clearance from the PWB traces to the metal case.
† Lead trim option: 2.8 mm ± 0.25 mm (0.110 in. ± 0.010 in.).
Top View
Side View
Bottom View
20.3
(0.80)
31.8(1.25)
WHITE DOT
+
-
IN
+
-
OUT
IN: DC 36-75V 0.25A
OUT: DC 5V 1A
LAW005A
4.6
(0.18)
0.25 (0.01)
MIN
3.0 (0.12)
MIN†
0.5 x 0.3
(0.020 x 0.012)
SOLDER-PLATED BRASS,
10 PLACES
0.4
(0.016) TYP
PLASTIC
INSULATOR *
METAL
CASE
10.2 (0.40)
MAX
10.7
(0.42)
2.54
(0.100)
STANDOFF DIAMETER
0.90 (0.036) TYP,
4 PLACES
23
9 10 11
23 22
1615 14
22.9 (0.900)
15.24
(0.600)
15.24
(0.600)
4.6
(0.18)
2.54
(0.100)
11.0 (0.43)
Pin Single
Duals
2VI(–)
VI(–)
3VI(–)
VI(–)
9NC
Common
10
NC
NC
11
NC
VO(–)
14
VO(+)
VO(+)
15
NC
NC
16
VO(–)
Common
22
VI(+)
VI(+)
23
VI(+)
VI(+)
† No connection.


同様の部品番号 - LAW005B

メーカー部品番号データシート部品情報
logo
OSRAM GmbH
LAW51M OSRAM-LAW51M Datasheet
400Kb / 15P
   white SMD package, colorless clear silicone resin with optic
LAW57B OSRAM-LAW57B Datasheet
491Kb / 15P
   Lead (Pb) Free Product - RoHS Compliant
LAW5AM OSRAM-LAW5AM Datasheet
625Kb / 16P
   white SMD package, colorless clear silicone resin, clear silicone lens
LAW5AP OSRAM-LAW5AP Datasheet
602Kb / 15P
   black SMD package, colorless clear silicone resin, silicone lense
LAW5SM OSRAM-LAW5SM Datasheet
615Kb / 21P
   LCD Backlighting
More results

同様の説明 - LAW005B

メーカー部品番号データシート部品情報
logo
Tyco Electronics
JW150A MACOM-JW150A Datasheet
1Mb / 20P
   Power Modules: dc-dc Converters; 36 to 75 Vdc Input, 5 Vdc Output; 50 W to 150 W
logo
Lineage Power Corporati...
JAW050A1 LINEAGEPOWER-JAW050A1 Datasheet
435Kb / 16P
   JAW050A and JAW075A Power Modules; dc-dc Converters 36 Vdc to 75 Vdc Input, 5 Vdc Output; 50 W to 75 W
FW300A1 LINEAGEPOWER-FW300A1 Datasheet
599Kb / 20P
   dc-dc Converters 36 to 75 Vdc Input, 5 Vdc Output 250 W to 300 W
FW300B1 LINEAGEPOWER-FW300B1 Datasheet
562Kb / 20P
   FW250B1 and FW300B1 Power Modules: dc-dc Converters: 36 Vdc to 75 Vdc Input, 12 Vdc Output; 250 W to 300 W
JW050F1 LINEAGEPOWER-JW050F1 Datasheet
838Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 3.3 Vdc Output; 33 W to 99 W
JW050B1 LINEAGEPOWER-JW050B1 Datasheet
573Kb / 20P
   dc-dc Converters; 36 to 75 Vdc Input, 12 Vdc Output; 50 W to 150 W
logo
General Semiconductor
DW025AJ-M GE-DW025AJ-M Datasheet
719Kb / 20P
   DW025 Dual Output-Series Power Modules: dc-dc Converters 36 Vdc to 75 Vdc Input; Dual Outputs; 25 W
logo
List of Unclassifed Man...
FC150A ETC-FC150A Datasheet
1Mb / 14P
   POWER MODULE : DC-DC CONVERTERS ; 18 VDC TO 36 VDC INPUT, 5 VDC OUTPUT;50W TO 150W
logo
Lineage Power Corporati...
JBW050A1 LINEAGEPOWER-JBW050A1 Datasheet
294Kb / 16P
   36 to 75 Vdc Input, 5 Vdc Output; 50 W
logo
List of Unclassifed Man...
FC050S6R5 ETC1-FC050S6R5 Datasheet
1Mb / 14P
   POWER MODULES: DC-DC CONVERTERS; 18 TO 36 VDC INPUT, 6.5VDC OUTPUT; 50 W TO 150W
More results


Html Pages

1 2 3 4 5 6 7 8


データシート ダウンロード

Go To PDF Page


リンク URL




プライバシーポリシー
ALLDATASHEET.JP
ALLDATASHEETはお客様のビジネスに役立ちますか?  [ DONATE ] 

Alldatasheetは   |   広告   |   お問い合わせ   |   プライバシーポリシー   |   リンク交換   |   メーカーリスト
All Rights Reserved©Alldatasheet.com


Mirror Sites
English : Alldatasheet.com  |   English : Alldatasheet.net  |   Chinese : Alldatasheetcn.com  |   German : Alldatasheetde.com  |   Japanese : Alldatasheet.jp
Russian : Alldatasheetru.com  |   Korean : Alldatasheet.co.kr  |   Spanish : Alldatasheet.es  |   French : Alldatasheet.fr  |   Italian : Alldatasheetit.com
Portuguese : Alldatasheetpt.com  |   Polish : Alldatasheet.pl  |   Vietnamese : Alldatasheet.vn
Indian : Alldatasheet.in  |   Mexican : Alldatasheet.com.mx  |   British : Alldatasheet.co.uk  |   New Zealand : Alldatasheet.co.nz
Family Site : ic2ic.com  |   icmetro.com